Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEF6902A Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TEF6902A
Description  Integrated car radio
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEF6902A Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TEF6902A_15 Datasheet HTML 6Page - NXP Semiconductors TEF6902A_15 Datasheet HTML 7Page - NXP Semiconductors TEF6902A_15 Datasheet HTML 8Page - NXP Semiconductors TEF6902A_15 Datasheet HTML 9Page - NXP Semiconductors TEF6902A_15 Datasheet HTML 10Page - NXP Semiconductors TEF6902A_15 Datasheet HTML 11Page - NXP Semiconductors TEF6902A_15 Datasheet HTML 12Page - NXP Semiconductors TEF6902A_15 Datasheet HTML 13Page - NXP Semiconductors TEF6902A_15 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 106 page
background image
TEF6902A_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 19 March 2008
10 of 106
NXP Semiconductors
TEF6902A
Integrated car radio
7.21 FM stereo decoder
A low-pass filter provides additional suppression of high frequency interferences at the
stereo decoder input and the necessary signal delay for FM noise blanking.
The MPX signal is decoded in the stereo decoder part. An integrated oscillator and pilot
PLL is used for the regeneration of the 38 kHz subcarrier. The required 19 kHz
and 38 kHz signals are generated by division of the oscillator output signal in logic
circuitry.
By means of a 19 kHz quadrature detector the pilot PLL oscillator frequency is locked to
the incoming 19 kHz stereo pilot. A pilot level voltage derived from a 19 kHz in-phase
detector is used for stereo detection and for generation of an anti-phase 19 kHz signal to
remove the pilot tone from the audio signal.
The signal is then decoded in the decoder part. The L-R side signal is demodulated using
the 38 kHz subcarrier and combined with the main signal to the left and right audio
channel. A fine adjustment is done by adjusting the gain of the L-R signal. A smooth mono
to stereo takeover is achieved by controlling the efficiency of the matrix by the Stereo
Noise Control (SNC) signal from the weak signal processing block.
7.22 FM and AM AF noise blanker
The FM or AM tuner operation selects between two noise blanker operations optimized for
FM or AM ignition noise suppression.
In FM mode the noise blanker operates as a modified sample and hold circuit with
ultrasonic noise detection on MPX and detection of noise spikes on level.
In AM mode the audio signal is muted during the interference pulse triggered by slew-rate
detection of the audio signal.
7.23 Fixed high cut and high cut control
The high cut part is a low-pass filter circuit with seven bandwidth settings. The cut-off
frequencies of the filter curves can be selected to match different application requirements
(fixed high cut).
The high cut circuit also provides a dynamic control of the filter response, the High Cut
Control (HCC). This function is controlled by the HCC signal from the weak signal
processing.
7.24 De-emphasis
The signal passes the low-pass filter de-emphasis block and is then fed to the source
selector. The de-emphasis time constant can be selected between the standards of 50
µs
and 75
µs.
7.25 Weak signal processing
The weak signal processing block detects quality degradations in the incoming signal and
controls the processing of the audio signal accordingly. The weak signal processing block
has three different quality criteria: The average value of the level voltage, AM components
on the level voltage (WAM = wideband AM) and high frequency components in the MPX
signal (USN = ultrasonic noise).


Similar Part No. - TEF6902A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEF6902AH NXP-TEF6902AH Datasheet
504Kb / 106P
   Integrated car radio
Rev. 03-19 March 2008
More results

Similar Description - TEF6902A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEF6903A NXP-TEF6903A Datasheet
521Kb / 110P
   Integrated car radio
Rev. 03-3 April 2008
TEF6902A NXP-TEF6902A Datasheet
504Kb / 106P
   Integrated car radio
Rev. 03-19 March 2008
TEF6904A NXP-TEF6904A Datasheet
512Kb / 108P
   Integrated car radio
Rev. 03-20 March 2008
TEF6901A NXP-TEF6901A Datasheet
511Kb / 107P
   Integrated car radio
Rev. 03-20 March 2008
TEF6892H PHILIPS-TEF6892H Datasheet
325Kb / 59P
   Car radio integrated signal processor
2003 Oct 21
TEF6894H PHILIPS-TEF6894H Datasheet
319Kb / 55P
   Car radio integrated signal processor
2003 Oct 21
TEF6890H PHILIPS-TEF6890H Datasheet
312Kb / 55P
   Car radio integrated signal processor
2003 Oct 21
logo
NTE Electronics
NTE1290 NTE-NTE1290 Datasheet
21Kb / 2P
   Integrated Circuit AM Tuner for Car Radio
NTE1533 NTE-NTE1533 Datasheet
81Kb / 4P
   Integrated Circuit AM Tuner for Car Radio
NTE1170 NTE-NTE1170 Datasheet
20Kb / 2P
   Integrated Circuit Dual Preamp for Car Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com