Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEF6862 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TEF6862
Description  Car Radio Enhanced Selectivity Tuner (CREST)
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEF6862 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TEF6862_15 Datasheet HTML 3Page - NXP Semiconductors TEF6862_15 Datasheet HTML 4Page - NXP Semiconductors TEF6862_15 Datasheet HTML 5Page - NXP Semiconductors TEF6862_15 Datasheet HTML 6Page - NXP Semiconductors TEF6862_15 Datasheet HTML 7Page - NXP Semiconductors TEF6862_15 Datasheet HTML 8Page - NXP Semiconductors TEF6862_15 Datasheet HTML 9Page - NXP Semiconductors TEF6862_15 Datasheet HTML 10Page - NXP Semiconductors TEF6862_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 65 page
background image
TEF6862_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 14 September 2006
7 of 65
Philips Semiconductors
TEF6862
Car Radio Enhanced Selectivity Tuner (CREST)
7.
Functional description
7.1 FM mixer 1
The FM quadrature mixer converts FM RF (65 MHz to 108 MHz and 162.4 MHz to
162.55 MHz) to an IF of 10.7 MHz. The FM mixer provides inherent image rejection and a
large dynamic range. The image rejection can be switched from low injection LO to high
injection LO via the I2C-bus independently of the band selection. The gain can be
increased by 6 dB via the I2C-bus.
7.2 FM RF AGC
AGC detection at the FM front-end mixer input with programmable threshold. When the
threshold is exceeded, the PIN diode drive circuit sources a current to an external PIN
diode circuit, keeping the mixer input signal level constant.
Keyed AGC function is selectable via the I2C-bus and uses the in-band level information
derived from the limiter level detector.
The AGC PIN diode drive circuit can be forced via the I2C-bus to deliver a fixed current as
a local function for search tuning. In AM mode, the AGC PIN diode drive circuit can also
be forced via the I2C-bus to deliver the maximum source current into the external FM PIN
diode circuitry. AGC information is available via the I2C-bus.
7.3 FM mixer 2
The FM quadrature mixer converts 10.7 MHz FM IF1 to 450 kHz FM IF2 and includes
inherent image rejection. The gain can be selected via I2C-bus to compensate for different
ceramic filter insertion loss.
AFSAMPLE
51
AF sample flag output
AFHOLD
52
AF hold flag output and input
MPXAM
53
not muted FM or AM demodulator output and IF output for AM
stereo
MUTIN
54
input of tuning mute circuit
MUTMPXAM
55
FM MPX output or AM output from tuning mute
LEVEL
56
level voltage output for AM and FM
SWPORT2
57
software port output 2
DGND
58
digital ground
SDA
59
I2C-bus data line input and output
SCL
60
I2C-bus clock line input
ADDR
61
address select
i.c.
62
internally connected
XTAL2
63
crystal oscillator 2
XTAL1
64
crystal oscillator 1
Table 3.
Pin description …continued
Symbol
Pin
Description


Similar Part No. - TEF6862_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEF6862HL PHILIPS-TEF6862HL Datasheet
1Mb / 65P
   Car Radio Enhanced Selectivity Tuner (CREST)
Rev. 01-14 September 2006
More results

Similar Description - TEF6862_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEF6862 PHILIPS-TEF6862 Datasheet
1Mb / 65P
   Car Radio Enhanced Selectivity Tuner (CREST)
Rev. 01-14 September 2006
logo
STMicroelectronics
TDA7512F STMICROELECTRONICS-TDA7512F Datasheet
633Kb / 45P
   FM car-radio tuner IC with intelligent selectivity system (ISS)
TDA7512 STMICROELECTRONICS-TDA7512 Datasheet
761Kb / 42P
   AM/FM CAR RADIO TUNER IC WITH INTELLIGENT SELECTIVITY SYSTEM ISS
TDA7541B STMICROELECTRONICS-TDA7541B Datasheet
935Kb / 77P
   AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
TDA7540N STMICROELECTRONICS-TDA7540N Datasheet
1Mb / 76P
   AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system (ISS)
TDA7541 STMICROELECTRONICS-TDA7541 Datasheet
872Kb / 76P
   AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
logo
Hitachi Semiconductor
HA1199 HITACHI-HA1199 Datasheet
585Kb / 7P
   AM Tuner for Car Radio
logo
Sanyo Semicon Device
LA1130 SANYO-LA1130 Datasheet
216Kb / 5P
   AM Tuner for Car Radio
logo
STMicroelectronics
TDA7540B STMICROELECTRONICS-TDA7540B Datasheet
1Mb / 75P
   AM/FM Car Radio Tuner IC with Stereo Decoder and Intelligent Selectivity System (ISS)
logo
Sanyo Semicon Device
LA1867NM SANYO-LA1867NM Datasheet
941Kb / 32P
   Car Radio Single-Chip Tuner System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com