Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2735YQMFX/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LM2735YQMFX/NOPB
Description  LM2735-xx 520-kHz and 1.6-MHz Space-Efficient Boost and SEPIC DC-DC Regulator
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2735YQMFX/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM2735YQMFX/NOPB Datasheet HTML 1Page - Texas Instruments LM2735YQMFX/NOPB Datasheet HTML 2Page - Texas Instruments LM2735YQMFX/NOPB Datasheet HTML 3Page - Texas Instruments LM2735YQMFX/NOPB Datasheet HTML 4Page - Texas Instruments LM2735YQMFX/NOPB Datasheet HTML 5Page - Texas Instruments LM2735YQMFX/NOPB Datasheet HTML 6Page - Texas Instruments LM2735YQMFX/NOPB Datasheet HTML 7Page - Texas Instruments LM2735YQMFX/NOPB Datasheet HTML 8Page - Texas Instruments LM2735YQMFX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
LM2735, LM2735-Q1
www.ti.com
SNVS485G – JUNE 2007 – REVISED AUGUST 2015
Thermal Information (continued)
LM2735, LM2735-Q1
LM2735
NGG (WSON)
DBV (SOT-23)
DGN (MSOP-
THERMAL METRIC(1)
UNIT
PowerPAD)
6 PINS
5 PINS
8 PINS
ψJT
Junction-to-top characterization parameter
0.7
12.8
2.7
°C/W
ψJB
Junction-to-board characterization parameter
29.4
26.5
35.6
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
9.3
N/A
7.3
°C/W
6.6 Electrical Characteristics
Limits are for TJ = 25°C. Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical
values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. VIN = 5 V unless
otherwise indicated under the Conditions column.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
TJ = 25°C
1.255
–40°C
≤ to TJ ≤ 125°C (SOT-23)
TJ = –40°C to 125°C
1.23
1.28
TJ = 25°C
1.255
0°C
≤ to TJ ≤ 125°C (SOT-23)
TJ = –40°C to 125°C
1.236
1.274
TJ = 25°C
1.255
–40°C
≤ to TJ ≤ 125°C (WSON)
TJ = –40°C to 125°C
1.225
1.285
VFB
Feedback Voltage
V
TJ = 25°C
1.255
–0°C
≤ to TJ ≤ 125°C (WSON)
TJ = –40°C to 125°C
1.229
1.281
TJ = 25°C
1.255
–40°C
≤ to TJ ≤ 125°C
(MSOP-PowerPAD)
TJ = –40°C to 125°C
1.22
1.29
TJ = 25°C
1.255
0°C
≤ to TJ ≤ 125°C (MSOP-
PowerPAD)
TJ = –40°C to 125°C
1.23
1.28
Feedback Voltage Line
ΔVFB/VIN
VIN = 2.7 V to 5.5 V
0.06
%/V
Regulation
TJ = 25°C
0.1
Feedback Input Bias
IFB
µA
Current
TJ = –40°C to 125°C
1
TJ = 25°C
1600
LM2735-X
TJ = –40°C to 125°C
1200
2000
FSW
Switching Frequency
kHz
TJ = 25°C
520
LM2735-Y
TJ = –40°C to 125°C
360
680
TJ = 25°C
96%
LM2735-X
TJ = –40°C to 125°C
88%
DMAX
Maximum Duty Cycle
TJ = 25°C
99%
LM2735-Y
TJ = –40°C to 125°C
91%
LM2735-X
5%
DMIN
Minimum Duty Cycle
LM2735-Y
2%
TJ = 25°C
170
SOT-23 and MSOP-PowerPAD
TJ = –40°C to 125°C
330
RDS(ON)
Switch ON-Resistance
m
TJ = 25°C
190
WSON
TJ = –40°C to 125°C
350
TJ = 25°C
3
ICL
Switch Current Limit
A
TJ = –40°C to 125°C
2.1
SS
Soft Start
4
ms
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2735 LM2735-Q1


Similar Part No. - LM2735YQMFX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2735YQMFX/NOPB TI1-LM2735YQMFX/NOPB Datasheet
1Mb / 58P
[Old version datasheet]   LM2735/LM2735-Q1 520kHz/1.6MHz ??Space-Efficient Boost and SEPIC DC-DC Regulator
More results

Similar Description - LM2735YQMFX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2735 TI1-LM2735 Datasheet
1Mb / 58P
[Old version datasheet]   LM2735/LM2735-Q1 520kHz/1.6MHz ??Space-Efficient Boost and SEPIC DC-DC Regulator
logo
National Semiconductor ...
LM2735 NSC-LM2735_08 Datasheet
746Kb / 42P
   520kHz/1.6MHz - Space-Efficient Boost and SEPIC DC-DC Regulator
LM2735 NSC-LM2735 Datasheet
760Kb / 38P
   520kHz/1.6MHz - Space-Efficient Boost and SEPIC DC-DC Regulator
logo
Infineon Technologies A...
TLD5098EL INFINEON-TLD5098EL Datasheet
1Mb / 39P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.0, 2010-10-13
TLD5095EL INFINEON-TLD5095EL Datasheet
1Mb / 31P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.1, 2009-12-16
logo
Texas Instruments
TPS55330 TI-TPS55330 Datasheet
1Mb / 27P
[Old version datasheet]   Integrated 5-A 24-V Boost/SEPIC/Flyback DC-DC Regulator
logo
Linear Technology
LT8570 LINER-LT8570_15 Datasheet
663Kb / 34P
   Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
LT8570-1 LINER-LT8570-1_15 Datasheet
663Kb / 34P
   Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
logo
Texas Instruments
LM3481 TI-LM3481_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM3481 / -Q1 High-Efficiency Controller for Boost, SEPIC and Flyback DC-DC Converters
TPS55330 TI-TPS55330_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS55330 Integrated 5-A, 24-V Boost/SEPIC/Flyback DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com