Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2735XSD/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM2735XSD/NOPB
Description  LM2735-xx 520-kHz and 1.6-MHz Space-Efficient Boost and SEPIC DC-DC Regulator
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2735XSD/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM2735XSD/NOPB Datasheet HTML 1Page - Texas Instruments LM2735XSD/NOPB Datasheet HTML 2Page - Texas Instruments LM2735XSD/NOPB Datasheet HTML 3Page - Texas Instruments LM2735XSD/NOPB Datasheet HTML 4Page - Texas Instruments LM2735XSD/NOPB Datasheet HTML 5Page - Texas Instruments LM2735XSD/NOPB Datasheet HTML 6Page - Texas Instruments LM2735XSD/NOPB Datasheet HTML 7Page - Texas Instruments LM2735XSD/NOPB Datasheet HTML 8Page - Texas Instruments LM2735XSD/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 59 page
background image
1
2
3
6
5
4
AGND
FB
SW
VIN
EN
PGND
1
2
3
7
6
4
AGND
FB
SW
VIN
EN
PGND
5
8
NC
NC
2
1
3
5
4
EN
GND
FB
VIN
SW
LM2735, LM2735-Q1
www.ti.com
SNVS485G – JUNE 2007 – REVISED AUGUST 2015
5 Pin Configuration and Functions
DBV Package
DGN Package
5-Pin SOT-23
8-Pin MSOP-PowerPAD
Top View
Top View
NGG Package
6-Pin WSON
Top View
Pin Functions
PIN
I/O
DESCRIPTION
MSOP-
NAME
SOT-23
WSON
PowerPAD
Signal ground pin. Place the bottom resistor of the feedback network as
close as possible to this pin and pin 4.
AGND
5
6
PWR
For MSOP-PowerPAD, place the bottom resistor of the feedback
network as close as possible to this pin and pin 5
Shutdown control input. Logic high enables operation. Do not allow this
EN
4
3
4
I
pin to float or be greater than VIN + 0.3 V.
Feedback pin. Connect FB to external resistor-divider to set output
FB
3
4
5
I
voltage.
Signal and power ground pin. Place the bottom resistor of the feedback
network as close as possible to this pin.
GND
2
DAP
DAP
PWR
For WSON, connect to pin 1 and pin 5 on top layer. Place 4-6 vias from
DAP to bottom layer GND plane.
NC
1, 8
No Connect
Power ground pin. Place PGND and output capacitor GND close
PGND
1
2
PWR
together.
SW
1
6
7
O
Output switch. Connect to the inductor, output diode.
VIN
5
2
3
PWR
Supply voltage for power stage, and input supply voltage.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2735 LM2735-Q1


Similar Part No. - LM2735XSD/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2735XSD/NOPB TI1-LM2735XSD/NOPB Datasheet
1Mb / 58P
[Old version datasheet]   LM2735/LM2735-Q1 520kHz/1.6MHz ??Space-Efficient Boost and SEPIC DC-DC Regulator
More results

Similar Description - LM2735XSD/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2735 TI1-LM2735 Datasheet
1Mb / 58P
[Old version datasheet]   LM2735/LM2735-Q1 520kHz/1.6MHz ??Space-Efficient Boost and SEPIC DC-DC Regulator
logo
National Semiconductor ...
LM2735 NSC-LM2735_08 Datasheet
746Kb / 42P
   520kHz/1.6MHz - Space-Efficient Boost and SEPIC DC-DC Regulator
LM2735 NSC-LM2735 Datasheet
760Kb / 38P
   520kHz/1.6MHz - Space-Efficient Boost and SEPIC DC-DC Regulator
logo
Infineon Technologies A...
TLD5098EL INFINEON-TLD5098EL Datasheet
1Mb / 39P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.0, 2010-10-13
TLD5095EL INFINEON-TLD5095EL Datasheet
1Mb / 31P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.1, 2009-12-16
logo
Texas Instruments
TPS55330 TI-TPS55330 Datasheet
1Mb / 27P
[Old version datasheet]   Integrated 5-A 24-V Boost/SEPIC/Flyback DC-DC Regulator
logo
Linear Technology
LT8570 LINER-LT8570_15 Datasheet
663Kb / 34P
   Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
LT8570-1 LINER-LT8570-1_15 Datasheet
663Kb / 34P
   Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
logo
Texas Instruments
LM3481 TI-LM3481_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM3481 / -Q1 High-Efficiency Controller for Boost, SEPIC and Flyback DC-DC Converters
TPS55330 TI-TPS55330_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS55330 Integrated 5-A, 24-V Boost/SEPIC/Flyback DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com