Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD97394Q4MT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CSD97394Q4MT
Description  CSD97394Q4M Synchronous Buck NexFET Power Stage
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD97394Q4MT Datasheet(HTML) 4 Page - Texas Instruments

  CSD97394Q4MT Datasheet HTML 1Page - Texas Instruments CSD97394Q4MT Datasheet HTML 2Page - Texas Instruments CSD97394Q4MT Datasheet HTML 3Page - Texas Instruments CSD97394Q4MT Datasheet HTML 4Page - Texas Instruments CSD97394Q4MT Datasheet HTML 5Page - Texas Instruments CSD97394Q4MT Datasheet HTML 6Page - Texas Instruments CSD97394Q4MT Datasheet HTML 7Page - Texas Instruments CSD97394Q4MT Datasheet HTML 8Page - Texas Instruments CSD97394Q4MT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
CSD97394Q4M
SLPS542 – JANUARY 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1)
TA = 25°C (unless otherwise noted)
MIN
MAX
UNIT
VIN to PGND
–0.3
30
V
VSW to PGND , VIN to VSW
–0.3
30
V
VSW to PGND, VIN to VSW (<10 ns)
–7
33
V
VDD to PGND
–0.3
6
V
PWM, SKIP# to PGND
–0.3
6
V
BOOT to PGND
–0.3
35
V
BOOT to PGND (<10 ns)
–2
38
V
BOOT to BOOT_R
–0.3
6
V
BOOT to BOOT_R (duty cycle <0.2%)
8
V
PD
Power dissipation
8
W
TJ
Operating temperature range
–40
150
°C
Tstg
Storage temperature range
–55
150
°C
(1)
Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only
and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to Absolute Maximum rated conditions for extended periods may affect device reliability.
6.2 ESD Ratings
VALUE
UNIT
Human Body Model (HBM)(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged Device Model (CDM)(2)
±500
(1)
JEDEC document JEP155 states that 500 V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250 V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
TA = 25° (unless otherwise noted)
MIN
MAX
UNIT
VDD
Gate drive voltage
4.5
5.5
V
VIN
Input supply voltage(1)
24
V
IOUT
Continuous output current
VIN = 12 V, VDD = 5 V, VOUT = 1.8 V,
20
A
ƒSW = 500 kHz, LOUT = 0.29 µH
(2)
IOUT-PK
Peak output current(3)
45
A
ƒSW
Switching frequency
CBST = 0.1 µF (min)
2000
kHz
On time duty cycle
85%
Minimum PWM on time
40
ns
Operating temperature
–40
125
°C
(1)
Operating at high VIN can create excessive AC voltage overshoots on the switch node (VSW) during MOSFET switching transients. For
reliable operation, the switch node (VSW) to ground voltage must remain at or below the Absolute Maximum Ratings.
(2)
Measurement made with six 10 µF (TDK C3216X5R1C106KT or equivalent) ceramic capacitors placed across VIN to PGND pins.
(3)
System conditions as defined in Note 2. Peak Output Current is applied for tp = 10 ms, duty cycle ≤ 1%
6.4 Thermal Information
TA = 25°C (unless otherwise noted)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJC
Junction-to-case (top of package) thermal resistance(1)
22.8
°C/W
RθJB
Junction-to-board thermal resistance(2)
2.5
(1)
RθJC is determined with the device mounted on a 1 inch² (6.45 cm²), 2 oz (0.071 mm thick) Cu pad on a 1.5 inch x 1.5 inch, 0.06 inch
(1.52 mm) thick FR4 board.
(2)
RθJB value based on hottest board temperature within 1mm of the package.
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated


Similar Part No. - CSD97394Q4MT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD97395Q4M TI-CSD97395Q4M Datasheet
996Kb / 22P
[Old version datasheet]   CSD97395Q4M Synchronous Buck NexFET??Power Stage
CSD97395Q4MT TI-CSD97395Q4MT Datasheet
996Kb / 22P
[Old version datasheet]   CSD97395Q4M Synchronous Buck NexFET??Power Stage
CSD97395Q4M TI-CSD97395Q4M_15 Datasheet
996Kb / 22P
[Old version datasheet]   CSD97395Q4M Synchronous Buck NexFET??Power Stage
CSD97396Q4M TI1-CSD97396Q4M Datasheet
497Kb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD97396Q4MT TI1-CSD97396Q4MT Datasheet
497Kb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
More results

Similar Description - CSD97394Q4MT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD95375Q4M TI-CSD95375Q4M Datasheet
911Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M TI1-CSD97370Q5M Datasheet
923Kb / 22P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
JUNE2011
CSD96370Q5M TI-CSD96370Q5M Datasheet
950Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97396Q4M TI1-CSD97396Q4M Datasheet
497Kb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD97374Q4M TI1-CSD97374Q4M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD96370Q5M TI-CSD96370Q5M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M_1110 TI-CSD97370Q5M_1110 Datasheet
789Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD96371Q5M TI-CSD96371Q5M Datasheet
1Mb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD95372AQ5M TI-CSD95372AQ5M Datasheet
1Mb / 24P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD95373AQ5M TI1-CSD95373AQ5M Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com