Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD95379Q3M Datasheet(PDF) 7 Page - Texas Instruments

Part # CSD95379Q3M
Description  CSD95379Q3M Synchronous Buck NexFET Power Stage
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD95379Q3M Datasheet(HTML) 7 Page - Texas Instruments

Back Button CSD95379Q3M_15 Datasheet HTML 3Page - Texas Instruments CSD95379Q3M_15 Datasheet HTML 4Page - Texas Instruments CSD95379Q3M_15 Datasheet HTML 5Page - Texas Instruments CSD95379Q3M_15 Datasheet HTML 6Page - Texas Instruments CSD95379Q3M_15 Datasheet HTML 7Page - Texas Instruments CSD95379Q3M_15 Datasheet HTML 8Page - Texas Instruments CSD95379Q3M_15 Datasheet HTML 9Page - Texas Instruments CSD95379Q3M_15 Datasheet HTML 10Page - Texas Instruments CSD95379Q3M_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
0
3
6
9
12
15
18
21
24
27
30
200
600
1000
1400
1800
2200
Switching Frequency (kHz)
VIN = 12V
VDD = 5V
VOUT = 1.8V
LOUT = 0.29µH
IOUT = 18A
G000
0
0.5
1
1.5
2
2.5
3
3.5
4
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
−5
−3.8
−2.5
−1.3
0
1.3
2.5
3.8
5
6.3
7.6
Output Voltage (V)
VIN = 12V
VDD = 5V
fSW = 500kHz
LOUT = 0.29µH
IOUT = 18A
G001
0
100 200 300 400 500 600 700 800 900 1000 1100
0.8
0.9
1
1.1
1.2
1.3
1.4
−2.5
−1.2
0
1.2
2.5
3.7
5
Output Inductance (nH)
VIN = 12V
VDD = 5V
VOUT = 1.8V
fSW = 500kHz
IOUT = 18A
G001
CSD95379Q3M
www.ti.com
SLPS446C – APRIL 2014 – REVISED NOVEMBER 2014
Typical Characteristics (continued)
TJ = 125°C, unless stated otherwise. The Typical CSD95379Q3M System Characteristic curves are based on measurements
made on a PCB design with dimensions of 4 inches (W) × 3.5 inches (L) × 0.062 inch (T) and 6 copper layers of 1 oz. copper
thickness. See the Application and Implementation section for detailed explanation.
Figure 7. Normalized Power Loss vs Output Voltage
Figure 8. Normalized Power Loss vs Output Inductance
Figure 9. Driver Current vs Frequency
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: CSD95379Q3M


Similar Part No. - CSD95379Q3M_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD95372AQ5M TI-CSD95372AQ5M Datasheet
1Mb / 24P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD95372AQ5M TI-CSD95372AQ5M_15 Datasheet
1Mb / 26P
[Old version datasheet]   CSD95372AQ5M Synchronous Buck NexFET??Power Stage
CSD95372BQ5M TI1-CSD95372BQ5M Datasheet
796Kb / 13P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95372BQ5MC TI-CSD95372BQ5MC Datasheet
799Kb / 13P
[Old version datasheet]   CSD95372BQ5MC Synchronous Buck NexFET Smart Power Stage
CSD95372BQ5MCT TI-CSD95372BQ5MCT Datasheet
799Kb / 13P
[Old version datasheet]   CSD95372BQ5MC Synchronous Buck NexFET Smart Power Stage
More results

Similar Description - CSD95379Q3M_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD95375Q4M TI-CSD95375Q4M Datasheet
911Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M TI1-CSD97370Q5M Datasheet
923Kb / 22P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
JUNE2011
CSD96370Q5M TI-CSD96370Q5M Datasheet
950Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97396Q4M TI1-CSD97396Q4M Datasheet
497Kb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD97374Q4M TI1-CSD97374Q4M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD96370Q5M TI-CSD96370Q5M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M_1110 TI-CSD97370Q5M_1110 Datasheet
789Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD96371Q5M TI-CSD96371Q5M Datasheet
1Mb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD95372AQ5M TI-CSD95372AQ5M Datasheet
1Mb / 24P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD95373AQ5M TI1-CSD95373AQ5M Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com