Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD95378BQ5MCT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CSD95378BQ5MCT
Description  Synchronous Buck NexFET Smart Power Stage
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD95378BQ5MCT Datasheet(HTML) 10 Page - Texas Instruments

Back Button CSD95378BQ5MCT Datasheet HTML 6Page - Texas Instruments CSD95378BQ5MCT Datasheet HTML 7Page - Texas Instruments CSD95378BQ5MCT Datasheet HTML 8Page - Texas Instruments CSD95378BQ5MCT Datasheet HTML 9Page - Texas Instruments CSD95378BQ5MCT Datasheet HTML 10Page - Texas Instruments CSD95378BQ5MCT Datasheet HTML 11Page - Texas Instruments CSD95378BQ5MCT Datasheet HTML 12Page - Texas Instruments CSD95378BQ5MCT Datasheet HTML 13Page - Texas Instruments CSD95378BQ5MCT Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
6-Jul-2015
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
CSD95378BQ5MC
ACTIVE
VSON-CLIP
DMC
12
2500
Pb-Free (RoHS
Exempt)
CU SN
Level-2-260C-1 YEAR
95378BMC
CSD95378BQ5MCT
ACTIVE
VSON-CLIP
DMC
12
250
Pb-Free (RoHS
Exempt)
CU SN
Level-2-260C-1 YEAR
95378BMC
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.


Similar Part No. - CSD95378BQ5MCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD95378BQ5M TI1-CSD95378BQ5M Datasheet
828Kb / 13P
[Old version datasheet]   CSD95378BQ5M Synchronous Buck NexFET??Smart Power Stage
CSD95378BQ5MT TI1-CSD95378BQ5MT Datasheet
828Kb / 13P
[Old version datasheet]   CSD95378BQ5M Synchronous Buck NexFET??Smart Power Stage
CSD95378BQ5M TI-CSD95378BQ5M_15 Datasheet
800Kb / 13P
[Old version datasheet]   CSD95378BQ5M Synchronous Buck NexFET??Smart Power Stage
CSD95378BQ5M TI1-CSD95378BQ5M_16 Datasheet
828Kb / 13P
[Old version datasheet]   CSD95378BQ5M Synchronous Buck NexFET??Smart Power Stage
More results

Similar Description - CSD95378BQ5MCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD95481RWJ TI1-CSD95481RWJ Datasheet
809Kb / 15P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD96497Q5MC TI1-CSD96497Q5MC Datasheet
249Kb / 11P
[Old version datasheet]   Synchronous buck NexFET smart power stage
CSD95492QVM TI1-CSD95492QVM Datasheet
774Kb / 14P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95495QVM TI1-CSD95495QVM Datasheet
774Kb / 14P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95491Q5MC TI1-CSD95491Q5MC Datasheet
765Kb / 14P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95482RWJ TI1-CSD95482RWJ Datasheet
270Kb / 12P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95472Q5MC TI1-CSD95472Q5MC_16 Datasheet
259Kb / 11P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95372BQ5M TI1-CSD95372BQ5M_16 Datasheet
796Kb / 13P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95490Q5MC TI1-CSD95490Q5MC Datasheet
766Kb / 14P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95480RWJ TI1-CSD95480RWJ Datasheet
816Kb / 15P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com