Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD95373BQ5M Datasheet(PDF) 5 Page - Texas Instruments

Part # CSD95373BQ5M
Description  CSD95373BQ5M Synchronous Buck NexFET??Smart Power Stage
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD95373BQ5M Datasheet(HTML) 5 Page - Texas Instruments

  CSD95373BQ5M_15 Datasheet HTML 1Page - Texas Instruments CSD95373BQ5M_15 Datasheet HTML 2Page - Texas Instruments CSD95373BQ5M_15 Datasheet HTML 3Page - Texas Instruments CSD95373BQ5M_15 Datasheet HTML 4Page - Texas Instruments CSD95373BQ5M_15 Datasheet HTML 5Page - Texas Instruments CSD95373BQ5M_15 Datasheet HTML 6Page - Texas Instruments CSD95373BQ5M_15 Datasheet HTML 7Page - Texas Instruments CSD95373BQ5M_15 Datasheet HTML 8Page - Texas Instruments CSD95373BQ5M_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Load
VCORE_OUT
PWM1
CSP1
VSP
VSN
PWM2
CSP2
PWM3
CSP3
PWM4
CSP4
TPS53661
SDIO
SCLK
ALERT#
To/From
CPU
I2C or
PMBus
(Optional)
SLEW-MODE
ENABLE
VR_RDY
VR_HOT#
VR_FAULT#
ENABLE
GND
^
VR_FAULT#
^
SKIP#-RAMP
V3R3
V12
12V
V5
3.3V
PMB_DIO
PMB_CLK
PMB_ALERT#
COMP
VREF
B-TMAX
O-USR
ADDR
TSEN
IMON
IMON
F-IMAX
ISUM
OCP-I
5V
PWM5
CSP5
PWM6
CSP6
5V
12V
CSD95373B
VIN
BOOT
BOOT_R
VDD
ENABLE
PGND
PGND
VSW
PWM
FCCM
IMON
REFIN
TAO/FAULT
5V
12V
CSD95373B
VIN
BOOT
BOOT_R
VDD
ENABLE
PGND
PGND
VSW
PWM
FCCM
IMON
REFIN
TAO/FAULT
5V
12V
CSD95373B
VIN
BOOT
BOOT_R
VDD
ENABLE
PGND
PGND
VSW
PWM
FCCM
IMON
REFIN
TAO/FAULT
5V
12V
CSD95373B
VIN
BOOT
BOOT_R
VDD
ENABLE
PGND
PGND
VSW
PWM
FCCM
IMON
REFIN
TAO/FAULT
5V
12V
CSD95373B
VIN
BOOT
BOOT_R
VDD
ENABLE
PGND
PGND
VSW
PWM
FCCM
IMON
REFIN
TAO/FAULT
5V
12V
CSD95373B
VIN
BOOT
BOOT_R
VDD
ENABLE
PGND
PGND
VSW
PWM
FCCM
IMON
REFIN
TAO/FAULT
CSD95373BQ5M
www.ti.com
SLPS462 – JUNE 2014
7 Application Schematic
7.1 Typical Application
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: CSD95373BQ5M


Similar Part No. - CSD95373BQ5M_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD95373BQ5M TI1-CSD95373BQ5M_16 Datasheet
831Kb / 13P
[Old version datasheet]   CSD95373BQ5M Synchronous Buck NexFET??Smart Power Stage
More results

Similar Description - CSD95373BQ5M_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD95373BQ5M TI1-CSD95373BQ5M_16 Datasheet
831Kb / 13P
[Old version datasheet]   CSD95373BQ5M Synchronous Buck NexFET??Smart Power Stage
CSD95481RWJ TI1-CSD95481RWJ Datasheet
809Kb / 15P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD96497Q5MC TI1-CSD96497Q5MC Datasheet
249Kb / 11P
[Old version datasheet]   Synchronous buck NexFET smart power stage
CSD95492QVM TI1-CSD95492QVM Datasheet
774Kb / 14P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95495QVM TI1-CSD95495QVM Datasheet
774Kb / 14P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95491Q5MC TI1-CSD95491Q5MC Datasheet
765Kb / 14P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95482RWJ TI1-CSD95482RWJ Datasheet
270Kb / 12P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95378BQ5MC TI-CSD95378BQ5MC_15 Datasheet
802Kb / 14P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95472Q5MC TI1-CSD95472Q5MC_16 Datasheet
259Kb / 11P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95372BQ5M TI1-CSD95372BQ5M_16 Datasheet
796Kb / 13P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com