Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD95373AQ5M Datasheet(PDF) 3 Page - Texas Instruments

Part # CSD95373AQ5M
Description  CSD95373AQ5M Synchronous Buck NexFET??Power Stage
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD95373AQ5M Datasheet(HTML) 3 Page - Texas Instruments

  CSD95373AQ5M_15 Datasheet HTML 1Page - Texas Instruments CSD95373AQ5M_15 Datasheet HTML 2Page - Texas Instruments CSD95373AQ5M_15 Datasheet HTML 3Page - Texas Instruments CSD95373AQ5M_15 Datasheet HTML 4Page - Texas Instruments CSD95373AQ5M_15 Datasheet HTML 5Page - Texas Instruments CSD95373AQ5M_15 Datasheet HTML 6Page - Texas Instruments CSD95373AQ5M_15 Datasheet HTML 7Page - Texas Instruments CSD95373AQ5M_15 Datasheet HTML 8Page - Texas Instruments CSD95373AQ5M_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
NC
NC
VDD
ENABLE
NC
VSW
PWM
TAO
FCCM
BOOT
BOOT_R
VIN
1
2
3
4
5
6
7
8
9
10
11
12
PGND
13
CSD95373AQ5M
www.ti.com
SLPS458A – DECEMBER 2013 – REVISED AUGUST 2014
5 Pin Configuration And Functions
PIN DESCRIPTION
PIN
DESCRIPTION
NO.
NAME
1, 2, 4
NC
No Connect, must leave floating
3
ENABLE
Enables device operation. If ENABLE = logic HIGH, turns on device. If ENABLE = logic LOW, the device is turned off
and both MOSFET gates are actively pulled low. An internal 100 k
Ω pulldown resistor pulls the ENABLE pin LOW if
left floating.
5
VDD
Supply Voltage to Gate Driver and internal circuitry
6
VSW
Phase node connecting the HS MOSFET Source and LS MOSFET Drain - pin connection to the output inductor
7
VIN
Input Voltage Pin. Connect input capacitors close to this pin.
8
BOOT_R Return path for HS gate driver, connected to VSW internally
9
BOOT
Bootstrap capacitor connection. Connect a minimum of 0.1 µF 16 V X7R, ceramic capacitor from BOOT to BOOT_R
pins. The bootstrap capacitor provides the charge to turn on the Control FET. The bootstrap diode is integrated.
10
FCCM
This pin enables the Diode Emulation function. When this pin is held LOW, Diode Emulation Mode is enabled for
Sync FET. When FCCM is HIGH, the device operated in Forced Continuous Conduction Mode. An internal 5 µA
current source will pull the FCCM pin to VDD if left floating.
11
TAO/
Temperature amplifier output. Reports a voltage proportional to the die temperature. An ORing diode is integrated in
FAULT
the IC. When used in multiphase application, a single wire can be used to connect the TAO pins of all the ICs. Only
the highest temperature is reported. TAO is pulled up to 3.3 V if Thermal Shutdown occurs. TAO should be bypassed
to PGND with a 1 nF 16 V X7R ceramic capacitor.
12
PWM
Pulse width modulated tri-state input from external controller. Logic LOW sets Control FET gate low and Sync FET
gate high. Logic HIGH sets Control FET gate high and Sync FET gate low. Open or High Z sets both MOSFET gates
low if greater than the tri-State Shutdown Hold-off Time (t3HT)
13
PGND
Power Ground
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - CSD95373AQ5M_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD95373AQ5M TI1-CSD95373AQ5M Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
More results

Similar Description - CSD95373AQ5M_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD95375Q4M TI-CSD95375Q4M Datasheet
911Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M TI1-CSD97370Q5M Datasheet
923Kb / 22P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
JUNE2011
CSD96370Q5M TI-CSD96370Q5M Datasheet
950Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97396Q4M TI1-CSD97396Q4M Datasheet
497Kb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD97374Q4M TI1-CSD97374Q4M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD96370Q5M TI-CSD96370Q5M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M_1110 TI-CSD97370Q5M_1110 Datasheet
789Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD96371Q5M TI-CSD96371Q5M Datasheet
1Mb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD95372AQ5M TI-CSD95372AQ5M Datasheet
1Mb / 24P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD95373AQ5M TI1-CSD95373AQ5M Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com