Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU4A Datasheet(PDF) 2 Page - Micro Commercial Components

Part # GBU4A
Description  4 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

GBU4A Datasheet(HTML) 2 Page - Micro Commercial Components

  GBU4A Datasheet HTML 1Page - Micro Commercial Components GBU4A Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MCC
www.mccsemi.com
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
5
10
50
100
2
20
0
20
40
60
80
180
160
140
120
100
Single Half-Sine-Wave
(JEDEC METHOD)
FIG.1 - FORWARD CURRENT DERATING CURVE
40
60
100
120
4.0
1.0
20
2.0
80
CASE TEMPERATURE , C
5.0
3.0
140
0
WITH HEATSINK
0
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
WITHOUT HEATSINK
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
0.2
0.4
1.2
1.4
0
1.0
10
100
0.6
0.8
1.0
0.1
1.8
1.6
TJ = 25 C
PULSE WIDTH 300us
FIG.3 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE , VOLTS
10.0
100
10
1.0
1.0
100
4.0
TJ = 25 C, f = 1MHz
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
20
40
0
1.0
10
100
60
80
100
0.1
1000
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
TJ = 25 C
TJ = 125 C
TJ = 100 C
TJ = 50 C
GBU4A thru GBU4M


Similar Part No. - GBU4A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBU4A PANJIT-GBU4A Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE 50 to 800 Volts CURRENT - 4.0 Amperes)
logo
Rugao Dachang Electroni...
GBU4A DACHANG-GBU4A Datasheet
155Kb / 2P
   Single-phase Silicon Bridge Rectifier
logo
Galaxy Semi-Conductor H...
GBU4A BILIN-GBU4A Datasheet
107Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
New Jersey Semi-Conduct...
GBU4A NJSEMI-GBU4A Datasheet
152Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
GBU4A MCC-GBU4A Datasheet
174Kb / 3P
   4 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - GBU4A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RS401GL MCC-RS401GL Datasheet
218Kb / 3P
   4 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Shenzhen Ping Sheng Ele...
GBU4A PFS-GBU4A Datasheet
195Kb / 2P
   4 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
RS401GL MCC-RS401GL_15 Datasheet
313Kb / 3P
   Glass Passivated 50 to 1000 Volts 4 Amp Single Phase Bridge Rectifier
GBU4A MCC-GBU4A_08 Datasheet
174Kb / 3P
   4 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBU4A MCC-GBU4A_17 Datasheet
305Kb / 3P
   4 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBPC50005 MCC-GBPC50005 Datasheet
422Kb / 3P
   50 Amp Glass Passivated Single Phase Bridge Rectifier 50 to 1000 Volts
DB101L MCC-DB101L Datasheet
415Kb / 3P
   1 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
TBSL40A MCC-TBSL40A Datasheet
458Kb / 3P
   4.0 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBPC35005W MCC-GBPC35005W Datasheet
292Kb / 3P
   35 Amp Glass Phase Bridge Rectifier 50 to 1000 Volts Passivated Single
logo
Shenzhen Ping Sheng Ele...
GBU8A PFS-GBU8A Datasheet
201Kb / 2P
   8 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com