Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD87351ZQ5D Datasheet(PDF) 5 Page - Texas Instruments

Part # CSD87351ZQ5D
Description  Synchronous Buck NexFET??Power Block
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD87351ZQ5D Datasheet(HTML) 5 Page - Texas Instruments

  CSD87351ZQ5D_15 Datasheet HTML 1Page - Texas Instruments CSD87351ZQ5D_15 Datasheet HTML 2Page - Texas Instruments CSD87351ZQ5D_15 Datasheet HTML 3Page - Texas Instruments CSD87351ZQ5D_15 Datasheet HTML 4Page - Texas Instruments CSD87351ZQ5D_15 Datasheet HTML 5Page - Texas Instruments CSD87351ZQ5D_15 Datasheet HTML 6Page - Texas Instruments CSD87351ZQ5D_15 Datasheet HTML 7Page - Texas Instruments CSD87351ZQ5D_15 Datasheet HTML 8Page - Texas Instruments CSD87351ZQ5D_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
0.5
1
1.5
2
2.5
3
3.5
4
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
−9.7
−7.3
−4.8
−2.4
0
2.4
4.8
7.3
9.7
12.1
14.5
Output Voltage (V)
VIN = 12V
VGS = 5V
fSW = 500kHz
LOUT = 0.3µH
IOUT = 35A
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
−9.7
−7.2
−4.8
−2.4
0
2.4
4.8
7.2
9.7
12.1
14.5
Output Inductance (µH)
VIN = 12V
VGS = 5V
VOUT = 1.3V
fSW = 500kHz
IOUT = 35A
200
350
500
650
800
950
1100 1250 1400 1550
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
−9.7
−7.2
−4.8
−2.4
0.0
2.4
4.8
7.2
9.7
12.1
14.5
Switching Frequency (kHz)
VIN = 12V
VGS = 5V
VOUT = 1.3V
LOUT = 0.3µH
IOUT = 35A
3
5
7
9
11
13
15
17
19
21
23
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
−9.7
−7.2
−4.8
−2.4
0.0
2.4
4.8
7.2
9.7
12.1
14.5
Input Voltage (V)
VGS = 5V
VOUT = 1.3V
LOUT = 0.3µH
fSW = 500kHz
IOUT = 35A
CSD87351ZQ5D
www.ti.com
SLPS426 – DECEMBER 2012
TYPICAL POWER BLOCK DEVICE CHARACTERISTICS (continued)
TJ = 125°C, unless stated otherwise.
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 6. Normalized Power Loss vs Switching Frequency
Figure 7. Normalized Power Loss vs Input Voltage
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 8. Normalized Power Loss vs. Output Voltage
Figure 9. Normalized Power Loss vs. Output Inductance
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - CSD87351ZQ5D_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87351ZQ5D TI-CSD87351ZQ5D Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET Power Block
More results

Similar Description - CSD87351ZQ5D_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87352Q5D TI1-CSD87352Q5D Datasheet
746Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Block
JUNE2011
CSD86330Q3D TI-CSD86330Q3D_11 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87330Q3D TI-CSD87330Q3D Datasheet
776Kb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87352Q5D_1111 TI-CSD87352Q5D_1111 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87355Q5D TI1-CSD87355Q5D Datasheet
559Kb / 23P
[Old version datasheet]   Synchronous Buck NexFET Power Block
CSD87351Q5D TI-CSD87351Q5D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87331Q3D TI-CSD87331Q3D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87335Q3D TI1-CSD87335Q3D Datasheet
625Kb / 23P
[Old version datasheet]   Synchronous Buck NexFET Power Block
CSD86350Q5D TI-CSD86350Q5D Datasheet
923Kb / 15P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD86350Q5D TI-CSD86350Q5D_11 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com