Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD87333Q3DT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CSD87333Q3DT
Description  CSD87333Q3D Synchronous Buck NexFET??Power Block
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD87333Q3DT Datasheet(HTML) 7 Page - Texas Instruments

Back Button CSD87333Q3DT Datasheet HTML 3Page - Texas Instruments CSD87333Q3DT Datasheet HTML 4Page - Texas Instruments CSD87333Q3DT Datasheet HTML 5Page - Texas Instruments CSD87333Q3DT Datasheet HTML 6Page - Texas Instruments CSD87333Q3DT Datasheet HTML 7Page - Texas Instruments CSD87333Q3DT Datasheet HTML 8Page - Texas Instruments CSD87333Q3DT Datasheet HTML 9Page - Texas Instruments CSD87333Q3DT Datasheet HTML 10Page - Texas Instruments CSD87333Q3DT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
0
1
2
3
4
5
6
7
8
0.94
0.96
0.98
1
1.02
1.04
1.06
1.08
−1.08
−0.72
−0.36
0
0.36
0.72
1.08
1.44
Output Voltage (V)
VIN = 12V
VGS = 5V
fSW = 500kHz
LOUT = 1.0µH
IOUT = 15A
G001
0
400
800
1200
1600
2000
2400
0.92
0.96
1
1.04
1.08
1.12
1.16
1.2
−1.6
−0.8
0
0.8
1.6
2.39
3.19
3.99
Output Inductance (nH)
VIN = 12V
VGS = 5V
VOUT = 3.3V
fSW = 500kHz
IOUT = 15A
G001
0
200
400
600
800
1000
1200
1400
1600
0.97
1
1.03
1.06
1.09
1.12
1.15
−0.6
0.0
0.6
1.2
1.8
2.4
3.0
Switching Frequency (kHz)
VIN = 12V
VGS = 5V
VOUT = 3.3V
LOUT = 1.0µH
IOUT = 15A
G001
0
4
8
12
16
20
24
28
0.85
0.9
0.95
1
1.05
1.1
1.15
1.2
−3.0
−2.0
−1.0
0.0
1.0
2.0
3.0
4.0
Input Voltage (V)
VGS = 5V
VOUT = 3.3V
LOUT =1.0µH
fSW = 500kHz
IOUT = 15A
G001
CSD87333Q3D
www.ti.com
SLPS350 – FEBRUARY 2014
Typical Power Block Device Characteristics (continued)
The Typical Power Block System Characteristic curves (Figure 1 through Figure 9) are based on measurements made on a
PCB design with dimensions of 4.0-inch (W) × 3.5-inch (L) × 0.062-inch (H) and 6 copper layers of 1 oz. copper thickness.
See Applications for detailed explanation. TA = 125°C, unless stated otherwise.
Figure 6. Normalized Power Loss vs Switching Frequency
Figure 7. Normalized Power Loss vs Input Voltage
Figure 8. Normalized Power Loss vs Output Voltage
Figure 9. Normalized Power Loss vs Output Inductance
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7


Similar Part No. - CSD87333Q3DT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87330Q3D TI-CSD87330Q3D Datasheet
776Kb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87330Q3D TI1-CSD87330Q3D Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
CSD87330Q3D TI-CSD87330Q3D_15 Datasheet
978Kb / 23P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87331Q3D TI1-CSD87331Q3D Datasheet
872Kb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87331Q3D TI-CSD87331Q3D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
More results

Similar Description - CSD87333Q3DT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87352Q5D TI1-CSD87352Q5D Datasheet
746Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Block
JUNE2011
CSD86330Q3D TI-CSD86330Q3D_11 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87330Q3D TI-CSD87330Q3D Datasheet
776Kb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87352Q5D_1111 TI-CSD87352Q5D_1111 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87355Q5D TI1-CSD87355Q5D Datasheet
559Kb / 23P
[Old version datasheet]   Synchronous Buck NexFET Power Block
CSD87351Q5D TI-CSD87351Q5D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87351ZQ5D TI-CSD87351ZQ5D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87331Q3D TI-CSD87331Q3D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87335Q3D TI1-CSD87335Q3D Datasheet
625Kb / 23P
[Old version datasheet]   Synchronous Buck NexFET Power Block
CSD86350Q5D TI-CSD86350Q5D Datasheet
923Kb / 15P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com