Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD87333Q3D Datasheet(PDF) 3 Page - Texas Instruments

Part # CSD87333Q3D
Description  CSD87333Q3D Synchronous Buck NexFET??Power Block
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD87333Q3D Datasheet(HTML) 3 Page - Texas Instruments

  CSD87333Q3D_15 Datasheet HTML 1Page - Texas Instruments CSD87333Q3D_15 Datasheet HTML 2Page - Texas Instruments CSD87333Q3D_15 Datasheet HTML 3Page - Texas Instruments CSD87333Q3D_15 Datasheet HTML 4Page - Texas Instruments CSD87333Q3D_15 Datasheet HTML 5Page - Texas Instruments CSD87333Q3D_15 Datasheet HTML 6Page - Texas Instruments CSD87333Q3D_15 Datasheet HTML 7Page - Texas Instruments CSD87333Q3D_15 Datasheet HTML 8Page - Texas Instruments CSD87333Q3D_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
CSD87333Q3D
www.ti.com
SLPS350 – FEBRUARY 2014
5 Specifications
5.1 Absolute Maximum Ratings
(1)
TA = 25°C (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VIN to PGND
–0.8
30
V
VSW to PGND
30
V
Voltage Range
VSW to PGND (10ns)
32
V
TG to TGR
–0.3
10
V
BG to PGND
–0.3
10
V
Pulsed Current Rating, IDM
40
A
Power Dissipation, PD
6
W
Sync FET, ID = 19, L = 0.1mH
18
Avalanche Energy EAS
mJ
Control FET, ID = 19, L = 0.1mH
18
Operating Junction Temperature Range, TJ
–55
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to absolute-
maximum-rated conditions for extended periods may affect device reliability.
5.2 Handling Ratings
PARAMETER
DEFINITION
MIN
MAX
UNIT
Tstg
Storage Temperature Range
–55
150
°C
5.3 Recommended Operating Conditions
TA = 25° (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VGS
Gate Drive Voltage
3.3
8
V
VIN
Input Supply Voltage
24
V
fSW
Switching Frequency
CBST = 0.1 µF (min)
1500
kHz
Operating Current
15
A
TJ
Operating Temperature
125
°C
5.4 Power Block Performance
(1)
TA = 25° (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VIN = 12 V, VGS = 5 V, VOUT = 3.3 V,
PLOSS
Power Loss(1)
IOUT = 8 A, fSW = 500 kHz,
1.5
W
LOUT = 1 µH, TJ = 25ºC
IQVIN
VIN Quiescent Current
TG to TGR = 0 V BG to PGND = 0 V
10
µA
(1)
Measurement made with six 10-µF (TDK C3216X5R1C106KT or equivalent) ceramic capacitors placed across VIN to PGND pins and
using a high current 5V driver IC.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - CSD87333Q3D_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87330Q3D TI-CSD87330Q3D Datasheet
776Kb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87330Q3D TI1-CSD87330Q3D Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
CSD87330Q3D TI-CSD87330Q3D_15 Datasheet
978Kb / 23P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87331Q3D TI1-CSD87331Q3D Datasheet
872Kb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87331Q3D TI-CSD87331Q3D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
More results

Similar Description - CSD87333Q3D_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87352Q5D TI1-CSD87352Q5D Datasheet
746Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Block
JUNE2011
CSD86330Q3D TI-CSD86330Q3D_11 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87330Q3D TI-CSD87330Q3D Datasheet
776Kb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87352Q5D_1111 TI-CSD87352Q5D_1111 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87355Q5D TI1-CSD87355Q5D Datasheet
559Kb / 23P
[Old version datasheet]   Synchronous Buck NexFET Power Block
CSD87351Q5D TI-CSD87351Q5D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87351ZQ5D TI-CSD87351ZQ5D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87331Q3D TI-CSD87331Q3D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87335Q3D TI1-CSD87335Q3D Datasheet
625Kb / 23P
[Old version datasheet]   Synchronous Buck NexFET Power Block
CSD86350Q5D TI-CSD86350Q5D Datasheet
923Kb / 15P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com