Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA615 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA615
Description  High performance low power mixer FM IF system
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA615 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SA615_15 Datasheet HTML 3Page - NXP Semiconductors SA615_15 Datasheet HTML 4Page - NXP Semiconductors SA615_15 Datasheet HTML 5Page - NXP Semiconductors SA615_15 Datasheet HTML 6Page - NXP Semiconductors SA615_15 Datasheet HTML 7Page - NXP Semiconductors SA615_15 Datasheet HTML 8Page - NXP Semiconductors SA615_15 Datasheet HTML 9Page - NXP Semiconductors SA615_15 Datasheet HTML 10Page - NXP Semiconductors SA615_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
SA615
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 4 — 14 November 2014
7 of 26
NXP Semiconductors
SA615
High performance low power mixer FM IF system
10. Dynamic characteristics
Table 7.
Dynamic characteristics
Tamb =25 C; VCC = +6 V; unless specified otherwise. RF frequency = 45 MHz + 14.5 dBV RF input step-up.
IF frequency = 455 kHz; R17 = 5.1 k
; RF level = 45 dBm; FM modulation = 1 kHz with 8 kHz peak deviation.
Audio output with C-message weighted filter and de-emphasis capacitor. Test circuit Figure 7. The parameters listed below
are tested using automatic test equipment to assure consistent electrical characteristics. The limits do not represent the
ultimate performance limits of the device. Use of an optimized RF layout improves many of the listed parameters.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Mixer/oscillator section (external LO = 300 mV)
fi
input frequency
-
500
-
MHz
fosc
oscillator frequency
-
150
-
MHz
NF
noise figure
at 45 MHz
-
5.0
-
dB
IP3i
input third-order intercept point
FL1 = 45.0 MHz; FL2 = 45.06 MHz
-
12
-
dBm
Gp(conv)
conversion power gain
matched 14.5 dBV step-up
8.0
13
-
dB
50
 source
-
1.7
-
dB
Ri(RF)
RF input resistance
single-ended input
3.0
4.7
-
k
Ci(RF)
RF input capacitance
-
3.5
4.0
pF
Ro(mix)
mixer output resistance
MIXER_OUT pin
1.25
1.50
-
k
IF section
Gamp(IF)
IF amplifier gain
50
 source
-
39.7
-
dB
Glim
limiter gain
50
 source
-
62.5
-
dB
Pi(IF)
IF input power
for
3 dB input limiting sensitivity;
R17=5.1k
; test at IF_AMP_IN pin
-
109
-
dBm
AM
AM rejection
80 % AM 1 kHz
25
33
43
dB
audio level
RMS value; R10 = 100 k
;
15 nF de-emphasis
60
150
260
mV
unmuted audio level
R11 = 100 k
; 150 pF de-emphasis
-
530
-
mV
SINAD
signal-to-noise-and-distortion ratio
RF level
118 dB
-
12
-
dB
THD
total harmonic distortion
30
42
-
dB
S/N
signal-to-noise ratio
no modulation for noise
-
68
-
dB
Vo(RSSI)
RSSI output voltage
IF; R9 = 100 k
[1]
IF level =
118 dBm
0
160
800
mV
IF level =
68 dBm
1.7
2.5
3.3
V
IF level =
18 dBm
3.6
4.8
5.8
V
RSSI(range)
RSSI range
R9 = 100 k
; IF_AMP_OUT pin
-
80
-
dB

RSSI
RSSI variation
R9 = 100 k
; IF_AMP_OUT pin
-
2-
dB
Zi(IF)
IF input impedance
1.40
1.6
-
k
Zo(IF)
IF output impedance
0.85
1.0
-
k
Zi(lim)
limiter input impedance
1.40
1.6
-
k
Ro
output resistance
unmuted audio
-
58
-
k
muted audio
-
58
-
k


Similar Part No. - SA615_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA615D PHILIPS-SA615D Datasheet
159Kb / 14P
   High performance low power mixer FM IF system
1997 Nov 07
SA615DK PHILIPS-SA615DK Datasheet
159Kb / 14P
   High performance low power mixer FM IF system
1997 Nov 07
SA615N PHILIPS-SA615N Datasheet
159Kb / 14P
   High performance low power mixer FM IF system
1997 Nov 07
More results

Similar Description - SA615_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE605 PHILIPS-NE605 Datasheet
479Kb / 8P
   HIGH PERFORMANCE LOW POWER MIXER FM IF SYSTEM
November 1992
SA605 PHILIPS-SA605_15 Datasheet
531Kb / 25P
   High performance low power mixer FM IF system
Rev. 5-14 November 2014
SA605 PHILIPS-SA605 Datasheet
122Kb / 13P
   High performance low power mixer FM IF system
1997 Nov 07
SA615 PHILIPS-SA615 Datasheet
159Kb / 14P
   High performance low power mixer FM IF system
1997 Nov 07
SA605 NXP-SA605 Datasheet
531Kb / 25P
   High performance low power mixer FM IF system
Rev. 5-14 November 2014
SA617 PHILIPS-SA617 Datasheet
139Kb / 17P
   Low-voltage high performance mixer FM IF system
1997 Nov 07
SA607 PHILIPS-SA607 Datasheet
183Kb / 19P
   Low-voltage high performance mixer FM IF system
1997 Nov 07
SA606 PHILIPS-SA606 Datasheet
214Kb / 19P
   Low-voltage high performance mixer FM IF system
1997 Nov 07
SA606 PHILIPS-SA606_15 Datasheet
532Kb / 33P
   Low-voltage high performance mixer FM IF system
Rev. 6-8 November 2013
SA616 PHILIPS-SA616_15 Datasheet
228Kb / 31P
   Low-voltage high performance mixer FM IF system
Rev. 5-24 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com