Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA612A Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SA612A
Description  Double-balanced mixer and oscillator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA612A Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SA612A_15 Datasheet HTML 4Page - NXP Semiconductors SA612A_15 Datasheet HTML 5Page - NXP Semiconductors SA612A_15 Datasheet HTML 6Page - NXP Semiconductors SA612A_15 Datasheet HTML 7Page - NXP Semiconductors SA612A_15 Datasheet HTML 8Page - NXP Semiconductors SA612A_15 Datasheet HTML 9Page - NXP Semiconductors SA612A_15 Datasheet HTML 10Page - NXP Semiconductors SA612A_15 Datasheet HTML 11Page - NXP Semiconductors SA612A_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
SA612A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 3 — 4 June 2014
8 of 19
NXP Semiconductors
SA612A
Double-balanced mixer and oscillator
9.
Limiting values
10. Static characteristics
11. Dynamic characteristics
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
-
9
V
Tstg
storage temperature
65
+150
C
Tamb
ambient temperature
operating
40
+85
C
Table 5.
Static characteristics
Tamb =25 C; VCC = +6 V; unless specified otherwise. Refer to Figure 15.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
4.5
-
8.0
V
ICC
supply current
-
2.4
3.0
mA
Table 6.
Dynamic characteristics
Tamb =25 C; VCC = +6 V; unless specified otherwise. Refer to Figure 15.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fi
input frequency
-
500
-
MHz
fosc
oscillator frequency
-
200
-
MHz
NF
noise figure
at 45 MHz
-
5.0
-
dB
IP3i
input third-order
intercept point
RF input =
45 dBm;
RF1 = 45.0 MHz;
RF2=45.06MHz
-
13
-
dBm
Gconv
conversion gain
at 45 MHz
14
17
-
dB
Ri(RF)
RF input resistance
1.5
-
-
k
Ci(RF)
RF input capacitance
-
3
-
pF
Ro(mix)
mixer output resistance
OUT_A, OUT_B pins
-
1.5
-
k


Similar Part No. - SA612A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA612AD PHILIPS-SA612AD Datasheet
110Kb / 12P
   Double-balanced mixer and oscillator
1997 Nov 07
SA612AD PHILIPS-SA612AD Datasheet
163Kb / 8P
   Double-balanced mixer and oscillator
1990 Sep 17
SA612AN PHILIPS-SA612AN Datasheet
110Kb / 12P
   Double-balanced mixer and oscillator
1997 Nov 07
SA612AN PHILIPS-SA612AN Datasheet
163Kb / 8P
   Double-balanced mixer and oscillator
1990 Sep 17
More results

Similar Description - SA612A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA602A PHILIPS-SA602A Datasheet
109Kb / 11P
   Double-balanced mixer and oscillator
1997 Nov 07
SA602A PHILIPS-SA602A_15 Datasheet
1Mb / 19P
   Double-balanced mixer and oscillator
Rev. 3-27 May 2014
NE602A PHILIPS-NE602A Datasheet
379Kb / 8P
   DOUBLE BALANCED MIXER AND OSCILLATOR
April 1990
NE612A PHILIPS-NE612A_1 Datasheet
163Kb / 8P
   Double-balanced mixer and oscillator
1990 Sep 17
SA602A NXP-SA602A Datasheet
1Mb / 19P
   Double-balanced mixer and oscillator
Rev. 3-27 May 2014
SA612A PHILIPS-SA612A Datasheet
110Kb / 12P
   Double-balanced mixer and oscillator
1997 Nov 07
logo
NTE Electronics
NTE7164 NTE-NTE7164 Datasheet
64Kb / 2P
   Double−Balanced Mixer & Oscillator
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
   DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
MY63 MACOM-MY63 Datasheet
145Kb / 2P
   DOUBLE-BALANCED MIXER
M9BC MACOM-M9BC Datasheet
167Kb / 2P
   Double-Balanced Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com