Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA-SOD-2808-20 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PA-SOD-2808-20
Description  8-28 pin SO socket/28 pin SO receptacle (SO-Plugs NOT included)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PA-SOD-2808-20 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PA-SOD-2808-20 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Logical Systems Corporation
PO Box 6184, Syracuse, NY 13217-6184 USA
Tel (315) 478-0722, FAX (315) 479-6753
www.logicalsys.com, Email: info@logicalsys.com
SY
T E M S
S
PA-SOD-2808-xx Data Sheet
Doc: SOD2808.DOC
Rev 09/28/01
Page 1 of 1
Supported Device/Footprints
Using this adapter, various pin count SO packages with a body
width of 7.4mm - 7.9mm and lead pitch of 1.27mm can be
socketed over their PCB footprints.
Device Dimensions
This socket accepts devices with the following dimensions:
Body mm (inches)
Knee mm (inches)
min.
typ.
max.
min.
typ.
max.
7.4
7.8
7.9
n/a
9.3
9.4
(0.291)
(0.307)
(0.311)
(0.366)
(0.370)
Tip mm (inches)
Body Length
Lead Pitch
min.
typ.
max.
n/a
1.27
10.0
11.6
n/a
(0.050)
(0.394)
(0.457)
Adapter Dimensions
SO Plugs
SO Plugs are required to connect this adapter to the prototype.
They are available separately. The two most common plugs are
shown in the following chart. Other SO-Plugs will also mate with
this adapter, contact us if you want assistance matching plugs to
this adapter.
Plug Kit
A
B
PA-SOF-D420-xx
0.260"
0.420"
PA-SOF-D470-xx
0.240"
0.470"
Adapter Construction
The adapter is made up of 2 sub-assemblies. They assemble via
connectors making the adapter modular. This way the sub-
assemblies can be replaced when they wear out.
When disassembling the adapter take care not to bend the pins.
When reassembling the adapter note the pin 1 indicators to align
the parts correctly.
The following chart lists the adapters described by this datasheet
and their subassemblies.
Adapter
Socket
Board
PA-SOD-2808-28
28SD-08
2808SOD
PA-SOD-2808-24
24(28H)SD-08
2808SOD
PA-SOD-2808-20
20(28H)SD-08
2808SOD
PA-SOD-2808-18
18(28H)SD-08
2808SOD
PA-SOD-2808-16
16(28H)SD-08
2808SOD
PA-SOD-2808-14
14(28H)SD-08
2808SOD
PA-SOD-2808-08
08(28H)SD-08
2808SOD
Test Sockets
LSC #
Style
Mfgr/Pn
28SD-08
Lidded ZIF
Enplas FP-28-1.27.08
xx(28H)SD-08
Lidded ZIF
Enplas FP-xx(28H)-1.27.08
Notes
1. The xx(28)SD-08 sockets are depopulated 28SD-08 sockets.
A “dam” is added to prevent incorrect alignment of the device.
2. The 28 pin test socket can be used for the reduced pin counts.
The test socket has divider fingers that keep the device leads on
their contacts. With modest care a reduced pin count device can
be correctly aligned in the test socket.
3. For all versions of the adapter, the board provides 28
positions to receive the SO-Plug. When using plugs with less
than 28 pins orient the plug and the device, away from the pin 1
end of the board.
Wiring
Wiring is 1 to 1. Pin 1 of the SO device is wired to pin 1 of the
plug. Pin 2 to pin 2 and so on around the adapter.
PA-SOD-2808-xx Data Sheet
8-28 pin SO socket/28 pin SO receptacle
(SO-Plugs NOT included)


Similar Part No. - PA-SOD-2808-20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA-SOD-2006-08 ETC2-PA-SOD-2006-08 Datasheet
26Kb / 1P
   8-20 pin SO socket/20 pin SO receptacle(SO-Plugs NOT included)
PA-SOD-2006-14 ETC2-PA-SOD-2006-14 Datasheet
26Kb / 1P
   8-20 pin SO socket/20 pin SO receptacle(SO-Plugs NOT included)
PA-SOD-2006-16 ETC2-PA-SOD-2006-16 Datasheet
26Kb / 1P
   8-20 pin SO socket/20 pin SO receptacle(SO-Plugs NOT included)
PA-SOD-2006-18 ETC2-PA-SOD-2006-18 Datasheet
26Kb / 1P
   8-20 pin SO socket/20 pin SO receptacle(SO-Plugs NOT included)
PA-SOD-2006-20 ETC2-PA-SOD-2006-20 Datasheet
26Kb / 1P
   8-20 pin SO socket/20 pin SO receptacle(SO-Plugs NOT included)
More results

Similar Description - PA-SOD-2808-20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA-SOD-2006-20 ETC2-PA-SOD-2006-20 Datasheet
26Kb / 1P
   8-20 pin SO socket/20 pin SO receptacle(SO-Plugs NOT included)
PA14SO1-08H-3 ETC2-PA14SO1-08H-3 Datasheet
23Kb / 1P
   14-28 pin SO socket/14-28 pin DIP 0.3"or 0.6" plug
logo
Adam Technologies, Inc.
SOD-200-S-6-921 ADAM-TECH-SOD-200-S-6-921 Datasheet
142Kb / 1P
   SO DIMM 200 PIN DDR2 SOCKET
SOD-200-S-6-92-2 ADAM-TECH-SOD-200-S-6-92-2 Datasheet
100Kb / 1P
   SO DIMM 200 PIN DDR2 SOCKET
SOD-204-S-4-40-1 ADAM-TECH-SOD-204-S-4-40-1 Datasheet
106Kb / 1P
   SO DIMM 200 PIN DDR2 SOCKET
logo
Sangdest Microelectroni...
SMDA03LCC SMC-SMDA03LCC Datasheet
161Kb / 4P
   SO-8
SMDA03-TH SMC-SMDA03-TH Datasheet
132Kb / 4P
   SO-8
SMDA24C SMC-SMDA24C Datasheet
131Kb / 4P
   SO-8
SMDA03C SMC-SMDA03C Datasheet
126Kb / 4P
   SO-8
S8ULCC03-2 SMC-S8ULCC03-2 Datasheet
147Kb / 4P
   SO-8
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com