Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA44QF14C-44QF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PA44QF14C-44QF
Description  44 pin QFP socket/44 pin QFP plug
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PA44QF14C-44QF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PA44QF14C-44QF Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Logical Systems Corporation
PO Box 6184, Syracuse, NY 13217-6184 USA
Tel (315) 478-0722, FAX (315) 479-6753
www.logicalsys.com, Email: info@logicalsys.com
PA44QFxxx-44QF Data Sheet
Doc: 44QXQF.DOC
Rev 04/05/04
Page 1 of 1
SY
T E M S
S
Supported Device/Footprints
These adapters accept 44 pin QFP devices and have a
removable 44 pin QFP solder-down plug. This allows QFP device
to be inserted into and removed from a prototype easily.
The QFP socket accepts packages with the dimension sets listed
below:
Socket
Body
Knee
Tip
Pitch
44QF-03
PQFP
10.0 mm typ 11 mm typ
11.3 mm max
12 mm typ
12.8 mm max
0.8 mm
44QF-14C
PQFP
10.0 mm typ 12.8 mm typ
13.9 mm typ
0.8 mm
44QF-16
PQFP
10.0 mm typ 11.6 mm typ
13.2 mm typ
0.8 mm
The QFP plug will fit most 44 pin. 0.8mm pitch, QFP land
patterns. Usually the pads extend from the body past the tip of
the device leads. This plug will fit on pads that have a minimum
span of 10.0mm or less and a maximum span of 12.0mm or
more.
Inner pad span
Outer pad span
10.0mm or less
12.0mm or more
The QFP Plug’s leads are dimensioned as follows.
Plug
Body
Knee
Tip
Pitch
PQF-44
10.0 mm typ 9.6 mm typ 12.0 mm typ 0.8 mm
Adapter Dimensions
PA44QF03-44QF
PA44QF16-44QF
Adapter Construction
The adapter is made up of 4 sub-assemblies. They assemble via
connectors making the adapter modular. This way the sub-
assemblies can be replaced easily.
When disassembling the adapter take care not to bend the pins.
When reassembling the adapter note the pin 1 indicators to align
the parts correctly.
The following chart shows the adapters described by this
datasheet and their subassemblies.
Adapter
Socket
Top
Board
Bottom
Board
QFP
Plug
PA44QF03-44QF
44QF-03
44QF-03-TP
44-PLUG-Q
PQF-44
PA44QF14C-44QF 44QF-14C 44QF-16-TP
44-PLUG-Q
PQF-44
PA44QF16-44QF
44QF-16
44QF-16-TP
44-PLUG-Q
PQF-44
Test Socket
LSC #
Style
Mfgr/Pn
44QF-03
Open Top
Enplas OTQ-44-0.8-03
44QF-14C
Lidded ZIF
Enplas FPQ-44-0.8-14C
44QF-16
Lidded ZIF
Enplas FPQ-44-0.8-16
QFP Plug
Solders to the QFP land pattern on the prototype. Additional QFP
Plugs can be purchased separately.
Adapter Wiring
The adapter is wired 1 to 1. QFP socket pin 1 connects to QFP
plug pin 1. Pin 2 to pin 2 and so on around the package.
PA44QFxxx-44QF Data Sheet
44 pin QFP socket/44 pin QFP plug


Similar Part No. - PA44QF14C-44QF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA44 ETC-PA44 Datasheet
66Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA44-40-01-PD ETC2-PA44-40-01-PD Datasheet
40Kb / 1P
   44 pin PLCC socket/40 pin DIP 0.6??plug
PA44-40-01-PDZ ETC2-PA44-40-01-PDZ Datasheet
40Kb / 1P
   44 pin PLCC socket/40 pin DIP 0.6??plug
PA44-40-33-PD ETC2-PA44-40-33-PD Datasheet
40Kb / 1P
   44 pin PLCC socket/40 pin DIP 0.6??plug
PA44-40-33-PDZ ETC2-PA44-40-33-PDZ Datasheet
40Kb / 1P
   44 pin PLCC socket/40 pin DIP 0.6??plug
More results

Similar Description - PA44QF14C-44QF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA40-44-P64-DZ-QF ETC2-PA40-44-P64-DZ-QF Datasheet
78Kb / 1P
   40 pin DIP socket/44 pin QFP plug
PA40DZ-44QF-34 ETC2-PA40DZ-44QF-34 Datasheet
42Kb / 1P
   40 pin DIP socket/44 pin QFP plug
logo
Holtek Semiconductor In...
HT48R52A HOLTEK-HT48R52A_14 Datasheet
816Kb / 36P
   44-pin QFP / LQFP
HT48R54A HOLTEK-HT48R54A_14 Datasheet
509Kb / 42P
   44-pin QFP/LQFP
logo
List of Unclassifed Man...
MACH210 ETC-MACH210 Datasheet
190Kb / 1P
   44 pin QFP socket/28 pin DIP 0.6??plug
logo
Aries Electronics, Inc.
44-305263-20-P ARIES-44-305263-20-P Datasheet
472Kb / 1P
   44-Pin 0.8mm QFP-to-44-Pin PLCC Adapter
18081 ARIES-18081 Datasheet
572Kb / 1P
   44-Pin 0.8mm QFP-to-44-Pin PLCC Adapter
logo
List of Unclassifed Man...
PA44-PP ETC2-PA44-PP Datasheet
34Kb / 1P
   44 pin PLCC socket/44 pin PLCC plug
logo
Ironwood Electronics.
CA-QFE44SH-L-Z-T-01 IRONWOOD-CA-QFE44SH-L-Z-T-01 Datasheet
26Kb / 1P
   Carrier Adaptor (CA), QFP 44 position QFP ZIF socket with test points to 44 position QFP surface mount foot (leadless).
logo
List of Unclassifed Man...
PA48QD-806 ETC2-PA48QD-806 Datasheet
30Kb / 1P
   48 pin QFP socket/48 pin DIP 0.6??plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com