Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D6KB6U Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # D6KB6U
Description  Glass passivated chip junction
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

D6KB6U Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  D6KB6U Datasheet HTML 1Page - HY ELECTRONIC CORP. D6KB6U Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Glass passivated chip junction
High case dielectric strength
High surge current capability
ldeal for printed circuit board
MACHANICAL DATA
Terminal:Plated leads solderable per MIL-STD 202E,
Method 208C
Case:UL-94 Class V-0 recognized Flane Retardant Epoxy
Polarity:Polarity symbol marked on body
Mounting position:any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
SYMBOL
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
V
Maximum RMS Voltage
VRMS
V
Maximum DC Blocking Voltage
VDC
V
Maximum Average Forward Rectified Output Current
@ TC=140℃ (with heatsink)
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Typical Forward Voltage at3.0A DC
VF
V
Maximum Forward Voltage at 3.0A DC
VF
V
I
2t Rating for Fusing (t<8.3ms)
I
2t
A
2s
Maximum Typical Thermal Resistance without heatsink
RθJa
with heatsink
RθJC
without heatsink
RθJL
Maximum DC Reverse Current
@ Ta =25℃
at Rated DC Blocking Voltage
@ Ta =125℃
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
REV. 2, 18-Aug-2015
0.89
-55 to +150
-55 to +150
IR
10.0
μA
500
0.9
93
55
℃/W
120
15
I(AV)
A
IFSM
150
A
6
Dimensions in inches and (milimeters)
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
D6KB6U
GLASS PASSIVATED
REVERSE VOLTAGE
- 600 Volts
FORWARD CURRENT
- 6.0 Amperes
BRIDGE RECTIFIERS
600
420
600
D6KB6U
D3K
R2
~
~
-
+
4
3
2
1
4
3
2
1
.531(13.5)
.555(14.1)
.059(1.5)
.043(1.1)
.049(1.25)
.041(1.05)
.034(0.86)
.026(0.66)
.162
.138
(3.51)
(4.11)(4.11)
(3.51)
.138
.162
(4.11)
(3.51)
.138
.162
.057(1.45)
.110(2.8)
.094(2.4)
.130(3.3)
.114(2.9)
.055(1.4)
.039(1.0)
.094(2.4)
.071(1.8)
.024(0.6)
.016(0.4)


Similar Part No. - D6KB6U

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
D6KB6U HY-D6KB6U Datasheet
456Kb / 3P
   Low VF Glass Passivated Bridge Rectifiers
D6KB6U HY-D6KB6U_V01 Datasheet
456Kb / 3P
   Low VF Glass Passivated Bridge Rectifiers
More results

Similar Description - D6KB6U

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SB2D VISHAY-SB2D Datasheet
95Kb / 4P
   Glass passivated chip junction
Revision: 03-Nov-11
logo
HY ELECTRONIC CORP.
D4KB6L HY-D4KB6L Datasheet
54Kb / 2P
   Glass passivated chip junction
logo
eleflow technologies co...
GL1A ELEFLOW-GL1A Datasheet
218Kb / 3P
   Glass passivated chip junction
logo
Shenzhen Luguang Electr...
30KP33S LUGUANG-30KP33S Datasheet
144Kb / 3P
   Glass passivated junction chip
logo
Shanghai Leiditech Elec...
1N5391G LEIDITECH-1N5391G Datasheet
246Kb / 2P
   Glass passivated chip junction
logo
DONGGUAN YOU FENG WEI E...
BAV100WL YFWDIODE-BAV100WL Datasheet
462Kb / 3P
   Glass Passivated Chip Junction
logo
List of Unclassifed Man...
1N5400G ETC2-1N5400G Datasheet
137Kb / 1P
   Glass passivated chip junction
logo
Mospec Semiconductor
ABS2 MOSPEC-ABS2 Datasheet
126Kb / 2P
   Glass Passivated chip junction
logo
First Silicon Co., Ltd
1N4148W FS-1N4148W Datasheet
601Kb / 3P
   Glass Passivated Chip Junction
logo
Vishay Siliconix
GPP15A VISHAY-GPP15A Datasheet
77Kb / 4P
   Glass passivated chip junction
Revision: 14-Jan-11
logo
List of Unclassifed Man...
6A05G ETC2-6A05G Datasheet
99Kb / 2P
   Glass passivated chip junction
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com