Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA17C42-PDZ Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PA17C42-PDZ
Description  44 pin PLCC socket/40 pin DIP 0.6??plug
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PA17C42-PDZ Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PA17C42-PDZ Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Logical Systems Corporation
PO Box 6184, Syracuse, NY 13217-6184 USA
Tel (315) 478-0722, FAX (315) 479-6753
www.logicalsys.com, Email: info@logicalsys.com
SY
T E M S
S
PA17C42-PD(Z) Data Sheet
Doc: 17C42-PD.DOC
Rev 5/11/99
Page 1 of 1
Supported Device/Footprints
This adapter allows programming of Microchip's PIC17C42, '43
& '44 in the 44 pin PLCC package on 40 pin DIP programmers.
Device
Footprint
Mfgr
Device
Package
Device
Plug
Microchip PIC17C42
44 PLCC PIC17C42
40 Pin DIP
"
PIC17C42A
"
PIC17C42A
"
"
PIC17C43
"
PIC17C43
"
"
PIC17C44
"
PIC17C44
"
Adapter Construction
The adapter is made up of 2 sub-assemblies. They assemble via
connectors making the adapter modular. This way the sub-
assemblies can be replaced when they wear out.
When disassembling the adapter take care not to bend the pins.
When reassembling the adapter note the pin 1 indicators to align
the parts correctly.
Test Socket
PLCC Auto-Eject test socket:
Yamaichi Part #: IC120-0444-306
LSC Part #: 44-306
ZIF Lidded socket:
Yamaichi Part #: IC51-0444-400
LSC Part #: 44-400
PA42-P(Z)D
Accepts the test socket and remaps the signals to the DIP plug.
Adapter Dimensions
PA17C42-PD
Adapter Parts & Part Numbers
The following chart shows the various socket and board part
numbers that make up these adapters.
Adapter
Test Socket
Circuit Board
PA17C42-PD
44-306
P42-PD
PA17C42-PDZ
44-400
P42-PZD
Adapter Wiring
The following chart shows the connections from the PLCC
device to the adapter’s DIP plug.
PLCC
SIGNAL
DIP
DIP
SIGNAL
PLCC
1
Vdd
1
1
Vdd
44
2
-
N/C
40
RD0/AD8
43
3
RC0/AD0
2
39
RD1/AD9
42
4
RC1/AD1
3
38
RD2/AD10
41
5
RC2/AD2
4
37
RD3/AD11
40
6
RC3/AD3
5
36
RD4/AD12
39
7
RC4/AD4
6
35
RD5/AD13
38
8
RC5/AD5
7
34
RD6/AD14
37
9
RC6/AD6
8
33
RD7/AD15
36
10
RC7/AD7
9
32
MCLR/Vpp
35
11
Vss
10
31
Vss
34
12
Vss
10
31
Vss
33
13
RB0/CAP1
11
30
RE0/ALE
32
14
RB1/CAP2
12
29
RE1/OE
31
15
RB2/PWM1
13
28
RE2/WR
30
16
RB3/PWM2
14
27
TEST
29
17
RB4/TCLK12
15
26
RA0/INT
28
18
RB5/TCLK3
16
25
RA1/RT
27
19
RB6
17
24
RA2
26
20
RB7
18
23
RA3
25
21
OSC1
19
22
RA4/RX/DT
24
22
OSC2/CLKOUT
20
21
RA5/TX/CK
23
PA17C42-PZD
PA17C42-PD(Z) Data Sheet
44 pin PLCC socket/40 pin DIP 0.6” plug


Similar Part No. - PA17C42-PDZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA17C42-DP ETC2-PA17C42-DP Datasheet
33Kb / 1P
   40 pin DIP socket/44 pin PLCC plug
PA17C42-QD-03 ETC2-PA17C42-QD-03 Datasheet
30Kb / 1P
   44 pin PQFP or TQFP socket/40 pin DIP 0.6" plug
PA17C42-QD-16 ETC2-PA17C42-QD-16 Datasheet
30Kb / 1P
   44 pin PQFP or TQFP socket/40 pin DIP 0.6" plug
More results

Similar Description - PA17C42-PDZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA51-44 ETC2-PA51-44 Datasheet
36Kb / 1P
   44 pin PLCC socket/40 pin DIP 0.6??plug
PA44-40-01-PD ETC2-PA44-40-01-PD Datasheet
40Kb / 1P
   44 pin PLCC socket/40 pin DIP 0.6??plug
PA44-40-P64 ETC2-PA44-40-P64 Datasheet
36Kb / 1P
   44 pin PLCC socket/40 pin DIP 0.6??plug
PA280-44 ETC2-PA280-44 Datasheet
35Kb / 1P
   44 pin PLCC socket/40 pin DIP 0.6??plug
PA44-40-33-PD ETC2-PA44-40-33-PD Datasheet
40Kb / 1P
   44 pin PLCC socket/40 pin DIP 0.6??plug
PA17C42-DP ETC2-PA17C42-DP Datasheet
33Kb / 1P
   40 pin DIP socket/44 pin PLCC plug
PA40-44-33-DP ETC2-PA40-44-33-DP Datasheet
41Kb / 1P
   40 pin DIP socket/44 pin PLCC plug
PA40-44-P64-DP ETC2-PA40-44-P64-DP Datasheet
33Kb / 1P
   40 pin DIP socket/44 pin PLCC plug
PA40-44-01-DP ETC2-PA40-44-01-DP Datasheet
40Kb / 1P
   40 pin DIP socket/44 pin PLCC plug
PA40-44-X-DZ-PP ETC2-PA40-44-X-DZ-PP Datasheet
53Kb / 1P
   40 pin DIP socket/44 pin PLCC plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com