Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN020-100YS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PSMN020-100YS
Description  N-channel 100V 20.5m廓 standard level MOSFET in LFPAK
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN020-100YS Datasheet(HTML) 1 Page - NXP Semiconductors

  PSMN020-100YS_15 Datasheet HTML 1Page - NXP Semiconductors PSMN020-100YS_15 Datasheet HTML 2Page - NXP Semiconductors PSMN020-100YS_15 Datasheet HTML 3Page - NXP Semiconductors PSMN020-100YS_15 Datasheet HTML 4Page - NXP Semiconductors PSMN020-100YS_15 Datasheet HTML 5Page - NXP Semiconductors PSMN020-100YS_15 Datasheet HTML 6Page - NXP Semiconductors PSMN020-100YS_15 Datasheet HTML 7Page - NXP Semiconductors PSMN020-100YS_15 Datasheet HTML 8Page - NXP Semiconductors PSMN020-100YS_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PSMN020-100YS
N-channel 100V 20.5mΩ standard level MOSFET in LFPAK
26 March 2014
Product data sheet
Scan or click this QR code to view the latest information for this product
1. General description
Standard level N-channel MOSFET in LFPAK package qualified to 175 °C. This product
is designed and qualified for use in a wide range of industrial, communications and
domestic equipment.
2. Features and benefits
Advanced TrenchMOS provides low RDSon and low gate charge
High efficiency gains in switching power converters
Improved mechanical and thermal characteristics
LFPAK provides maximum power density in a Power SO8 package
3. Applications
DC-to-DC converters
Lithium-ion battery protection
Load switching
Motor control
Server power supplies
4. Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
-
-
100
V
ID
drain current
Tmb = 25 °C; VGS = 10 V; Fig. 2
-
-
43
A
Ptot
total power dissipation Tmb = 25 °C; Fig. 1
-
-
106
W
Tj
junction temperature
-55
-
175
°C
Static characteristics
VGS = 10 V; ID = 15 A; Tj = 100 °C;
Fig. 13
-
-
37
RDSon
drain-source on-state
resistance
VGS = 10 V; ID = 15 A; Tj = 25 °C;
Fig. 14
-
15
20.5
Dynamic characteristics
QGD
gate-drain charge
-
11.8
16.5
nC
QG(tot)
total gate charge
VGS = 10 V; ID = 30 A; VDS = 50 V;
Fig. 15; Fig. 16
-
41
57.4
nC


Similar Part No. - PSMN020-100YS_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN020-100YS NXP-PSMN020-100YS Datasheet
244Kb / 15P
   N-channel 100V 20.5m廓 standard level MOSFET in LFPAK
Rev. 02-7 January 2010
logo
Nexperia B.V. All right...
PSMN020-100YS NEXPERIA-PSMN020-100YS Datasheet
744Kb / 14P
   N-channel 100V 20.5mΩ standard level MOSFET in LFPAK
26 March 2014
More results

Similar Description - PSMN020-100YS_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN020-100YS NXP-PSMN020-100YS Datasheet
244Kb / 15P
   N-channel 100V 20.5m廓 standard level MOSFET in LFPAK
Rev. 02-7 January 2010
PSMN012-100YS PHILIPS-PSMN012-100YS_15 Datasheet
242Kb / 15P
   N-channel 100V 12m廓 standard level MOSFET in LFPAK
Rev. 04-23 February 2010
PSMN012-100YS NXP-PSMN012-100YS Datasheet
242Kb / 15P
   N-channel 100V 12m廓 standard level MOSFET in LFPAK
Rev. 04-23 February 2010
PSMN028-100YS NXP-PSMN028-100YS Datasheet
257Kb / 15P
   N-channel LFPAK 100V 27.5 m廓 standard level MOSFET
Rev. 02-30 March 2010
logo
Nexperia B.V. All right...
PSMN012-100YS NEXPERIA-PSMN012-100YS Datasheet
871Kb / 15P
   N-channel 100V 12mΩ standard level MOSFET in LFPAK
Rev. 04 - 23 February 2010
PSMN020-100YS NEXPERIA-PSMN020-100YS Datasheet
744Kb / 14P
   N-channel 100V 20.5mΩ standard level MOSFET in LFPAK
26 March 2014
PSMN028-100YS NEXPERIA-PSMN028-100YS Datasheet
817Kb / 15P
   N-channel LFPAK 100V 27.5 mΩ standard level MOSFET
Rev. 02 - 30 March 2010
logo
NXP Semiconductors
PSMN013-100BS NXP-PSMN013-100BS Datasheet
229Kb / 15P
   N-channel 100V 13.9m廓 standard level MOSFET in D2PAK
Rev. 01-6 January 2011
PSMN013-100BS PHILIPS-PSMN013-100BS_15 Datasheet
271Kb / 13P
   N-channel 100V 13.9m廓 standard level MOSFET in D2PAK
21 February 2014
PSMN013-100PS PHILIPS-PSMN013-100PS_15 Datasheet
235Kb / 14P
   N-channel 100V 13.9m廓 standard level MOSFET in TO220
10 August 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com