Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN9R5-100PS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PSMN9R5-100PS
Description  N-channel 100 V 9.6 m廓 standard level MOSFET in T0220
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN9R5-100PS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PSMN9R5-100PS_15 Datasheet HTML 2Page - NXP Semiconductors PSMN9R5-100PS_15 Datasheet HTML 3Page - NXP Semiconductors PSMN9R5-100PS_15 Datasheet HTML 4Page - NXP Semiconductors PSMN9R5-100PS_15 Datasheet HTML 5Page - NXP Semiconductors PSMN9R5-100PS_15 Datasheet HTML 6Page - NXP Semiconductors PSMN9R5-100PS_15 Datasheet HTML 7Page - NXP Semiconductors PSMN9R5-100PS_15 Datasheet HTML 8Page - NXP Semiconductors PSMN9R5-100PS_15 Datasheet HTML 9Page - NXP Semiconductors PSMN9R5-100PS_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
NXP Semiconductors
PSMN9R5-100PS
N-channel 100 V 9.6 mΩ standard level MOSFET in T0220
PSMN9R5-100PS
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
17 October 2013
6 / 13
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Crss
reverse transfer
capacitance
-
185
-
pF
td(on)
turn-on delay time
-
22
-
ns
tr
rise time
-
25.2
-
ns
td(off)
turn-off delay time
-
52.2
-
ns
tf
fall time
VDS = 50 V; RL = 0.8 Ω; VGS = 10 V;
RG(ext) = 4.7 Ω; Tj = 25 °C
-
22.8
-
ns
Source-drain diode
VSD
source-drain voltage
IS = 15 A; VGS = 0 V; Tj = 25 °C; Fig. 17
-
0.85
1.2
V
trr
reverse recovery time
-
61.5
-
ns
Qr
recovered charge
IS = 20 A; dIS/dt = 100 A/µs; VGS = 0 V;
VDS = 50 V
-
157
-
nC
003aae025
6
12
18
24
30
4
8
12
16
20
VGS(V)
RDSon
(mΩ)
Fig. 5. Drain-source on-state resistance as a function
of gate-source voltage; typical values.
003aae022
0
2000
4000
6000
8000
0
3
6
9
12
VGS (V)
C
(pF)
Ciss
Crss
Fig. 6. Input and reverse transfer capacitances as a
function of gate-source voltage; typical values


Similar Part No. - PSMN9R5-100PS_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN9R5-100PS NXP-PSMN9R5-100PS Datasheet
249Kb / 14P
   N-channel 100 V 9.6 m廓 standard level MOSFET in T0220
Rev. 02-23 February 2010
logo
Nexperia B.V. All right...
PSMN9R5-100PS NEXPERIA-PSMN9R5-100PS Datasheet
742Kb / 13P
   N-channel 100 V 9.6 mΩ standard level MOSFET in T0220
17 October 2013
More results

Similar Description - PSMN9R5-100PS_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN9R5-100PS NXP-PSMN9R5-100PS Datasheet
249Kb / 14P
   N-channel 100 V 9.6 m廓 standard level MOSFET in T0220
Rev. 02-23 February 2010
logo
Nexperia B.V. All right...
PSMN9R5-100PS NEXPERIA-PSMN9R5-100PS Datasheet
742Kb / 13P
   N-channel 100 V 9.6 mΩ standard level MOSFET in T0220
17 October 2013
logo
NXP Semiconductors
PSMN9R5-100BS PHILIPS-PSMN9R5-100BS_15 Datasheet
232Kb / 14P
   N-channel 100 V 9.6 m廓 standard level MOSFET in D2PAK
Rev. 2-2 March 2012
PSMN9R5-100BS PHILIPS-PSMN9R5-100BS Datasheet
232Kb / 14P
   N-channel 100 V 9.6 m standard level MOSFET in D2PAK
Rev. 2-2 March 2012
logo
Nexperia B.V. All right...
PSMN9R5-100XS NEXPERIA-PSMN9R5-100XS Datasheet
363Kb / 16P
   N-channel 100V 9.6 m廓 standard level MOSFET in TO220F(SOT186A)
PSMN9R5-100BS NEXPERIA-PSMN9R5-100BS Datasheet
975Kb / 14P
   N-channel 100 V 9.6 mΩ standard level MOSFET in D2PAK
Rev. 2 - 2 March 2012
logo
NXP Semiconductors
PSMN016-100YS NXP-PSMN016-100YS_10 Datasheet
249Kb / 15P
   N-channel 100 V 16.3 m廓 standard level MOSFET in LFPAK
Rev. 03-30 March 2010
PSMN034-100PS NXP-PSMN034-100PS Datasheet
256Kb / 15P
   N-channel 100 V 34.5 m廓 standard level MOSFET in TO220.
Rev. 02-1 March 2010
BUK7Y12-100E NXP-BUK7Y12-100E Datasheet
294Kb / 13P
   N-channel 100 V, 12 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y15-100E NXP-BUK7Y15-100E Datasheet
322Kb / 13P
   N-channel 100 V, 15 m廓 standard level MOSFET in LFPAK56
20 February 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com