Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IKCM20L60HA Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # IKCM20L60HA
Description  Control Integrated POwer System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKCM20L60HA Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button IKCM20L60HA_15 Datasheet HTML 4Page - Infineon Technologies AG IKCM20L60HA_15 Datasheet HTML 5Page - Infineon Technologies AG IKCM20L60HA_15 Datasheet HTML 6Page - Infineon Technologies AG IKCM20L60HA_15 Datasheet HTML 7Page - Infineon Technologies AG IKCM20L60HA_15 Datasheet HTML 8Page - Infineon Technologies AG IKCM20L60HA_15 Datasheet HTML 9Page - Infineon Technologies AG IKCM20L60HA_15 Datasheet HTML 10Page - Infineon Technologies AG IKCM20L60HA_15 Datasheet HTML 11Page - Infineon Technologies AG IKCM20L60HA_15 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
CIPOS™ IKCM20L60HA
Datasheet
8
Ver. 1.1, 2014-06-01
Recommended Operation Conditions
All voltages are absolute voltages referenced to VSS -potential unless otherwise specified.
Description
Symbol
Value
Unit
min
typ
max
DC link supply voltage of P-N
VPN
0
-
400
V
High side floating supply voltage (VB vs. VS)
VBS
13.5
-
18.5
V
Low side supply voltage
VDD
14.5
16
18.5
V
Control supply variation
Δ
VBS,
Δ
VDD
-1
-1
-
1
1
V/µs
Logic input voltages LIN,HIN,ITRIP
VIN
VITRIP
0
0
-
5
5
V
Between VSS - N (including surge)
VSS
-5
-
5
V
Figure 6: TC measurement point2
2Any measurement except for the specified point in figure 6 is not relevant for the temperature verification and
brings wrong or different information.


Similar Part No. - IKCM20L60HA_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKCM20L60HA INFINEON-IKCM20L60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.2 2016-08-01
More results

Similar Description - IKCM20L60HA_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKCS08F60F2A INFINEON-IKCS08F60F2A Datasheet
548Kb / 18P
   Control integrated Power System
2009-04 Rev.2
IKCS12F60EA INFINEON-IKCS12F60EA Datasheet
435Kb / 17P
   Control integrated Power System
Rev. 0.2, Aug. 2009
IKCS17F60B2A INFINEON-IKCS17F60B2A Datasheet
466Kb / 18P
   Control integrated Power System
Rev. 2.2, March 2009
IKCS22F60B2A INFINEON-IKCS22F60B2A Datasheet
458Kb / 18P
   Control integrated Power System
Rev. 2.3, July 2009
IGCM04B60GA INFINEON-IGCM04B60GA_15 Datasheet
996Kb / 16P
   Control Integrated Power System
Ver. 1.0, 2014-06-01
IKCM15L60GA INFINEON-IKCM15L60GA_15 Datasheet
1Mb / 16P
   Control Integrated POwer System
Ver. 1.2, 2014-06-01
IKCM15L60GD INFINEON-IKCM15L60GD_15 Datasheet
916Kb / 16P
   Control Integrated POwer System
Ver. 1.0, 2015-07-01
IKCM30F60GD INFINEON-IKCM30F60GD_16 Datasheet
1Mb / 17P
   Control Integrated POwer System
Revision 2.3 2016-08-01
IKCM20L60HA INFINEON-IKCM20L60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.2 2016-08-01
IGCM04G60HA INFINEON-IGCM04G60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.3 2016-08-01
IKCM15F60HA INFINEON-IKCM15F60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.4 2016-08-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com