Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IKCM15L60GA Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # IKCM15L60GA
Description  Control Integrated POwer System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKCM15L60GA Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button IKCM15L60GA Datasheet HTML 8Page - Infineon Technologies AG IKCM15L60GA Datasheet HTML 9Page - Infineon Technologies AG IKCM15L60GA Datasheet HTML 10Page - Infineon Technologies AG IKCM15L60GA Datasheet HTML 11Page - Infineon Technologies AG IKCM15L60GA Datasheet HTML 12Page - Infineon Technologies AG IKCM15L60GA Datasheet HTML 13Page - Infineon Technologies AG IKCM15L60GA Datasheet HTML 14Page - Infineon Technologies AG IKCM15L60GA Datasheet HTML 15Page - Infineon Technologies AG IKCM15L60GA Datasheet HTML 16Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
CIPOS™ IKCM15L60GA
Datasheet
13
Ver. 1.2, 2014-06-01
Electrical characteristic
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
3
6
9
12
15
18
21
24
27
30
T
J=25
VDD=15V
VDD=20V
VCE(sat), Collector - Emitter voltage [V]
Typ. Collector – Emitter saturation
voltage
0
3
6
9
12
15
18
21
24
27
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VDC=300V
VDD=15V
High side @T
J=25
High side @T
J=150
℃d
Low side @T
J=25
℃dd
Low side @T
J=150
℃d
Ic, Collector current [A]
Typ. Turn on switching energy loss
0
3
6
9
12
15
18
21
24
27
30
600
630
660
690
720
750
780
810
840
870
900
VDC=300V
VDD=15V
High side @T
J=25
℃dd
High side @T
J=150
℃d
Low side @T
J=25
℃dd
Low side @T
J=150
℃d
Ic, Collector current [A]
Typ. Turn on propagation delay time
0
3
6
9
12
15
18
21
24
27
30
50
100
150
200
250
300
350
400
450
High side @T
J=25
High side @T
J=150
Low side @T
J=25
Low side @T
J=150
VDC=300V
VDD=15V
Ic, Collector current [A]
Typ. Turn off switching time
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
3
6
9
12
15
18
21
24
27
30
VDD=15V
T
J=25
T
J=150
VCE(sat), Collector - Emitter voltage [V]
Typ. Collector – Emitter saturation
voltage
0
3
6
9
12
15
18
21
24
27
30
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
High side @T
J=25
High side @T
J=150
℃d
Low side @T
J=25
℃dd
Low side @T
J=150
℃d
VDC=300V
VDD=15V
Ic, Collector current [A]
Typ. Turn off switching energy loss
0
3
6
9
12
15
18
21
24
27
30
0
100
200
300
400
500
600
700
800
VDC=300V
VDD=15V
High side @T
J=25
℃dd
High side @T
J=150
℃d
Low side @T
J=25
℃dd
Low side @T
J=150
℃d
Ic, Collector current [A]
Typ. Turn on switching time
0
3
6
9
12
15
18
21
24
27
30
0
50
100
150
200
250
300
350
400
450
500
High side @T
J=25
℃dd
High side @T
J=150
℃d
Low side @T
J=25
℃dd
Low side @T
J=150
℃d
VDC=300V
VDD=15V
Ic, Collector current [A]
Typ. Reverse recovery time
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
3
6
9
12
15
18
21
24
27
30
T
J=25
T
J=150
VF, Emitter - Collector voltage [V]
Typ. Emitter – Collector forward
voltage
0
3
6
9
12
15
18
21
24
27
30
0
20
40
60
80
100
120
140
160
180
200
VDC=300V
VDD=15V
High side @T
J=25
℃dd
High side @T
J=150
Low side @T
J=25
Low side @T
J=150
℃d
Ic, Collector current [A]
Typ. Reverse recovery energy loss
0
3
6
9
12
15
18
21
24
27
30
700
800
900
1000
1100
1200
1300
1400
1500
VDC=300V
VDD=15V
High side @T
J=25
High side @T
J=150
Low side @T
J=25
Low side @T
J=150
Ic, Collector current [A]
Typ. Turn off propagation delay time
1E-7 1E-6 1E-5 1E-4 1E-3 0.01 0.1
1
10
100
1E-4
1E-3
0.01
0.1
1
10
D : duty ratio
D=50%
D=20%
D=10%
D=5%
D=2%
Single pulse
tP, Pulse width [sec.]
IGBT transient thermal resistance at
all six IGBTs operation


Similar Part No. - IKCM15L60GA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKCM15L60GA INFINEON-IKCM15L60GA_16 Datasheet
1Mb / 17P
   Control Integrated POwer System
Revision 2.4 2016-08-01
More results

Similar Description - IKCM15L60GA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKCS08F60F2A INFINEON-IKCS08F60F2A Datasheet
548Kb / 18P
   Control integrated Power System
2009-04 Rev.2
IKCS12F60EA INFINEON-IKCS12F60EA Datasheet
435Kb / 17P
   Control integrated Power System
Rev. 0.2, Aug. 2009
IKCS17F60B2A INFINEON-IKCS17F60B2A Datasheet
466Kb / 18P
   Control integrated Power System
Rev. 2.2, March 2009
IKCS22F60B2A INFINEON-IKCS22F60B2A Datasheet
458Kb / 18P
   Control integrated Power System
Rev. 2.3, July 2009
IGCM04B60GA INFINEON-IGCM04B60GA_15 Datasheet
996Kb / 16P
   Control Integrated Power System
Ver. 1.0, 2014-06-01
IKCM15L60GD INFINEON-IKCM15L60GD_15 Datasheet
916Kb / 16P
   Control Integrated POwer System
Ver. 1.0, 2015-07-01
IKCM30F60GD INFINEON-IKCM30F60GD_16 Datasheet
1Mb / 17P
   Control Integrated POwer System
Revision 2.3 2016-08-01
IKCM20L60HA INFINEON-IKCM20L60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.2 2016-08-01
IGCM04G60HA INFINEON-IGCM04G60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.3 2016-08-01
IKCM15F60HA INFINEON-IKCM15F60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.4 2016-08-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com