Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IKCM15L60GA Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # IKCM15L60GA
Description  Control Integrated POwer System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKCM15L60GA Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button IKCM15L60GA Datasheet HTML 8Page - Infineon Technologies AG IKCM15L60GA Datasheet HTML 9Page - Infineon Technologies AG IKCM15L60GA Datasheet HTML 10Page - Infineon Technologies AG IKCM15L60GA Datasheet HTML 11Page - Infineon Technologies AG IKCM15L60GA Datasheet HTML 12Page - Infineon Technologies AG IKCM15L60GA Datasheet HTML 13Page - Infineon Technologies AG IKCM15L60GA Datasheet HTML 14Page - Infineon Technologies AG IKCM15L60GA Datasheet HTML 15Page - Infineon Technologies AG IKCM15L60GA Datasheet HTML 16Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
CIPOS™ IKCM15L60GA
Datasheet
12
Ver. 1.2, 2014-06-01
Circuit of a Typical Application
3-ph AC
Motor
Micro
Controller
VDD line
5 or 3.3V line
Signal
for short-circuit protection
U-phase current sensing
V-phase current sensing
W-phase current sensing
U
VSS
VDD
LIN3
LIN2
LIN1
VFO
ITRIP
LO3
LO2
LO1
HO1
HO2
HO3
VB1
VS1
VB2
VS2
VB3
VS3
HIN3
HIN2
HIN1
NW (17)
NV (18)
W (20)
V (21)
U (22)
P (23)
(2) VB(U)
(15) ITRIP
(14) VFO
(10) LIN(U)
(11) LIN(V)
(12) LIN(W)
(16) VSS
(13) VDD
(4) VB(V)
(6) VB(W)
(7) HIN(U)
(8) HIN(V)
(9) HIN(W)
(1) VS(U)
(3) VS(V)
(5) VS(W)
NU (19)
NC (24)
Thermistor
RBS1
RBS2
RBS3
Figure 9: Application circuit
Switching Times Definition
HINx
LINx
iCx
vCEx
0.9V
2.1V
90%
10%
10%
10%
90%
toff
tf
ton
tr
tc(off)
tc(on)
10%
trr
10%
Figure 10: Switching times definition


Similar Part No. - IKCM15L60GA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKCM15L60GA INFINEON-IKCM15L60GA_16 Datasheet
1Mb / 17P
   Control Integrated POwer System
Revision 2.4 2016-08-01
More results

Similar Description - IKCM15L60GA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKCS08F60F2A INFINEON-IKCS08F60F2A Datasheet
548Kb / 18P
   Control integrated Power System
2009-04 Rev.2
IKCS12F60EA INFINEON-IKCS12F60EA Datasheet
435Kb / 17P
   Control integrated Power System
Rev. 0.2, Aug. 2009
IKCS17F60B2A INFINEON-IKCS17F60B2A Datasheet
466Kb / 18P
   Control integrated Power System
Rev. 2.2, March 2009
IKCS22F60B2A INFINEON-IKCS22F60B2A Datasheet
458Kb / 18P
   Control integrated Power System
Rev. 2.3, July 2009
IGCM04B60GA INFINEON-IGCM04B60GA_15 Datasheet
996Kb / 16P
   Control Integrated Power System
Ver. 1.0, 2014-06-01
IKCM15L60GD INFINEON-IKCM15L60GD_15 Datasheet
916Kb / 16P
   Control Integrated POwer System
Ver. 1.0, 2015-07-01
IKCM30F60GD INFINEON-IKCM30F60GD_16 Datasheet
1Mb / 17P
   Control Integrated POwer System
Revision 2.3 2016-08-01
IKCM20L60HA INFINEON-IKCM20L60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.2 2016-08-01
IGCM04G60HA INFINEON-IGCM04G60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.3 2016-08-01
IKCM15F60HA INFINEON-IKCM15F60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.4 2016-08-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com