Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IKCM15F60HA Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IKCM15F60HA
Description  Control Integrated POwer System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKCM15F60HA Datasheet(HTML) 3 Page - Infineon Technologies AG

  IKCM15F60HA Datasheet HTML 1Page - Infineon Technologies AG IKCM15F60HA Datasheet HTML 2Page - Infineon Technologies AG IKCM15F60HA Datasheet HTML 3Page - Infineon Technologies AG IKCM15F60HA Datasheet HTML 4Page - Infineon Technologies AG IKCM15F60HA Datasheet HTML 5Page - Infineon Technologies AG IKCM15F60HA Datasheet HTML 6Page - Infineon Technologies AG IKCM15F60HA Datasheet HTML 7Page - Infineon Technologies AG IKCM15F60HA Datasheet HTML 8Page - Infineon Technologies AG IKCM15F60HA Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CIPOS™ IKCM15F60HA
Datasheet
3
Ver. 1.2, 2014-06-01
CIPOS™
Control Integrated POwer System
Dual In-Line Intelligent Power Module
3Φ-bridge 600V / 15A
Features
Fully isolated Dual In-Line molded module
 TrenchStop® IGBTs
 Rugged SOI gate driver technology with stability
against transient and negative voltage
 Allowable negative VS potential up to -11V for
signal transmission at VBS=15V
 Integrated bootstrap functionality
 Over current shutdown
 Under-voltage lockout at all channels
 Low side emitter pins accessible for all phase
current monitoring (open emitter)
 Cross-conduction prevention
 All of 6 switches turn off during protection
 Lead-free terminal plating; RoHS compliant
Target Applications
 Dish washers
 Refrigerators
 Washing machines
 Air-conditioners
 Fans
 Low power motor drives
Description
The CIPOS™ module family offers the chance for
integrating various power and control components
to increase reliability, optimize PCB size and system
costs.
It is designed to control three phase AC motors and
permanent magnet motors in variable speed drives
for
applications
like
an
air
conditioning,
a
refrigerator and a washing machine. The package
concept is specially adapted to power applications,
which need good thermal conduction and electrical
isolation, but also EMI-save control and overload
protection.
TrenchStop® IGBTs and anti parallel diodes are
combined with an optimized SOI gate driver for
excellent electrical performance.
System Configuration
 3 half bridges with TrenchStop® IGBTs and anti
parallel diodes
 3Φ SOI gate driver
 Pin-to-heasink creepage distance typ. 1.6mm


Similar Part No. - IKCM15F60HA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKCM15F60HA INFINEON-IKCM15F60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.4 2016-08-01
More results

Similar Description - IKCM15F60HA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKCS08F60F2A INFINEON-IKCS08F60F2A Datasheet
548Kb / 18P
   Control integrated Power System
2009-04 Rev.2
IKCS12F60EA INFINEON-IKCS12F60EA Datasheet
435Kb / 17P
   Control integrated Power System
Rev. 0.2, Aug. 2009
IKCS17F60B2A INFINEON-IKCS17F60B2A Datasheet
466Kb / 18P
   Control integrated Power System
Rev. 2.2, March 2009
IKCS22F60B2A INFINEON-IKCS22F60B2A Datasheet
458Kb / 18P
   Control integrated Power System
Rev. 2.3, July 2009
IGCM04B60GA INFINEON-IGCM04B60GA_15 Datasheet
996Kb / 16P
   Control Integrated Power System
Ver. 1.0, 2014-06-01
IKCM15L60GA INFINEON-IKCM15L60GA_15 Datasheet
1Mb / 16P
   Control Integrated POwer System
Ver. 1.2, 2014-06-01
IKCM15L60GD INFINEON-IKCM15L60GD_15 Datasheet
916Kb / 16P
   Control Integrated POwer System
Ver. 1.0, 2015-07-01
IKCM30F60GD INFINEON-IKCM30F60GD_16 Datasheet
1Mb / 17P
   Control Integrated POwer System
Revision 2.3 2016-08-01
IKCM20L60HA INFINEON-IKCM20L60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.2 2016-08-01
IGCM04G60HA INFINEON-IGCM04G60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.3 2016-08-01
IKCM15F60HA INFINEON-IKCM15F60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.4 2016-08-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com