Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAW0LA0A Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # SAW0LA0A
Description  Superior high Flux for High Voltage System
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAW0LA0A Datasheet(HTML) 3 Page - Seoul Semiconductor

  SAW0LA0A Datasheet HTML 1Page - Seoul Semiconductor SAW0LA0A Datasheet HTML 2Page - Seoul Semiconductor SAW0LA0A Datasheet HTML 3Page - Seoul Semiconductor SAW0LA0A Datasheet HTML 4Page - Seoul Semiconductor SAW0LA0A Datasheet HTML 5Page - Seoul Semiconductor SAW0LA0A Datasheet HTML 6Page - Seoul Semiconductor SAW0LA0A Datasheet HTML 7Page - Seoul Semiconductor SAW0LA0A Datasheet HTML 8Page - Seoul Semiconductor SAW0LA0A Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
www.seoulsemicon.com
Product Data Sheet
SAW0LA0A - Acrich MJT 5050
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
3
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev1.1, Sep 9, 2015
 전기적 특성 및 광 특성 스펙 테이블
Product Performance & Characterization Guide
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Forward Current
I
F
40
80
mA
Forward Voltage
V
F
28.5
31
33.5
V
Luminous Flux [1]
Ф
V
[2]
154
180
-
lm
Correlated Color Temperature [3]
CCT
3,700
-
7,000
K
Color Rendering Index [4]
R
a
70
-
80
-
Viewing Angle
2
Θ
1/2
-
120
-
deg.
Power Dissipation
P
D
-
1.24
2.01
W
Junction Temperature
T
j
-
-
125
ºC
Operating Temperature
T
opr
- 40
-
+ 85
ºC
Storage Temperature
T
stg
- 40
-
+ 100
ºC
Thermal resistance (J to S) [5]
J-S
-
6.0
-
℃/W
ESD Sensitivity(HBM)
-
Class 3A JESD22-A114-E
Table 2. Characteristics, I
F=40mA , Tj=25ºC, RH30%
Notes :
[1] Acrich series maintains a tolerance of
7% on flux and power measurements.
[2]
Ф
V is the total luminous flux output as measured with an integration sphere.
[3] Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram.
*Color coordinate:
 0.005, CCT: 5%
[4] Tolerance is
2.0 on CRI measurements.
[5] Thermal resistance: Rth
JS (Junction to Solder)
LED’s properties might be different from suggested values like above and below tables if
operation condition will be exceeded our parameter range. Care is to be taken that power
dissipation does not exceed the absolute maximum rating of the product.
Thermal resistance can be increased substantially depending on the heat sink design/operating
condition, and the maximum possible driving current will decrease accordingly.
All measurements were made under the standardized environment of Seoul Semiconductor.


Similar Part No. - SAW0LA0A

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SAW0L7PA SEOUL-SAW0L7PA Datasheet
859Kb / 23P
   Superior high Flux for High Current System
SAW0LH0A SEOUL-SAW0LH0A Datasheet
791Kb / 22P
   Superior high Flux for High Current System
More results

Similar Description - SAW0LA0A

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SAW09A0A SEOUL-SAW09A0A Datasheet
789Kb / 21P
   Superior high Flux for High Voltage System
ST75LAPA SEOUL-ST75LAPA Datasheet
654Kb / 23P
   Superior high Flux for High Voltage System
SAW09H0A SEOUL-SAW09H0A Datasheet
823Kb / 24P
   Superior high Flux for High Voltage System
SAW8KG0B SEOUL-SAW8KG0B Datasheet
1Mb / 31P
   Superior high Flux for High Voltage System
SAWX9D0A SEOUL-SAWX9D0A Datasheet
708Kb / 20P
   Superior high Flux for High Voltage System
SAW8LA0A SEOUL-SAW8LA0A Datasheet
859Kb / 25P
   Superior high Flux for High Voltage System
SAW9KG0B SEOUL-SAW9KG0B Datasheet
1Mb / 23P
   Superior high Flux for High Voltage System
SAW8FS72A SEOUL-SAW8FS72A Datasheet
1Mb / 31P
   Superior high Flux for High Voltage System
SAW0LH0A SEOUL-SAW0LH0A Datasheet
791Kb / 22P
   Superior high Flux for High Current System
SDW03F1C SEOUL-SDW03F1C Datasheet
477Kb / 20P
   Superior high Flux for High Current System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com