Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HWT801G-S Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # HWT801G-S
Description  Applicable for automotive interior light
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

HWT801G-S Datasheet(HTML) 3 Page - Seoul Semiconductor

  HWT801G-S Datasheet HTML 1Page - Seoul Semiconductor HWT801G-S Datasheet HTML 2Page - Seoul Semiconductor HWT801G-S Datasheet HTML 3Page - Seoul Semiconductor HWT801G-S Datasheet HTML 4Page - Seoul Semiconductor HWT801G-S Datasheet HTML 5Page - Seoul Semiconductor HWT801G-S Datasheet HTML 6Page - Seoul Semiconductor HWT801G-S Datasheet HTML 7Page - Seoul Semiconductor HWT801G-S Datasheet HTML 8Page - Seoul Semiconductor HWT801G-S Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
www.seoulsemicon.com
Product Data Sheet
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
3
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev4.0, Aug 26, 2015
HWT801G-S - 801 Series White
Performance Characteristics
 전기적 특성 및 광 특성 스펙 테이블
Table 1. Electro Optical Characteristics, I
F = 30mA, Tj = 25ºC, RH30%
Parameter
Symbol
Value
Unit
Min
Typ
Max
Forward Voltage [1]
V
F
2.7
3.4
4.0
V
Reverse Voltage
V
R
(I
R=5mA)
0.9
1.2
V
Luminous Intensity [2] [1]
I
V
1800
2240
2800
mcd
Luminous Flux
Φ
V
6720
mlm
Color Coordinate [3] [1]
X
0.34
-
Y
0.35
-
Viewing Angle [4]
1/2
120
deg.
Optical Efficiency
η
op
78.7
lm/W
Thermal resistance [5]
Rth JA
360
℃ / W
Rth JS
180
℃ / W
Temperature coefficient of V
F
-10℃
≤ T ≤ 100 ℃
TC
v
-3.9
mV/℃
Temperature coefficient of X
-10℃
≤ T ≤ 100 ℃
TC
x
-0.23
10-3/℃
Temperature coefficient of Y
-10℃
≤ T ≤ 100 ℃
TC
y
-0.23
10-3/℃
Luminous Intensity Phi V / IV
Ω
3.0
3.1
lm/cd
(1) Tolerance : VF :±0.1V, IV :±10%, x,y :±0.005
(2) The luminous intensity IV was measured at the peak of the spatial pattern which may not be
aligned with the mechanical axis of the LED package.
(3) Correlated Color is derived from the CIE 1931 Chromaticity diagram.
(4) Θ
1/2 is the off-axis where the luminous intensity is 1/2 of the peak intensity
(5) Thermal resistance = Rth JA : Junction/ambient , Rth JS : Junction/solder point
Pad design for improved heat dissipation : Cu-area > Cu 16mm2 per pad, FR4, t=1.6mm
(6) Not designed for reverse operation
Notes :


Similar Part No. - HWT801G-S

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
HWT801-S SEOUL-HWT801-S Datasheet
924Kb / 26P
   Applicable for automotive interior light
HWT801-SB SEOUL-HWT801-SB Datasheet
908Kb / 25P
   Applicable for automotive interior light
HWT801-SM SEOUL-HWT801-SM Datasheet
955Kb / 26P
   Applicable for automotive interior light
More results

Similar Description - HWT801G-S

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
EMIBT809-S SEOUL-EMIBT809-S Datasheet
939Kb / 27P
   Applicable for automotive interior light
EBT801-S SEOUL-EBT801-S Datasheet
872Kb / 25P
   Applicable for automotive interior light
ELWT801-S05 SEOUL-ELWT801-S05 Datasheet
894Kb / 26P
   Applicable for automotive interior light
STG0A12CE SEOUL-STG0A12CE Datasheet
869Kb / 25P
   Applicable for automotive interior light
LAT801-S SEOUL-LAT801-S Datasheet
827Kb / 23P
   Applicable for automotive interior light
ELWT809-S SEOUL-ELWT809-S Datasheet
896Kb / 25P
   Applicable for automotive interior light
LWT801-S SEOUL-LWT801-S Datasheet
893Kb / 26P
   Applicable for automotive interior light
HRT801-SB SEOUL-HRT801-SB Datasheet
825Kb / 24P
   Applicable for automotive interior light
ELWT809-SM SEOUL-ELWT809-SM Datasheet
941Kb / 25P
   Applicable for automotive interior light
ELWT801-S02 SEOUL-ELWT801-S02 Datasheet
908Kb / 26P
   Applicable for automotive interior light
ESKBT809-S SEOUL-ESKBT809-S Datasheet
1,017Kb / 27P
   Applicable for automotive interior light
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com