Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1804-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Part # PCM1804-Q1
Description  FULL DIFFERENTIAL ANALOG INPUT 24-BIT, 192-kHz STEREO A/D CONVERTER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1804-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM1804-Q1_15 Datasheet HTML 4Page - Texas Instruments PCM1804-Q1_15 Datasheet HTML 5Page - Texas Instruments PCM1804-Q1_15 Datasheet HTML 6Page - Texas Instruments PCM1804-Q1_15 Datasheet HTML 7Page - Texas Instruments PCM1804-Q1_15 Datasheet HTML 8Page - Texas Instruments PCM1804-Q1_15 Datasheet HTML 9Page - Texas Instruments PCM1804-Q1_15 Datasheet HTML 10Page - Texas Instruments PCM1804-Q1_15 Datasheet HTML 11Page - Texas Instruments PCM1804-Q1_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
VCC − Supply Voltage − V
100
105
110
115
120
4.50
4.75
5.00
5.25
5.50
G004
Dynamic Range
SNR
−55
−50
−45
−40
−35
VCC − Supply Voltage − V
−110
−105
−100
−95
−90
4.50
4.75
5.00
5.25
5.50
G003
−60 dB
−0.5 dB
T − Temperature −
°C
100
105
110
115
120
−20
0
20
40
60
80
G002
Dynamic Range
SNR
−55
−50
−45
−40
−35
T − Temperature −
°C
−110
−105
−100
−95
−90
−20
0
20
40
60
80
−60 dB
−0.5 dB
G001
PCM1804-Q1
SLES271A – JUNE 2012 – REVISED AUGUST 2012
www.ti.com
TYPICAL PERFORMANCE CURVES - SINGLE RATE
All specifications at TA = 25°C, VCC = 3.3 V, VDD = 5 V, master mode, fS = 48 kHz, system clock = 256 fS, 24-bit data, unless
otherwise noted.
TOTAL HARMONIC DISTORTION + NOISE
DYNAMIC RANGE AND SNR
vs
vs
TEMPERATURE
TEMPERATURE
Figure 1.
Figure 2.
TOTAL HARMONIC DISTORTION + NOISE
DYNAMIC RANGE AND SNR
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 3.
Figure 4.
8
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - PCM1804-Q1_15

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1804 BURR-BROWN-PCM1804 Datasheet
470Kb / 31P
   FULL DIFFERENTIAL ANALOG INPUT 24-BIT, 192-kHz STEREO A/D CONVERTER
logo
Texas Instruments
PCM1804 TI1-PCM1804 Datasheet
611Kb / 36P
[Old version datasheet]   STEREO A/D CONVERTER
logo
Burr-Brown (TI)
PCM1804DB BURR-BROWN-PCM1804DB Datasheet
470Kb / 31P
   FULL DIFFERENTIAL ANALOG INPUT 24-BIT, 192-kHz STEREO A/D CONVERTER
logo
Texas Instruments
PCM1804DB TI1-PCM1804DB Datasheet
611Kb / 36P
[Old version datasheet]   STEREO A/D CONVERTER
PCM1804DBG4 TI1-PCM1804DBG4 Datasheet
611Kb / 36P
[Old version datasheet]   STEREO A/D CONVERTER
More results

Similar Description - PCM1804-Q1_15

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1804 BURR-BROWN-PCM1804 Datasheet
470Kb / 31P
   FULL DIFFERENTIAL ANALOG INPUT 24-BIT, 192-kHz STEREO A/D CONVERTER
logo
Protek Devices
PA5144LV PROTEC-PA5144LV Datasheet
201Kb / 6P
   24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
PA5240 PROTEC-PA5240 Datasheet
267Kb / 8P
   24-Bit, 192 kHz Stereo A/D Converter for PCM Audio
PA5134LV PROTEC-PA5134LV Datasheet
202Kb / 6P
   24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
PA5144 PROTEC-PA5144 Datasheet
201Kb / 6P
   24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
logo
Texas Instruments
PCM1803A TI-PCM1803A Datasheet
228Kb / 22P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1802DBRG4 TI1-PCM1802DBRG4 Datasheet
411Kb / 28P
[Old version datasheet]   SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1802 TI-PCM1802 Datasheet
360Kb / 24P
[Old version datasheet]   SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1808-Q1 TI-PCM1808-Q1_15 Datasheet
578Kb / 28P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1803 TI-PCM1803 Datasheet
320Kb / 20P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com