Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC7760 Datasheet(PDF) 4 Page - Texas Instruments

Part # DAC7760
Description  Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7760 Datasheet(HTML) 4 Page - Texas Instruments

  DAC7760_15 Datasheet HTML 1Page - Texas Instruments DAC7760_15 Datasheet HTML 2Page - Texas Instruments DAC7760_15 Datasheet HTML 3Page - Texas Instruments DAC7760_15 Datasheet HTML 4Page - Texas Instruments DAC7760_15 Datasheet HTML 5Page - Texas Instruments DAC7760_15 Datasheet HTML 6Page - Texas Instruments DAC7760_15 Datasheet HTML 7Page - Texas Instruments DAC7760_15 Datasheet HTML 8Page - Texas Instruments DAC7760_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
DAC7760
DAC8760
SBAS528A – JUNE 2013 – REVISED DECEMBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
At AVDD = +10 V to +36 V, AVSS = –18 V to 0 V, AVDD + |AVSS|
≤ 36 V, GND = 0 V, REFIN = +5-V external, and DVDD =
+2.7 V to +5.5 V. For VOUT: RL = 1 kΩ, CL = 200 pF; for IOUT: RL = 300 Ω. All specifications are from –40°C to +125°C,
unless otherwise noted. Typical specifications are at +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOLTAGE OUTPUT (for Unipolar and Bipolar Modes)
Headroom
AVDD with respect to VOUT full scale
0.5
V
Footroom
AVSS with respect to VOUT zero scale
–0.5
V
Output voltage drift vs time
TA = +125°C, 1000 hrs
±15
ppm FSR
Short-circuit current
30
mA
Load
For specified performance
1
k
Ω
RL = ∞
20
nF
RL = 1 kΩ
5
nF
Capacitive load stability(3)
RL = 1 kΩ, external compensation capacitor (4 nF)
1
μF
connected
DC output impedance
Code = 0x8000
0.3
Ω
DC PSRR(3)
No output load
3
10
μV/V
CURRENT OUTPUT
0
24
mA
Output current ranges
0
20
mA
4
20
mA
DAC8760
16
Bits
Resolution
DAC7760
12
Bits
Accuracy (for 0-mA to 20-mA and 0-mA to 24-mA range settings)(4)
TA = –40°C to +125°C
–0.2
+0.2
%FSR
Total unadjusted error, TUE
TA = –40°C to +85°C
–0.16
+0.16
%FSR
TA = +25°C
–0.08
±0.02
+0.08
%FSR
Differential nonlinearity, DNL
Monotonic
±1
LSB
TA = –40°C to +125°C
±0.080
%FSR
Relative accuracy, INL(5)
TA = –40°C to +85°C
±0.024
%FSR
TA = –40°C to +125°C
–0.17
+0.17
%FSR
Offset error
TA = –40°C to +85°C
–0.1
+0.1
%FSR
TA = +25°C
–0.07
±0.01
+0.07
%FSR
Offset error temperature coefficient
±5
ppm FSR/°C
TA = –40°C to +125°C
–0.2
+0.2
%FSR
Full-scale error
TA = –40°C to +85°C
–0.16
+0.16
%FSR
TA = +25°C
–0.08
±0.015
+0.08
%FSR
Internal RSET
±5
ppm FSR/°C
Full-scale error
temperature coefficient
External RSET
±10
ppm FSR/°C
–40°C to +125°C
–0.2
+0.2
%FSR
Internal RSET
–40°C to +85°C
–0.15
+0.15
%FSR
TA = +25°C
–0.08
±0.01
+0.08
%FSR
Gain error
–40°C to +125°C
–0.17
+0.17
%FSR
External RSET
–40°C to +85°C
–0.12
+0.12
%FSR
TA = +25°C
–0.05
±0.01
+0.05
%FSR
Internal RSET
±3
ppm FSR/°C
Gain error temperature
coefficient
External RSET
±8
ppm FSR/°C
Internal RSET
±50
ppm FSR
Output current drift vs
TA = +125°C, 1000 hrs
time
External RSET
±25
ppm FSR
(3)
Specified by design and characterization; not production tested.
(4)
DAC8760 and DAC7760 current output range is set by writing to RANGE bits in control register at address 0x55.
(5)
For 0-mA to 20-mA and 0-mA to 24-mA ranges, INL is calculated beginning from code 0x0100 for DAC8760 and from code 0x0010 for
DAC7760.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: DAC7760 DAC8760


Similar Part No. - DAC7760_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7760IPWP TI1-DAC7760IPWP Datasheet
4Mb / 63P
[Old version datasheet]   Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
DAC7760IPWPR TI1-DAC7760IPWPR Datasheet
4Mb / 63P
[Old version datasheet]   Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
DAC7760IRHAR TI1-DAC7760IRHAR Datasheet
4Mb / 63P
[Old version datasheet]   Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
DAC7760IRHAT TI1-DAC7760IRHAT Datasheet
4Mb / 63P
[Old version datasheet]   Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
More results

Similar Description - DAC7760_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7760 TI1-DAC7760 Datasheet
4Mb / 63P
[Old version datasheet]   Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
DAC8760IPWPR TI-DAC8760IPWPR Datasheet
193Kb / 6P
[Old version datasheet]   Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converter for 4-mA to 20-mA Current Loop Applications
DAC7750 TI1-DAC7750 Datasheet
3Mb / 53P
[Old version datasheet]   DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
DAC7750 TI-DAC7750_15 Datasheet
3Mb / 53P
[Old version datasheet]   DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
logo
Analog Devices
AD5737 AD-AD5737_12 Datasheet
1Mb / 44P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
logo
Texas Instruments
DAC8775 TI1-DAC8775 Datasheet
7Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converter with Adaptive Power Management
logo
Analog Devices
AD5755 AD-AD5755_11 Datasheet
2Mb / 48P
   Quad Channel, 16-Bit, Serial Input, 4 mA to 20 mA and Voltage Output DAC, Dynamic Power Control
REV. 0
AD5755-1 AD-AD5755-1_11 Datasheet
1Mb / 48P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA and Voltage Output DAC,Dynamic Power Control
REV. A
logo
Texas Instruments
DAC8771 TI1-DAC8771 Datasheet
4Mb / 77P
[Old version datasheet]   Single-Channel,16-Bit Voltage and Current Output Digital-to-Analog Converter with Adaptive Power Management
AFE78101 TI-AFE78101 Datasheet
3Mb / 88P
[Old version datasheet]   AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com