Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FF600R12ME4A_B11 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # FF600R12ME4A_B11
Description  High Power and Thermal Cycling Capability
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FF600R12ME4A_B11 Datasheet(HTML) 5 Page - Infineon Technologies AG

  FF600R12ME4A_B11_15 Datasheet HTML 1Page - Infineon Technologies AG FF600R12ME4A_B11_15 Datasheet HTML 2Page - Infineon Technologies AG FF600R12ME4A_B11_15 Datasheet HTML 3Page - Infineon Technologies AG FF600R12ME4A_B11_15 Datasheet HTML 4Page - Infineon Technologies AG FF600R12ME4A_B11_15 Datasheet HTML 5Page - Infineon Technologies AG FF600R12ME4A_B11_15 Datasheet HTML 6Page - Infineon Technologies AG FF600R12ME4A_B11_15 Datasheet HTML 7Page - Infineon Technologies AG FF600R12ME4A_B11_15 Datasheet HTML 8Page - Infineon Technologies AG FF600R12ME4A_B11_15 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
TechnischeInformation/TechnicalInformation
FF600R12ME4A_B11
IGBT-Modul
IGBT-Module
preparedby:KY
approvedby:KV
dateofpublication:2015-09-09
revision:V3.0
AusgangskennlinieIGBT,Wechselrichter(typisch)
outputcharacteristicIGBT,Inverter(typical)
IC=f(VCE)
VGE=15V
VCE [V]
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
0
200
400
600
800
1000
1200
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
AusgangskennlinienfeldIGBT,Wechselrichter(typisch)
outputcharacteristicIGBT,Inverter(typical)
IC=f(VCE)
Tvj=150°C
VCE [V]
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
4,0
4,5
5,0
0
200
400
600
800
1000
1200
VGE = 19V
VGE = 17V
VGE = 15V
VGE = 13V
VGE = 11V
VGE = 9V
ÜbertragungscharakteristikIGBT,Wechselrichter(typisch)
transfercharacteristicIGBT,Inverter(typical)
IC=f(VGE)
VCE=20V
VGE [V]
5
6
7
8
9
10
11
12
13
0
200
400
600
800
1000
1200
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
SchaltverlusteIGBT,Wechselrichter(typisch)
switchinglossesIGBT,Inverter(typical)
Eon=f(IC),Eoff=f(IC)
VGE=±15V,RGon=0.51
Ω,RGoff=0.51Ω,VCE=600V
IC [A]
0
200
400
600
800
1000
1200
0
50
100
150
200
250
300
Eon, Tvj = 125°C
Eon, Tvj = 150°C
Eoff, Tvj = 125°C
Eoff, Tvj = 150°C


Similar Part No. - FF600R12ME4A_B11_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FF600R12ME4 INFINEON-FF600R12ME4 Datasheet
512Kb / 9P
   EconoDUAL3 module with Trench/Fieldstop IGBT4 and Emitter Controlled Diode and NTC
2011-03-02 revision:2.1
FF600R12ME4 INFINEON-FF600R12ME4 Datasheet
606Kb / 9P
   EconoDUAL3 Modul mit Trench
2013-11-05 revision:2.2
FF600R12ME4C INFINEON-FF600R12ME4C Datasheet
609Kb / 9P
   EconoDUAL3 Modul mit Trench
2013-11-05 revision:3.0
FF600R12ME4C_B11 INFINEON-FF600R12ME4C_B11 Datasheet
690Kb / 9P
   EconoDUAL?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled 4 Diode und PressFIT / NTC
2013-11-05 revision:3.0
FF600R12ME4E_B11 INFINEON-FF600R12ME4E_B11 Datasheet
621Kb / 9P
   EconoDUAL3 Modul mit Trench
V3.0 2017-12-05
More results

Similar Description - FF600R12ME4A_B11_15

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM1500ASM33-TL001 DYNEX-DIM1500ASM33-TL001 Datasheet
381Kb / 8P
   High Thermal Cycling Capability
logo
NXP Semiconductors
BT152-800R NXP-BT152-800R_11 Datasheet
527Kb / 12P
   High thermal cycling performance Very high current surge capability
Rev. 2-9 June 2011
logo
STMicroelectronics
T1610H STMICROELECTRONICS-T1610H Datasheet
273Kb / 9P
   High thermal cycling performance
May 2013 Rev 1
logo
SEMTECH ELECTRONICS LTD...
BT134T SEMTECH_ELEC-BT134T Datasheet
152Kb / 2P
   For high thermal cycling performance
logo
WeEn Semiconductors
BT155W-1400T WEEN-BT155W-1400T Datasheet
538Kb / 13P
   SCR High thermal cycling performance
logo
Laird Tech Smart Techno...
HT4 LSTD-HT4 Datasheet
578Kb / 2P
   Thermal Cycling Durability
TPUTTY-508 LSTD-TPUTTY-508 Datasheet
308Kb / 1P
   Demonstrated thermal cycling stability
logo
Hirose Electric
TR0636E-10026 HIROSE-TR0636E-10026 Datasheet
1Mb / 21P
   IT3 Thermal Cycling Test Report
logo
Laird Tech Smart Techno...
HT8 LSTD-HT8 Datasheet
583Kb / 2P
   Power Cycling Reliability
logo
First Silicon Co., Ltd
BTA04-600B FS-BTA04-600B Datasheet
384Kb / 3P
   Glass passivated triacs in a plastic envelope, intended for use in applications requiring high bidirectional transient andblocking voltage capability and high thermal cycling performance.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com