Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC5687 Datasheet(PDF) 1 Page - Texas Instruments

Part # DAC5687
Description  16-BIT, 500 MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687 Datasheet(HTML) 1 Page - Texas Instruments

  DAC5687_15 Datasheet HTML 1Page - Texas Instruments DAC5687_15 Datasheet HTML 2Page - Texas Instruments DAC5687_15 Datasheet HTML 3Page - Texas Instruments DAC5687_15 Datasheet HTML 4Page - Texas Instruments DAC5687_15 Datasheet HTML 5Page - Texas Instruments DAC5687_15 Datasheet HTML 6Page - Texas Instruments DAC5687_15 Datasheet HTML 7Page - Texas Instruments DAC5687_15 Datasheet HTML 8Page - Texas Instruments DAC5687_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
DAC5687
SLWS164E – FEBRUARY 2005 – REVISED SEPTEMBER 2006
www.ti.com
16-BIT, 500 MSPS 2
×–8× INTERPOLATING DUAL-CHANNEL
DIGITAL-TO-ANALOG CONVERTER (DAC)
2345
• 500 MSPS
The DAC5687 is a dual-channel 16-bit high-speed
digital-to-analog converter (DAC) with integrated 2
×,
• Selectable 2×–8× Interpolation
4
×, and 8× interpolation filters, a complex numerically
• On-Chip PLL/VCO Clock Multiplier
controlled oscillator (NCO), onboard clock multiplier,
• Full IQ Compensation Including Offset, Gain,
IQ compensation, and on-chip voltage reference. The
and Phase
DAC5687
is
pin-compatible
to
the
DAC5686,
• Flexible Input Options:
requiring only changes in register settings for most
FIFO With Latch on External or Internal
applications,
and
offers
additional
features
and
Clock
superior linearity, noise, crosstalk, and PLL phase
noise performance.
Even/Odd Multiplexed Input
The DAC5687 has six signal processing blocks: two
Single Port Demultiplexed Input
interpolate-by-two digital filters, a fine frequency
• Complex Mixer With 32-Bit NCO
mixer with 32-bit NCO, a quadrature modulation
• Fixed Frequency Mixer With f
S/4 and fS/2
compensation block, another interpolate-by-two digital
• 1.8-V or 3.3-V I/O Voltage
filter, and a coarse frequency mixer with fS/2 or fS/4.
The different modes of operation enable or bypass
• On-Chip 1.2-V Reference
the signal processing blocks.
• Differential Scalable Output: 2 mA to 20 mA
The coarse and fine mixers can be combined to span
• Pin Compatible to DAC5686
a wider range of frequencies with fine resolution. The
• High Performance
DAC5687
allows
both
complex
or
real
output.
81-dBc ACLR WCDMA TM1 at 30.72 MHz
Combining the frequency upconversion and complex
output produces a Hilbert transform pair that is output
72-dBc ACLR WCDMA TM1 at 153.6 MHz
from the two DACs. An external RF quadrature
• Package: 100-Pin HTQFP
modulator then performs the final single-sideband
upconversion.
The IQ compensation feature allows optimization of
• Cellular Base Transceiver Station Transmit
phase,
gain,
and
offset
to
maximize
sideband
Channel
rejection and minimize LO feedthrough for an analog
CDMA: W-CDMA, CDMA2000, TD-SCDMA
quadrature modulator.
TDMA: GSM, IS-136, EDGE/UWC-136
The
DAC5687
includes
several
input
options:
OFDM: 802.16
single-port
interleaved
data,
even
and
odd
• Cable Modem Termination System
multiplexing at half-rate, and an input FIFO with either
external or internal clock to ease the input timing
ambiguity when the DAC5687 is clocked at the DAC
output sample rate.
ORDERING INFORMATION
TA
Package Device
100 HTQFP(1) (PZP) PowerPAD™
package, plastic quad flatpack
–40
°C to 85°C
DAC5687IPZP
(1)
Thermal pad size: 6 mm
× 6 mm.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
Excel is a trademark of Microsoft Corporation.
4
Matlab is a trademark of The MathWorks, Inc.
5
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC5687_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5687-EP TI1-DAC5687-EP Datasheet
2Mb / 75P
[Old version datasheet]   16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687-EP TI-DAC5687-EP_15 Datasheet
2Mb / 76P
[Old version datasheet]   16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687IPZP TI-DAC5687IPZP Datasheet
2Mb / 72P
[Old version datasheet]   16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687IPZP TI-DAC5687IPZP Datasheet
2Mb / 79P
[Old version datasheet]   16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687IPZPG4 TI-DAC5687IPZPG4 Datasheet
2Mb / 79P
[Old version datasheet]   16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
More results

Similar Description - DAC5687_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5687-EP TI1-DAC5687-EP Datasheet
2Mb / 75P
[Old version datasheet]   16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687-EP TI-DAC5687-EP_15 Datasheet
2Mb / 76P
[Old version datasheet]   16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687IPZPR TI-DAC5687IPZPR Datasheet
2Mb / 79P
[Old version datasheet]   16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687 TI-DAC5687 Datasheet
2Mb / 72P
[Old version datasheet]   16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5686 TI1-DAC5686_16 Datasheet
822Kb / 53P
[Old version datasheet]   16-BIT, 500-MSPS, 216 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
DAC5686 TI-DAC5686 Datasheet
1Mb / 46P
[Old version datasheet]   16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
DAC3282 TI-DAC3282 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282_10 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282_101 TI-DAC3282_101 Datasheet
1Mb / 53P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC5686 TI-DAC5686_15 Datasheet
706Kb / 53P
[Old version datasheet]   16-BIT, 500-MSPS, 2횞??6횞 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com