Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FD800R45KL3-K_B5 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # FD800R45KL3-K_B5
Description  High Dynamic Robustness
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FD800R45KL3-K_B5 Datasheet(HTML) 1 Page - Infineon Technologies AG

  FD800R45KL3-K_B5_15 Datasheet HTML 1Page - Infineon Technologies AG FD800R45KL3-K_B5_15 Datasheet HTML 2Page - Infineon Technologies AG FD800R45KL3-K_B5_15 Datasheet HTML 3Page - Infineon Technologies AG FD800R45KL3-K_B5_15 Datasheet HTML 4Page - Infineon Technologies AG FD800R45KL3-K_B5_15 Datasheet HTML 5Page - Infineon Technologies AG FD800R45KL3-K_B5_15 Datasheet HTML 6Page - Infineon Technologies AG FD800R45KL3-K_B5_15 Datasheet HTML 7Page - Infineon Technologies AG FD800R45KL3-K_B5_15 Datasheet HTML 8Page - Infineon Technologies AG FD800R45KL3-K_B5_15 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
TechnischeInformation/TechnicalInformation
FD800R45KL3-K_B5
IGBT-Modul
IGBT-Module
preparedby:WB
approvedby:DTS
dateofpublication:2015-09-14
revision:V3.0
ULapproved(E83335)
hochisolierendesModulmitTrench/FeldstoppIGBT3undEmitterControlled3Diode
highinsulatedmodulewithTrench/FieldstopIGBT3andEmitterControlled3diode
VCES = 4500V
IC nom = 800A / ICRM = 1600A
TypischeAnwendungen
TypicalApplications
Chopper-Anwendungen
ChopperApplications
Hochleistungsumrichter
HighPowerConverters
Mittelspannungsantriebe
MediumVoltageConverters
Motorantriebe
MotorDrives
Traktionsumrichter
TractionDrives
ElektrischeEigenschaften
ElectricalFeatures
GroßeDC-Festigkeit
HighDCStability
Hohe Kurzschlussrobustheit, selbstlimitierender
Kurzschlussstrom
High Short Circuit Capability, Self Limiting Short
CircuitCurrent
HohedynamischeRobustheit
HighDynamicRobustness
NiedrigesVCEsat
LowVCEsat
TrenchIGBT3
TrenchIGBT3
VCEsatmitpositivemTemperaturkoeffizienten
VCEsatwithpositiveTemperatureCoefficient
MechanischeEigenschaften
MechanicalFeatures
10,2kVACIsolationsfestigkeit
10.2kVACIsolation
AlSiC Bodenplatte für erhöhte thermische
Lastwechselfestigkeit
AlSiC Base Plate for increased Thermal Cycling
Capability
GehäusemitCTI>600
PackagewithCTI>600
GroßeLuft-undKriechstrecken
HighCreepageandClearanceDistances
IsolierteBodenplatte
IsolatedBasePlate
ModuleLabelCode
BarcodeCode128
DMX-Code
ContentoftheCode
Digit
ModuleSerialNumber
1-5
ModuleMaterialNumber
6-11
ProductionOrderNumber
12-19
Datecode(ProductionYear)
20-21
Datecode(ProductionWeek)
22-23


Similar Part No. - FD800R45KL3-K_B5_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FD800R17HP4-K_B2 INFINEON-FD800R17HP4-K_B2 Datasheet
662Kb / 12P
   IHM-B Modul mit Chopper Konfiguration
2016-01-21 revision:V3.1
FD800R17KE3_B2 INFINEON-FD800R17KE3_B2 Datasheet
507Kb / 10P
   IGBT, Brake-Chopper Maximum Rated Values
revision: 2.2 2013-11-25
logo
List of Unclassifed Man...
FD800R33KF2 ETC1-FD800R33KF2 Datasheet
123Kb / 9P
   IGBT-Module
logo
Infineon Technologies A...
FD800R33KF2C INFINEON-FD800R33KF2C Datasheet
583Kb / 11P
   IGBT, Brake-Chopper Maximum Rated Values
revision: 2.2 2013-11-25
logo
Power Integrations, Inc...
FD800R33KF2C POWERINT-FD800R33KF2C Datasheet
220Kb / 9P
   SCALE-2 Plug-and-Play Drivers
2019-03-26
More results

Similar Description - FD800R45KL3-K_B5_15

ManufacturerPart #DatasheetDescription
logo
Powerbox
DP500IP POWERBOX-DP500IP Datasheet
246Kb / 2P
   Very high transient robustness
logo
Lumileds Lighting Compa...
DS127 LUMILEDS-DS127 Datasheet
1Mb / 16P
   Reliability and robustness
logo
Maxim Integrated Produc...
MAX25512EVKIT MAXIM-MAX25512EVKIT Datasheet
859Kb / 16P
   Demonstrates Robustness of MAX25512
Rev 0; 5/21
logo
Analog Devices
ADUM150N AD-ADUM150N Datasheet
536Kb / 22P
   High robustness to radiated and conducted noise
logo
ams AG
GWPULTA1.CM AMSCO-GWPULTA1.CM Datasheet
1Mb / 25P
   High-power LED with high performance, superior robustness and long lifetime.
Version 1.4 2022-08-11
logo
STMicroelectronics
STEVAL-IHT005V2 STMICROELECTRONICS-STEVAL-IHT005V2 Datasheet
403Kb / 4P
   Relay to demonstrate board noise robustness
logo
OmniVision Technologies...
OV10642 OMNIVISION-OV10642 Datasheet
4Mb / 2P
   high dynamic range
logo
Anaren Microwave
A2530E24AZ1 ANAREN-A2530E24AZ1 Datasheet
975Kb / 2P
   Excellent receiver sensitivity and robustness to interference
A2530R24AZ1 ANAREN-A2530R24AZ1 Datasheet
954Kb / 2P
   Excellent receiver sensitivity and robustness to interference
logo
Infineon Technologies A...
KP275 INFINEON-KP275 Datasheet
1Mb / 29P
   Increased media robustness for current automotive requirements
Revision 1.0, 2016-06-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com