Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX55-C36 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BZX55-C36
Description  500 mWatt Zener Diode 2.42 to 47 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BZX55-C36 Datasheet(HTML) 2 Page - Micro Commercial Components

  BZX55-C36 Datasheet HTML 1Page - Micro Commercial Components BZX55-C36 Datasheet HTML 2Page - Micro Commercial Components BZX55-C36 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MIN.
MAX.
mA
OHMS
OHMS
MIN.
MAX.
nA
V
BZX55-C2V4
2.28
2.56
5.0
85
600
-0.08
-0.06
50000
1.0
BZX55-C2V7
2.50
2.90
5.0
85
600
-0.08
-0.06
10000
1.0
BZX55-C3V0
2.80
3.20
5.0
85
600
-0.08
-0.06
4000
1.0
BZX55-C3V3
3.10
3.50
5.0
85
600
-0.08
-0.05
2000
1.0
BZX55-C3V6
3.40
3.90
5.0
85
600
-0.08
-0.04
2000
1.0
BZX55-C3V9
3.70
4.10
5.0
85
600
-0.07
-0.03
2000
1.0
BZX55-C4V3
4.00
4.60
5.0
75
600
-0.04
-0.01
1000
1.0
BZX55-C4V7
4.40
5.00
5.0
60
600
-0.03
+0.01
500
1.0
BZX55-C5V1
4.80
5.40
5.0
35
550
-0.02
+0.05
100
1.0
BZX55-C5V6
5.20
6.00
5.0
25
450
-0.01
+0.06
100
1.0
BZX55-C6V2
5.80
6.60
5.0
10
200
0
+0.07
100
2.0
BZX55-C6V8
6.40
7.20
5.0
8.0
150
+0.01
+0.08
100
3.0
BZX55-C7V5
7.00
7.90
5.0
7.0
50
+0.01
+0.09
100
5.0
BZX55-C8V2
7.70
8.70
5.0
7.0
50
+0.01
+0.09
100
6.2
BZX55-C9V1
8.50
9.60
5.0
10
50
+0.02
+0.10
100
6.8
BZX55-C10
9.40
10.6
5.0
15
70
+0.03
+0.11
100
7.5
BZX55-C11
10.4
11.6
5.0
20
70
+0.03
+0.11
100
8.2
BZX55-C12
11.4
12.7
5.0
20
90
+0.03
+0.11
100
9.1
BZX55-C13
12.4
14.1
5.0
26
110
+0.03
+0.11
100
10
BZX55-C15
13.8
15.6
5.0
30
110
+0.03
+0.11
100
11
BZX55-C16
15.3
17.1
5.0
40
170
+0.03
+0.11
100
12
BZX55-C18
16.8
19.1
5.0
40
170
+0.03
+0.11
100
13
BZX55-C20
18.8
21.2
5.0
55
220
+0.03
+0.11
100
15
BZX55-C22
20.8
23.3
5.0
55
220
+0.03
+0.11
100
16
BZX55-C24
22.8
25.6
5.0
80
220
+0.04
+0.12
100
18
BZX55-C27
25.1
28.9
5.0
80
220
+0.04
+0.12
100
20
BZX55-C30
28.0
32.0
5.0
80
220
+0.04
+0.12
100
22
BZX55-C33
31.0
35.0
5.0
80
220
+0.04
+0.12
100
24
BZX55-C36
34.0
38.0
5.0
80
220
+0.04
+0.12
100
27
BZX55-C39
37.0
41.0
2.5
90
(2)
500
(3)
+0.04
+0.12
100
30
BZX55-C43
40.0
46.0
2.5
90
(2)
600
(3)
+0.04
+0.12
100
33
BZX55-C47
44.0
50.0
2.5
110
(2)
700
(3)
+0.04
+0.12
100
36
Note: (1) Measured with pulses tp=5.0ms
(2) at IZ=2.5mA
(3) at IZ=0.5mA
www.mccsemi.com
MCC
BZX55-C2V4 thru BZX55-C47
ELECTRICAL CHARACTERISTICS @25°C Maximum VF=1.0V at IF=100mA
MCC
PART
NUMBER
ZENER VOLTAGE
RANGE
(1) at IZT
VZ (V)
TEST
CURRENT
IZT
MAXIMUM DYNAMIC
RESISTANCE
f=1.0kHz
IZ=5.0mA
IZ=1.0mA
TEMP. COEFFICIENT OF
ZENER VOLTAGE at
IZ=5mA
VZ (%/
OC)
REVERSE
LEAKAGE
CURRENT
IR
TEST
CURRENT
VR


Similar Part No. - BZX55-C36

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BZX55-C36 GE-BZX55-C36 Datasheet
298Kb / 6P
   ZENER DIODES
logo
Pan Jit International I...
BZX55-C36 PANJIT-BZX55-C36 Datasheet
126Kb / 4P
   AXIAL LEAD ZENER DIODES
logo
Taiwan Semiconductor Co...
BZX55-C36 TSC-BZX55-C36 Datasheet
73Kb / 3P
   500mW Zener Diode
logo
GOOD-ARK Electronics
BZX55-C36 GOOD-ARK-BZX55-C36 Datasheet
316Kb / 7P
   Zener Diodes
logo
New Jersey Semi-Conduct...
BZX55-C36 NJSEMI-BZX55-C36 Datasheet
178Kb / 2P
   ZENER DIODES
More results

Similar Description - BZX55-C36

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BZX55C2V0 MCC-BZX55C2V0 Datasheet
207Kb / 4P
   500 mWatt Zener Diode 2.0V to 100 Volts
logo
Tiger Electronic Co.,Lt...
DL5221 TGS-DL5221 Datasheet
421Kb / 2P
   500 mW Zener Diode 2.4 to 47 Volts
logo
Shanghai Lunsure Electr...
DL5221 CHENYI-DL5221 Datasheet
858Kb / 2P
   500mw zener diode 2.4 to 47 volts
logo
Micro Commercial Compon...
BZX84B4V3HE3 MCC-BZX84B4V3HE3 Datasheet
520Kb / 4P
   350 mWatt Zener Diodes 2.4 to 36 Volts
Rev.3-3-10282020
logo
Rectron Semiconductor
MM1Z5221B RECTRON-MM1Z5221B Datasheet
1Mb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
BZM55C2V4 RECTRON-BZM55C2V4 Datasheet
460Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
logo
Micro Commercial Compon...
BZV55C18-TP MCC-BZV55C18-TP Datasheet
665Kb / 3P
   500 mW Zener Diode 2.0 to 75 Volts
H11-A3 MCC-H11-A3 Datasheet
465Kb / 5P
   500 mW Zener Diode 1.9 to 37.2 Volts
LSH2A3 MCC-LSH2A3 Datasheet
390Kb / 5P
   500 mW Zener Diode 1.9 to 37.2 Volts
1N5221 MCC-1N5221_11 Datasheet
477Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com