Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC161P997 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DAC161P997
Description  DAC161P997 Single-Wire 16-bit DAC for 4- to 20-mA Loops
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC161P997 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC161P997 Datasheet HTML 3Page - Texas Instruments DAC161P997 Datasheet HTML 4Page - Texas Instruments DAC161P997 Datasheet HTML 5Page - Texas Instruments DAC161P997 Datasheet HTML 6Page - Texas Instruments DAC161P997 Datasheet HTML 7Page - Texas Instruments DAC161P997 Datasheet HTML 8Page - Texas Instruments DAC161P997 Datasheet HTML 9Page - Texas Instruments DAC161P997 Datasheet HTML 10Page - Texas Instruments DAC161P997 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
THD
TH1
TP
pri_tx:
³0´
pri_tx:
³1´
pri_tx:
³'´
ACKB:
³$´
TP
TB
TH0
TA
DAC161P997
www.ti.com
SNAS515G – JULY 2011 – REVISED DECEMBER 2014
Electrical Characteristics (continued)
Unless otherwise noted, these specifications apply for VA = VD = 2.7 V to 3.6 V, TA = 25°C, external bipolar transistor:
2N3904, RE = 22Ω, C1 = C2 = C3 = 2.2 nF.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Leakage current when output device
ACKB
is off
1
-40 to 105°C
IOZ
µA
Leakage current when output device
ERRB
is off
1
-40 to 105°C
6.6 Timing Requirements
MIN
NOM
MAX
UNIT
SWIF TIMING, INTERNAL TIMER
Symbol rate: 1/TP
0.3
19.2
kHz
“D” symbol duty cycle: THD/TP
7/16
1/2
9/16
“0” symbol duty cycle: TH0/TP
3/16
1/4
5/16
"1” symbol duty cycle: TH1/TP
11/16
3/4
13/16
ACKB assert: TA/TP
1/16
1/4
4/8
ACKB deassert: TB/TP
12/8
7/4
31/16
TM
Timeout PeriodM
90
100
110
ms
Figure 1. Single-Wire Interface (SWIF) Timing Diagram
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DAC161P997


Similar Part No. - DAC161P997

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC161P997 TI1-DAC161P997 Datasheet
870Kb / 34P
[Old version datasheet]   DAC161P997 Single-Wire 16-bit DAC for 4-20mA Loops
DAC161P997-DIE TI-DAC161P997-DIE Datasheet
103Kb / 5P
[Old version datasheet]   Single-Wire 16-Bit DAC
DAC161P997-DIE TI-DAC161P997-DIE_15 Datasheet
103Kb / 5P
[Old version datasheet]   Single-Wire 16-Bit DAC
DAC161P997CISQ TI1-DAC161P997CISQ Datasheet
870Kb / 34P
[Old version datasheet]   DAC161P997 Single-Wire 16-bit DAC for 4-20mA Loops
DAC161P997CISQX TI1-DAC161P997CISQX Datasheet
870Kb / 34P
[Old version datasheet]   DAC161P997 Single-Wire 16-bit DAC for 4-20mA Loops
More results

Similar Description - DAC161P997

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC161P997 TI1-DAC161P997 Datasheet
870Kb / 34P
[Old version datasheet]   DAC161P997 Single-Wire 16-bit DAC for 4-20mA Loops
DAC161S997 TI-DAC161S997_15 Datasheet
2Mb / 39P
[Old version datasheet]   DAC161S997 16-Bit SPI-Programmable DAC for 4-20 mA Loops
DAC161S997 TI-DAC161S997 Datasheet
1Mb / 27P
[Old version datasheet]   16-bit SPI Programmable DAC for 4-20mA Loops
logo
Analog Devices
AD420 AD-AD420 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
UG-250 AD-UG-250 Datasheet
562Kb / 12P
   Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
REV. A
logo
Texas Instruments
DAC161P997-DIE TI-DAC161P997-DIE_15 Datasheet
103Kb / 5P
[Old version datasheet]   Single-Wire 16-Bit DAC
logo
Analog Devices
AD421 AD-AD421_15 Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421BNZ AD-AD421BNZ Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com