Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC161P997 Datasheet(PDF) 9 Page - Texas Instruments

Part # DAC161P997
Description  DAC161P997 Single-Wire 16-bit DAC for 4- to 20-mA Loops
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC161P997 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC161P997_15 Datasheet HTML 5Page - Texas Instruments DAC161P997_15 Datasheet HTML 6Page - Texas Instruments DAC161P997_15 Datasheet HTML 7Page - Texas Instruments DAC161P997_15 Datasheet HTML 8Page - Texas Instruments DAC161P997_15 Datasheet HTML 9Page - Texas Instruments DAC161P997_15 Datasheet HTML 10Page - Texas Instruments DAC161P997_15 Datasheet HTML 11Page - Texas Instruments DAC161P997_15 Datasheet HTML 12Page - Texas Instruments DAC161P997_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
1
10
100
1k
10k
100k
1M
0
20
40
60
80
100
120
FREQUENCY (Hz)
C1=C2=C3=1nF
C1=C2=C3=2.2nF
C1=C2=C3=10nF
C1=C2=C3=100nF
1
10
100
1k
10k
100k
1M
0
20
40
60
80
100
120
FREQUENCY (Hz)
C1=C2=C3=1nF
C1=C2=C3=2.2nF
C1=C2=C3=10nF
C1=C2=C3=100nF
0
4
8
12
16
20
24
0
50
100
150
200
250
300
OUTPUT CURRENT (mA)
VA=VD=2.7V
VA=VD=3.0V
VA=VD=3.3V
VA=VD=3.6V
-40 -20
0
20
40
60
80 100 120
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
TEMPERATURE (°C)
Min INL
Max INL
DAC161P997
www.ti.com
SNAS515G – JULY 2011 – REVISED DECEMBER 2014
Typical Characteristics (continued)
Unless otherwise noted, data presented here was collected under these conditions VA = VD = 3.3V, TA = 25°C, external
bipolar transistor: 2N3904, RE = 22Ω, C1 = C2 = C3 = 2.2 nF.
Figure 8. Supply Current vs ILOOP
Figure 9. Output Linearity vs Temperature
Figure 10. PSRR: ILOOP=4 mA
Figure 11. PSRR: ILOOP=20 mA
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DAC161P997


Similar Part No. - DAC161P997_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC161P997-DIE TI-DAC161P997-DIE Datasheet
103Kb / 5P
[Old version datasheet]   Single-Wire 16-Bit DAC
DAC161P997-DIE TI-DAC161P997-DIE_15 Datasheet
103Kb / 5P
[Old version datasheet]   Single-Wire 16-Bit DAC
DAC161P997CISQ TI1-DAC161P997CISQ Datasheet
870Kb / 34P
[Old version datasheet]   DAC161P997 Single-Wire 16-bit DAC for 4-20mA Loops
DAC161P997CISQX TI1-DAC161P997CISQX Datasheet
870Kb / 34P
[Old version datasheet]   DAC161P997 Single-Wire 16-bit DAC for 4-20mA Loops
DAC161P997TDA1 TI-DAC161P997TDA1 Datasheet
103Kb / 5P
[Old version datasheet]   Single-Wire 16-Bit DAC
More results

Similar Description - DAC161P997_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC161P997 TI1-DAC161P997 Datasheet
870Kb / 34P
[Old version datasheet]   DAC161P997 Single-Wire 16-bit DAC for 4-20mA Loops
DAC161S997 TI-DAC161S997_15 Datasheet
2Mb / 39P
[Old version datasheet]   DAC161S997 16-Bit SPI-Programmable DAC for 4-20 mA Loops
DAC161S997 TI-DAC161S997 Datasheet
1Mb / 27P
[Old version datasheet]   16-bit SPI Programmable DAC for 4-20mA Loops
logo
Analog Devices
AD420 AD-AD420 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
UG-250 AD-UG-250 Datasheet
562Kb / 12P
   Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
REV. A
logo
Texas Instruments
DAC161P997-DIE TI-DAC161P997-DIE_15 Datasheet
103Kb / 5P
[Old version datasheet]   Single-Wire 16-Bit DAC
logo
Analog Devices
AD421 AD-AD421_15 Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421BNZ AD-AD421BNZ Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com