Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLFR106 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # DLFR106
Description  1 Amp Glass Passivated, Fast Recovery Rectifier 800 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DLFR106 Datasheet(HTML) 1 Page - Micro Commercial Components

  DLFR106 Datasheet HTML 1Page - Micro Commercial Components DLFR106 Datasheet HTML 2Page - Micro Commercial Components DLFR106 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
l
Fast Switching Speed
l
Low Leakage Current
l
Metalurgically Bonded Construction
l
Surface Mount Applications
Maximum Ratings
l
Operating & Storage Temperature: -65
oC to +150oC
l
Maximum Thermal Resistance; 30
oC/W Junction To Lead
DLFR106
-----
800V
560V
800V
DLFR107
-----
1000V
700V
1000V
Maximum
DC
Blocking
Voltage
MCC
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Electrical Characteristics @ 25oC Unless Otherwise Specified
Average Forward
Current
I
F(AV)
1.0A
T
J=55
oC
Peak Forward Surge
Current
I
FSM
30A
8.3ms half
sine
Maximum
Instantaneous
Forward Voltage
V
F
1.3V
I
FM=1.0A
T
A=25
oC
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
I
R
5.0uA
100uA
T
J=25
oC
T
J=125
oC
Maximum Reverse
Recovery Times
DLFR106
DLFR107
t
rr
250ns
500ns
I
F=0.5A,
I
R=1.0A,
I
rr=0.25A
Typical Junction
Capacitance
C
j
15pF
Measured at
1.0MHz,
V
R=4.0V
Pulse test: Pulse width 300 usec, duty cycle 1%.
DLFR106
THRU
DLFR107
1 Amp Glass
Passivated, Fast
Recovery Rectifier
800 to 1000 Volts
www.mccsemi.com
MELF
A
B
C
Cathode Mark
SUGGESTED SOLDER
PAD LAYOUT
.220”
.035”
.115”
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.190
.205
4.80
5.20
B
---
.022
---
.55
Nominal
C
.095
.105
2.40
2.67
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - DLFR106

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DLFR106 MCC-DLFR106 Datasheet
473Kb / 4P
   1 Amp Glass Passivated, Fast Recovery Rectifier 800 to 1000 Volts
logo
Microdiode Electronics ...
DLFR106 CHENDA-DLFR106 Datasheet
662Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Micro Commercial Compon...
DLFR106 MCC-DLFR106 Datasheet
599Kb / 4P
   1 Amp Glass Passivated, Fast RecoveryRectifier 800 to 1000 Volts
DLFR106 MCC-DLFR106_11 Datasheet
473Kb / 4P
   1 Amp Glass Passivated, Fast Recovery Rectifier 800 to 1000 Volts
DLFR106_1114 MCC-DLFR106_1114 Datasheet
599Kb / 4P
   1 Amp Glass Passivated, Fast RecoveryRectifier 800 to 1000 Volts
More results

Similar Description - DLFR106

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DLFR106 MCC-DLFR106_11 Datasheet
473Kb / 4P
   1 Amp Glass Passivated, Fast Recovery Rectifier 800 to 1000 Volts
DLFR106_1114 MCC-DLFR106_1114 Datasheet
599Kb / 4P
   1 Amp Glass Passivated, Fast RecoveryRectifier 800 to 1000 Volts
1N4942GP MCC-1N4942GP Datasheet
81Kb / 3P
   1 Amp Glass Passivated Fast Recovery Rectifier 200 - 1000 Volts
BA157GP MCC-BA157GP Datasheet
233Kb / 4P
   1 Amp Glass Passivated Fast Recovery Rectifier 400~1000 Volts
1N4942GP MCC-1N4942GP_11 Datasheet
429Kb / 4P
   1 Amp Glass Passivated Fast Recovery Rectifier 200 - 1000 Volts
BA157GP MCC-BA157GP_13 Datasheet
264Kb / 4P
   1 Amp Glass Passivated Fast Recovery Rectifier 400~1000 Volts
1N4942GP MCC-1N4942GP_13 Datasheet
445Kb / 4P
   1 Amp Glass Passivated Fast Recovery Rectifier 200 - 1000 Volts
logo
Shanghai Lunsure Electr...
1N4942GP CHENYI-1N4942GP Datasheet
53Kb / 3P
   1 Amp Glass Passivated Fast Recovery Rectifier 200-1000 Volts
logo
Micro Commercial Compon...
UF4001GP MCC-UF4001GP Datasheet
290Kb / 2P
   1 Amp Glass Passivated Ultra Fast Recovery Rectifier 50 to 1000 Volts
UF4001GP MCC-UF4001GP_11 Datasheet
201Kb / 3P
   1 Amp Glass Passivated Ultra Fast Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com