Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC7832 Datasheet(PDF) 35 Page - Texas Instruments

Part # AMC7832
Description  AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7832 Datasheet(HTML) 35 Page - Texas Instruments

Back Button AMC7832_15 Datasheet HTML 31Page - Texas Instruments AMC7832_15 Datasheet HTML 32Page - Texas Instruments AMC7832_15 Datasheet HTML 33Page - Texas Instruments AMC7832_15 Datasheet HTML 34Page - Texas Instruments AMC7832_15 Datasheet HTML 35Page - Texas Instruments AMC7832_15 Datasheet HTML 36Page - Texas Instruments AMC7832_15 Datasheet HTML 37Page - Texas Instruments AMC7832_15 Datasheet HTML 38Page - Texas Instruments AMC7832_15 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 72 page
background image
High Threshold
Low Threshold
Over High Alarm
Below Low Alarm
Hysteresis
Hysteresis
AMC7832
www.ti.com
SLAS836 – MARCH 2014
8.3.2.4.3
ALARMIN Alarm
The AMC7832 offers the option of using an external interrupt signal, such as the output of a comparator as an
alarm event. The GPIO0/ALARMIN terminal is used as the alarm input and must be configured accordingly in the
GPIO Configuration register (address 0x12). When the terminal is configured as an alarm input it is active low.
A typical application for ALARMIN is to use it as a hardware interrupt responsible for forcing one or more DACs
to a clear state: the DAC is loaded with a zero-code input and the output voltage is set accordingly to the
operating output range, however the DAC buffer or active registers do not change (refer to the DAC section for
more details). To enable this functionality ALARMIN must be enabled as a DAC clear alarm source in the DAC
Clear Source 1 register (address 0x1B). Additionally the DAC outputs to be cleared by the ALARMIN terminal
need to be specified in the DAC Clear Enable registers (address 0x18 – 0x19).
In this application when the ALARMIN terminal goes low, all the DACs set to clear in response to the ALARMIN
alarm in the DAC Clear Enable registers enter a clear state. When the ALARMIN terminal goes back high the
DACs get re-loaded with the contents of the DAC active registers thus allowing the DAC outputs to return to their
previous operating point without any additional commands.
8.3.2.4.4
Hysteresis
If a monitored signal is out of range and the alarm is enabled, the corresponding alarm bit is set ('1'). However,
the alarm condition is cleared only when the conversion result returns to a value of at least HYST below the
value of the high threshold register, or HYST above the value of the low threshold register. The ADC and LT
Hysteresis registers (address 0xA0 – 0xA4) store the hys value for the external unipolar inputs and internal
temperature sensor programmable alarms. HYST is the programmable value of hysteresis: 0 LSB to 127 LSB for
the unipolar inputs alarms, and 0°C to +31°C for the internal temperature sensor alarms. The die thermal alarm
hysteresis is fixed at 8°C.
Figure 50. AMC7832 Hysteresis
8.3.2.4.5
False-Alarm Protection
In order to prevent false alarms an alarm event is only registered when the monitored signal is out of range for
an N number of consecutive conversions. If the monitored signal returns to the normal range before N
consecutive conversions, an alarm event is not issued. The false alarm factor N for the unipolar input and local
temperature sensor out-of-range alarms can be configured in the False Alarm Configuration register (address
0x11).
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: AMC7832


Similar Part No. - AMC7832_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7832IPAP TI1-AMC7832IPAP Datasheet
6Mb / 70P
[Old version datasheet]   AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AMC7832IPAPR TI1-AMC7832IPAPR Datasheet
6Mb / 70P
[Old version datasheet]   AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
More results

Similar Description - AMC7832_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7832 TI1-AMC7832 Datasheet
6Mb / 70P
[Old version datasheet]   AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AMC7836 TI1-AMC7836 Datasheet
3Mb / 88P
[Old version datasheet]   AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
AMC7836 TI-AMC7836_15 Datasheet
3Mb / 87P
[Old version datasheet]   AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
AMC7932 TI-AMC7932 Datasheet
746Kb / 9P
[Old version datasheet]   AMC7932 32-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
NOVEMBER 2021
AMC7924 TI-AMC7924 Datasheet
1Mb / 11P
[Old version datasheet]   AMC7924 24-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
NOVEMBER 2021
AMC7891 TI1-AMC7891 Datasheet
934Kb / 41P
[Old version datasheet]   Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
AMC7891 TI1-AMC7891_14 Datasheet
1Mb / 42P
[Old version datasheet]   Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
AMC7891 TI-AMC7891_15 Datasheet
1Mb / 41P
[Old version datasheet]   Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
AMC7812 TI1-AMC7812 Datasheet
2Mb / 90P
[Old version datasheet]   12-Bit ANALOG MONITORING AND CONTROL SOLUTION with Multichannel ADC, DACs, and Temperature Sensors
AMC7812SPAPR TI-AMC7812SPAPR Datasheet
2Mb / 92P
[Old version datasheet]   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com