Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL4006 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # DL4006
Description  1 Amp Glass Passivated Rectifier 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DL4006 Datasheet(HTML) 1 Page - Micro Commercial Components

  DL4006 Datasheet HTML 1Page - Micro Commercial Components DL4006 Datasheet HTML 2Page - Micro Commercial Components DL4006 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DL4001
THRU
DL4007
1 Amp Glass
Passivated Rectifier
50 to 1000 Volts
MELF
SUGGESTED SOLDER
PAD LAYOUT
Features
Glass Passivated Junction
Low Current Leakage
Metalurgically Bonded Construction
Surface Mount Applications
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.185
.205
4.70
5.20
B
.018
.022
0.46
0.56
Nominal
C
.095
.105
2.40
2.67
Maximum Ratings
Operating Temperature: -65
°C to +150°C
Storage Temperature: -65
°C to +150°C
Maximum Thermal Resistance; 30
°C/W Junction To Lead
MCC
Part Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
DL4001
-------
50V
35V
50V
DL4002
-------
100V
70V
100V
DL4003
-------
200V
140V
200V
DL4004
-------
400V
280V
400V
DL4005
-------
600V
420V
600V
DL4006
-------
800V
560V
800V
DL4007
-------
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TA = 75
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.1V
IFM = 1.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0
µA
50
µA
TJ = 25
°C
TJ = 125
°C
Typical Junction
Capacitance
CJ
12pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
A
B
C
Cathode Mark
.220”
.035”
.115”
www.mccsemi.com
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - DL4006

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DL4006 DIODES-DL4006 Datasheet
57Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16001 Rev. D-2
logo
Diotech Company.
DL4006 DIOTECH-DL4006 Datasheet
947Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
DL4006 DIOTECH-DL4006 Datasheet
947Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Micro Commercial Compon...
DL4006 MCC-DL4006 Datasheet
240Kb / 3P
   1 Amp Glass Passivated Rectifier 50 to 1000 Volts
logo
Shenzhen Luguang Electr...
DL4006 LUGUANG-DL4006 Datasheet
181Kb / 2P
   1.0Ampere Rectifiers Glass Passivated
More results

Similar Description - DL4006

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FR101GP MCC-FR101GP Datasheet
80Kb / 3P
   1 Amp Glass Passivated Rectifier 50 to 1000 Volts
DL4001 MCC-DL4001_11 Datasheet
240Kb / 3P
   1 Amp Glass Passivated Rectifier 50 to 1000 Volts
FR101GP MCC-FR101GP_13 Datasheet
493Kb / 4P
   1 Amp Glass Passivated Rectifier 50 to 1000 Volts
DL4001-TP MCC-DL4001-TP Datasheet
240Kb / 3P
   1 Amp Glass Passivated Rectifier 50 to 1000 Volts
FR101GP MCC-FR101GP_11 Datasheet
464Kb / 4P
   1 Amp Glass Passivated Rectifier 50 to 1000 Volts
logo
Shanghai Lunsure Electr...
1N4001GP CHENYI-1N4001GP Datasheet
47Kb / 3P
   1 Amp Glass Passivated Rectifier 50-1000 Volts
logo
Micro Commercial Compon...
1N4001GP MCC-1N4001GP_11 Datasheet
500Kb / 4P
   1 Amp Glass Passivated Rectifier 50 - 1000 Volts
1N4001GPL MCC-1N4001GPL Datasheet
262Kb / 4P
   1 Amp Glass Passivated Rectifier 50 - 1000 Volts
RL201GP MCC-RL201GP Datasheet
83Kb / 3P
   2 Amp Glass Passivated Rectifier 50 to 1000 Volts
GS2AFL MCC-GS2AFL Datasheet
991Kb / 3P
   2.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com