Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB104 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # DB104
Description  1 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DB104 Datasheet(HTML) 2 Page - Micro Commercial Components

  DB104 Datasheet HTML 1Page - Micro Commercial Components DB104 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DB101 thru DB107
Instantaneous Reverse Leakage Current - MicroAmperesversus
Percent Of Rated Peak Reverse Voltage - Volts
Average Forward Rectified Current - Amperesversus
Ambient Temperature -
°C
Figure 3
Forward Derating Curve
0
175
50
75
100
125
0
.2
.4
.6
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
150
.8
1.0
1.2
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
4
6
20
10
Amps
1
100
4
0
10
5
20
30
8
Figure 4
Peak Forward Surge Current
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10
20
60 80
40
40
50
60
.4
.6
.8
1.0
1.2
1.4
.01
.02
.04
.06
.1
.2
.4
.6
1
2
25
°C
Volts
Figure 2
Typical Reverse Characteristics
Volts
4
6
20
10
µAmps
20
120
40
60
80
100
.01
.02
.04
.06
.1
.2
.4
.6
1
2
TJ=25
°C
40
60
100
140
MCC
www.mccsemi.com
Version: 3
2003/01/30


Similar Part No. - DB104

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DB104 ETC2-DB104 Datasheet
172Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
logo
Surge Components
DB104 SURGE-DB104 Datasheet
75Kb / 2P
   DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE-50 to 1000 Volts?
logo
Galaxy Semi-Conductor H...
DB104 BILIN-DB104 Datasheet
168Kb / 3P
   SILICON BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
DB104 SECOS-DB104 Datasheet
206Kb / 2P
   1.0AMP Single Phase Bridge Rectifiers
logo
Shenzhen Luguang Electr...
DB104 LUGUANG-DB104 Datasheet
255Kb / 2P
   Single Phase 1.0 AMP Glass Passivated Bridge Rectifiers
More results

Similar Description - DB104

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DB101L MCC-DB101L Datasheet
415Kb / 3P
   1 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
DB10114 MCC-DB10114 Datasheet
416Kb / 3P
   1 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Daya Electric Group Co....
DB101 DAYA-DB101 Datasheet
88Kb / 2P
   1 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
DB101 MCC-DB101_11 Datasheet
255Kb / 3P
   1 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
SDB101 MCC-SDB101 Datasheet
103Kb / 2P
   1 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBPC50005 MCC-GBPC50005 Datasheet
422Kb / 3P
   50 Amp Glass Passivated Single Phase Bridge Rectifier 50 to 1000 Volts
GBU4A MCC-GBU4A Datasheet
116Kb / 2P
   4 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
TBSL40A MCC-TBSL40A Datasheet
458Kb / 3P
   4.0 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBPC35005W MCC-GBPC35005W Datasheet
292Kb / 3P
   35 Amp Glass Phase Bridge Rectifier 50 to 1000 Volts Passivated Single
logo
Shenzhen Ping Sheng Ele...
GBU8A PFS-GBU8A Datasheet
201Kb / 2P
   8 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com