Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPT30060 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # CPT30060
Description  300 Amp Rectifier 30 to 90 Volts Schottky Barrier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

CPT30060 Datasheet(HTML) 1 Page - Micro Commercial Components

  CPT30060 Datasheet HTML 1Page - Micro Commercial Components CPT30060 Datasheet HTML 2Page - Micro Commercial Components CPT30060 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CPT30035
THRU
CPT30090
300 Amp
Rectifier
30 to 90 Volts
Features
Operating Temperature: -65
°C to +150°C
Storage Temperature: -65
°C to +150°C
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
CPT30035
35V
24.5V
35V
CPT30040
40V
28 V
30V
CPT30045
45V
31.5V
45V
CPT30050
50V
35 V
50V
CPT30060
60V
42 V
60V
CPT30080
80V
56 V
80V
CPT30090
90V
63 V
90V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
300 A
TL =
136°C
Peak Forward Surge
Current
IFSM
2000A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
IFM = 150 A;
TA = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
4 mA
TA = 25
°C
Typical Junction
Capacitance
CJ
4600pF
Measured at
1.0MHz, VR=4.0V
DIMENSIONS
INCH
ES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
B
0.700
0.800
17.78
20.32
A
----
3.630
-----
92.20
C
----
0.630
-----
16.00
N
------
------
------
------
1/4
F
0.490
0.510
12.45
12.95
E
0.120
0.130
3.05
3.30
G
1.375
BSC
34.92
BSC
H
0.010
----
0.25
------
Q
0.275
0.290
6.99
7.37
www.mccsemi.com
Schottky Barrier
Maximum Ratings
Metal of siliconrectifier, majonty carrier conducton
Guard ring for transient protection
Low power loss high efficiency
High surge capacity, High current capability
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
30035-30050
30060
30080-30090
.70 V
.98 V
.82 V
R
3.150 BSC
80.01 BSC
U
.600
----
15.24
-----
Did
Power Mod
( Twin Tower )
R
G
Q
A
W
B
N
F
U
H
E
C
V
V
.312
.340
7.92
8.64
W
.180
.195
4.57
4.95
Did
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - CPT30060

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CPT30060 MICROSEMI-CPT30060 Datasheet
146Kb / 2P
   Schottky PowerMod
CPT30060 MICROSEMI-CPT30060 Datasheet
123Kb / 2P
   Schottky PowerMod
CPT30060 MICROSEMI-CPT30060_10 Datasheet
123Kb / 2P
   Schottky PowerMod
More results

Similar Description - CPT30060

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MBR3050CT KERSEMI-MBR3050CT Datasheet
852Kb / 2P
   30 Amp Schottky Barrier Rectifier 30 to 60 Volts
logo
Micro Commercial Compon...
MBRB3030CT MCC-MBRB3030CT_17 Datasheet
257Kb / 3P
   30 Amp Schottky Barrier Rectifier 30 to 60 Volts
logo
Kersemi Electronic Co.,...
MBR3035CT KERSEMI-MBR3035CT Datasheet
492Kb / 2P
   30 Amp Schottky Barrier Rectifier 30 to 60 Volts
MBR3030CT KERSEMI-MBR3030CT Datasheet
852Kb / 2P
   30 Amp Schottky Barrier Rectifier 30 to 60 Volts
logo
Micro Commercial Compon...
MBR3030CT MCC-MBR3030CT_08 Datasheet
118Kb / 3P
   30 Amp Schottky Barrier Rectifier 30 to 60 Volts
MBRB3030CT MCC-MBRB3030CT Datasheet
245Kb / 3P
   30 Amp Schottky Barrier Rectifier 30 to 60 Volts
logo
Kersemi Electronic Co.,...
MBR3045CT KERSEMI-MBR3045CT Datasheet
492Kb / 2P
   30 Amp Schottky Barrier Rectifier 30 to 60 Volts
MBR3030CT KERSEMI-MBR3030CT Datasheet
851Kb / 2P
   30 Amp Schottky Barrier Rectifier 30 to 60 Volts
logo
Micro Commercial Compon...
MBR3030CT MCC-MBR3030CT Datasheet
134Kb / 2P
   30 Amp Rectifier 30 to 60 Volts Schottky Barrier
SBL3030CT MCC-SBL3030CT Datasheet
112Kb / 2P
   30 Amp Schottky Barrier Rectifier 30 to 45 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com