Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZX84C2V4 Datasheet(PDF) 1 Page - Micro Commercial Components

Part No. BZX84C2V4
Description  Silicon 410 mWatt Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MCC [Micro Commercial Components]
Homepage  http://www.mccsemi.com
Logo 

BZX84C2V4 Datasheet(HTML) 1 Page - Micro Commercial Components

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BZX84C2V4
THRU
BZX84C39
Silicon
410 mWatt
Zener Diodes
Features
l
Planar Die construction
l
410mW Power Dissipation
l
Zener Voltages from 2.4V - 39V
l
Ideally Suited for Automated Assembly Processes
.
Mechanical Data
l
Case: SOT-23, Plastic
l
Terminals: solderable per MIL-STD-202, Methode 208
l
Weight: 0.008 grams (approx.)
Maximum Ratings @ 25oC Unless Otherwise Specified
Zener Current
IF
100
mA
Maximum Forward
Voltage
VF
1.2
V
Power Dissipation
(Note 1)
P(AV)
410
mWatt
Operation And
Storage
Temperature
TJ, TSTG
-55
oC to
+150
oC
Peak Foreard Surge
IFSM
2.0
A
www.mccsemi.com
MCC
SOT-23
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
Current 8.3mS half
NOTES:
A. Mounted on 5.0mm2(.013mm thick) land areas.
B. Measured on 8.3ms, single half sine-wave or
equivalent square wave, duty cycle = 4 pulses per
minute maximum.
*Pin Configuration - Top View


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BZX84C2V4WSilicon 200 mWatt Zener Diodes 1 2 3 4 Micro Commercial Components
SMBZ5230SILICON PLANAR ZENER DIODES 500mW SOT-23 PACKAGE  1 2 3 Surge Components
SMBJ59131.5W SILICON SURFACE MOUNT ZENER DIODES 1 2 Jinan Gude Electronic Device
MAZ4020Zener Diodes Silicon planar type 1 2 3 4 5 Panasonic Semiconductor
1N746SILICON PLANAR ZENER DIODES 1 2 3 GOOD-ARK Electronics
1N5221SILICON 500 mW ZENER DIODES 1 2 3 Microsemi Corporation
SMBJ4742SILICON 2.0 Watt ZENER DIODES 1 2 3 Microsemi Corporation
MAZ7051Zener Diodes Silicon planar type 1 2 3 4 Panasonic Semiconductor
1N5347BZener silicon diodes 1 2 Semikron International
1N5221SILICON PLANAR ZENER DIODES 1 2 3 Semtech Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn