Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZX84C2V4 Datasheet(PDF) 4 Page - Micro Commercial Components

Part No. BZX84C2V4
Description  Silicon 410 mWatt Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MCC [Micro Commercial Components]
Homepage  http://www.mccsemi.com
Logo 

BZX84C2V4 Datasheet(HTML) 4 Page - Micro Commercial Components

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BZX84C2V4 thru BZX84C39
MCC
www.mccsemi.com
ZENER VOLTAGE V.S. ZENER CURRENT
TYPICAL LEAKGE CURRENT
90
1000
100
10
1
0.1
0.01
0.001
0.0001
0.00001
80
70
60
50
40
30
20
10
0
NOMINAL ZENER VOLTAGE, Vlots
+150 C
O
+25 C
O
-55 C
O
12
100
10
1
0.1
0.01
10
8
6
4
2
0
ZENER VOLTAGE, Volts
T =25 C
A
o
100
10
1
0.1
0.0110
30
50
70
90
T =25 C
A
o
ZENER VOLTAGE, Volts
ZENER VOLTAGE V.S. ZENER CURRENT


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BZX84C2V4WSilicon 200 mWatt Zener Diodes 1 2 3 4 Micro Commercial Components
SMBZ5230SILICON PLANAR ZENER DIODES 500mW SOT-23 PACKAGE  1 2 3 Surge Components
SMBJ59131.5W SILICON SURFACE MOUNT ZENER DIODES 1 2 Jinan Gude Electronic Device
MAZ4020Zener Diodes Silicon planar type 1 2 3 4 5 Panasonic Semiconductor
1N746SILICON PLANAR ZENER DIODES 1 2 3 GOOD-ARK Electronics
1N5221SILICON 500 mW ZENER DIODES 1 2 3 Microsemi Corporation
SMBJ4742SILICON 2.0 Watt ZENER DIODES 1 2 3 Microsemi Corporation
MAZ7051Zener Diodes Silicon planar type 1 2 3 4 Panasonic Semiconductor
1N5347BZener silicon diodes 1 2 Semikron International
1N5221SILICON PLANAR ZENER DIODES 1 2 3 Semtech Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn