Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZX84C2V4 Datasheet(PDF) 3 Page - Micro Commercial Components

Part No. BZX84C2V4
Description  Silicon 410 mWatt Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MCC [Micro Commercial Components]
Homepage  http://www.mccsemi.com
Logo 

BZX84C2V4 Datasheet(HTML) 3 Page - Micro Commercial Components

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BZX84C2V4 thru BZX84C39
www.mccsemi.com
MCC
TYPICAL REVERSE CURRENT
NOMINAL ZENER VOLTAGE, Volts
-1
0
1
2
3
4
5
6
7
8
12
11
10
9
8
7
6
5
4
3
2
-2
-3
STEADY STATE POWER DERATING
EFFECT OF ZENER VOLTAGE ON ZENER IMPEDANCE
100
10
1
1000
100
10
1
IZ =1mA
5mA
20 mA
NORMAL ZENER VOLTAGE, Volts
TJ=25 C
O
IZ(AC)=0.1I
F=1 kHZ
Z(DC)
TYPICAL FORWARD VOLTAGE
FORWARD VOLTAGE, Volts
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
1000
100
10
1
75 C
O
5C
O
25 C
O
150 C
O
TYPICAL CAPACITANCE
100
1000
100
10
1
10
1
BIAS AT
50% OF VZ NOM
0 V BIAS
1 V BIAS
NOMINAL ZENER VOLTAGE, Volts
T =25 C
A
o
100
10
1
NOMINAL ZENER VOLTAGE, Volts
10
100
TEMPERATURE ( C)
o
STEADY STATE POWER DERATING
1.2
1.0
0.8
0.6
0.4
0.2
0
150
125
100
75
50
25
PDV.S.TA
155


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BZX84C2V4WSilicon 200 mWatt Zener Diodes 1 2 3 4 Micro Commercial Components
SMBZ5230SILICON PLANAR ZENER DIODES 500mW SOT-23 PACKAGE  1 2 3 Surge Components
SMBJ59131.5W SILICON SURFACE MOUNT ZENER DIODES 1 2 Jinan Gude Electronic Device
MAZ4020Zener Diodes Silicon planar type 1 2 3 4 5 Panasonic Semiconductor
1N746SILICON PLANAR ZENER DIODES 1 2 3 GOOD-ARK Electronics
1N5221SILICON 500 mW ZENER DIODES 1 2 3 Microsemi Corporation
SMBJ4742SILICON 2.0 Watt ZENER DIODES 1 2 3 Microsemi Corporation
MAZ7051Zener Diodes Silicon planar type 1 2 3 4 Panasonic Semiconductor
1N5347BZener silicon diodes 1 2 Semikron International
1N5221SILICON PLANAR ZENER DIODES 1 2 3 Semtech Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn