Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UH8615 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UH8615
Description  HID LAMP CONTROLLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UH8615 Datasheet(HTML) 5 Page - Unisonic Technologies

  UH8615 Datasheet HTML 1Page - Unisonic Technologies UH8615 Datasheet HTML 2Page - Unisonic Technologies UH8615 Datasheet HTML 3Page - Unisonic Technologies UH8615 Datasheet HTML 4Page - Unisonic Technologies UH8615 Datasheet HTML 5Page - Unisonic Technologies UH8615 Datasheet HTML 6Page - Unisonic Technologies UH8615 Datasheet HTML 7Page - Unisonic Technologies UH8615 Datasheet HTML 8Page - Unisonic Technologies UH8615 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
UH8615
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 9
www.unisonic.com.tw
QW-R118-019.a
BLOCK DIAGRAM
delay
OSC
T Q
7 Bit Divider
T
Q
Q
50K
X1
100kHz
R
S
R
R
R
R
Q
5V
10V
+
-
X10
+
-
-
+
-
+
-
83mV
2.5V
2V
+
-
5V
5V
0.5V
0.82V
X1
0.268V
-
+
4.2V
10V
200nA
100nA
11nA
39nA
2.5V
0V
5V
+
-
Reference
+
-
Master
Bias
To Current Sinks
R S
Q
5.6V From
Boost
+
-
OSC
5V
250nA
BOOST
ISENSEIN
COMP
FB
VOUT SENSE
SLOPEC
LOAD ISENSE
LPOWER
WARMUPC
ADJ
5VREF
ISET
BYPASS
VCC
GND
WARMUPV
FLT
FLTC
NOTON
PWMOUT
QOUT
QOUT
PUMPOUT
50µA
IC Power
50k
390Hz
100nA
50nA
83k
10k
DIVPAUSE 24- BAT
20nA
VCC
15
9
17
19
12
14
13
6
20
16
1
10
28
8
3
7
5
2
11
27
26
23
18
21
24
22


Similar Part No. - UH8615

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UH8013G-AE3-R UTC-UH8013G-AE3-R Datasheet
152Kb / 4P
   HALL EFFECT MICRO SWITCH IC
UH8013G-AE3-R UTC-UH8013G-AE3-R Datasheet
195Kb / 4P
   Hall Effect Micro Switch IC
UH8013L-AE3-R UTC-UH8013L-AE3-R Datasheet
152Kb / 4P
   HALL EFFECT MICRO SWITCH IC
UH8100 UTC-UH8100 Datasheet
153Kb / 6P
   LOW POWER HALL EFFECT SWITCH
UH8100AG-AE3-R UTC-UH8100AG-AE3-R Datasheet
153Kb / 6P
   LOW POWER HALL EFFECT SWITCH
More results

Similar Description - UH8615

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2305DW TI-UCC2305DW Datasheet
393Kb / 14P
[Old version datasheet]   HID Lamp Controller
UCC2305 TI1-UCC2305_14 Datasheet
379Kb / 14P
[Old version datasheet]   HID Lamp Controller
UCC2305-Q1 TI1-UCC2305-Q1 Datasheet
683Kb / 16P
[Old version datasheet]   HID LAMP CONTROLLER
UCC2305 TI-UCC2305 Datasheet
258Kb / 9P
[Old version datasheet]   HID Lamp Controller
logo
Hirose Electric
GT15T-2024SCF HIROSE-GT15T-2024SCF Datasheet
165Kb / 7P
   HID Lamp DII Sockets
logo
International Rectifier
IRPLHID2A IRF-IRPLHID2A Datasheet
5Mb / 30P
   Drives 1 x 70W HID lamp
logo
Prolific Technology Inc...
PL23C3 PROLIFIC-PL23C3 Datasheet
118Kb / 1P
   USB HID to I2C Bridge Controller
PL23B3 PROLIFIC-PL23B3 Datasheet
119Kb / 1P
   USB HID to Serial Bridge Controller
PL23D3 PROLIFIC-PL23D3 Datasheet
118Kb / 1P
   USB HID to SPI Bridge Controller
logo
International Rectifier
IRPLHID2 IRF-IRPLHID2 Datasheet
1Mb / 30P
   HID Ballast for 70W Lamp Using the IRS2573D
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com