Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UH378G-G04-K Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UH378G-G04-K
Description  COMPLEMENTARY OUTPUTS HALL EFFECT LATCH IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UH378G-G04-K Datasheet(HTML) 1 Page - Unisonic Technologies

  UH378G-G04-K Datasheet HTML 1Page - Unisonic Technologies UH378G-G04-K Datasheet HTML 2Page - Unisonic Technologies UH378G-G04-K Datasheet HTML 3Page - Unisonic Technologies UH378G-G04-K Datasheet HTML 4Page - Unisonic Technologies UH378G-G04-K Datasheet HTML 5Page - Unisonic Technologies UH378G-G04-K Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UH378
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R118-012.C
ORDERING INFORMATION
Ordering Number
Package
Packing
UH378G-G04-K
SIP-4
Bulk
MARKING
COMPLEMENTARY OUTPUTS
HALL EFFECT LATCH IC
DESCRIPTION
The UTC UH378 is a Latch-Type Hall Effect sensor with built-in
complementary
output
drivers.
It’s
composed
of
internal
temperature compensation circuit and built-in protection diode to
prevent reverse power fault. It is aimed for brush-less DC Fan.
The outputs of the UH378 operate as the Hysteresis
Characteristics. The Outputs alternately switch between ON and
OFF when either the magnetic flux density is larger than threshold
BOP or the magnetic flux density is lower than BRP.
FEATURES
* Widen Power Supply range from 3V ~ 20V.
* On-chip Hall sensor with excellent hysteresis.
* Build-in reverse protection diode.
* TTL and MOS IC are directly drivable by the output
* The life is semi permanent because it employs contact-less parts


Similar Part No. - UH378G-G04-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UH378G-G04-K UTC-UH378G-G04-K Datasheet
214Kb / 6P
   COMPLEMENTARY OUTPUTS HALL EFFECT LATCH IC
More results

Similar Description - UH378G-G04-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UH277 UTC-UH277 Datasheet
107Kb / 6P
   COMPLEMENTARY OUTPUTS HALL EFFECT LATCH IC
UH276 UTC-UH276_12 Datasheet
211Kb / 5P
   COMPLEMENTARY OUTPUTS HALL EFFECT LATCH IC
UH276 UTC-UH276_15 Datasheet
208Kb / 5P
   COMPLEMENTARY OUTPUTS HALL EFFECT LATCH IC
UH276 UTC-UH276 Datasheet
104Kb / 5P
   COMPLEMENTARY OUTPUTS HALL EFFECT LATCH IC
UH378 UTC-UH378 Datasheet
214Kb / 6P
   COMPLEMENTARY OUTPUTS HALL EFFECT LATCH IC
UH277 UTC-UH277_12 Datasheet
229Kb / 5P
   COMPLEMENTARY OUTPUTS HALL EFFECT LATCH IC
UH277 UTC-UH277_15 Datasheet
234Kb / 5P
   COMPLEMENTARY OUTPUTS HALL EFFECT LATCH IC
logo
Winson Semiconductor Co...
WSH415 WINSON-WSH415_15 Datasheet
276Kb / 4P
   Hall Effect IC with Two complementary Outputs
WSH415 WINSON-WSH415 Datasheet
107Kb / 4P
   Hall Effect IC with Two complementary Outputs
logo
Diodes Incorporated
AH277A DIODES-AH277A Datasheet
857Kb / 10P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com