Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CONREVSMA013.062 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CONREVSMA013.062
Description  RP-SMA MALE EDGE MOUNT FOR 0.062 THICK BOARD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CONREVSMA013.062 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CONREVSMA013.062 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTES: (UNLESS OTHERWISE SPECIFIED)
1. ALL DIMENSIONS ARE IN INCHES [mm].
2. DIMENSIONS APPLY AFTER FINISHING.
3. MANUFACTURE TO BE COMPLIANT WITH EU RoHS DIRECTIVE.
4. SAFETY BREAK ALL SHARP CORNERS AND EDGES .02 MAXIMUM.
REVISIONS
REV
DESCRIPTION
DATE
APPV
SHEET 1 OF 1
LDCFDCC_A
SCALE: 2:1
A
TITLE:
SIZE DWG. NO.
REV
DO NOT SCALE DRAWING
ANGLES: 1
TOLERANCES:
.020 [0.50]-.200 [5.00]= .008 [0.20]
.200 [5.00]-1.200 [30.00]= .016 [0.40]
1.20 [30.0]-4.75 [120.0]= .024 [0.60]
4.75 [120.0]-12.40 [315.0]= .040 [1.0]
DRAWN:
ENGR:
DT:
DT:
MATERIAL:
FINISH:
PROJECTION:
WARNING: THIS DRAWING CONTAINS PROPRIETARY INFORMATION
THAT IS THE SOLE PROPERTY OF CONNECTOR CITY, AND SHALL BE
TREATED AS SUCH. NO DISCLOSURE OR REPRODUCTION OF THIS
DOCUMENT IS PERMITTED, IN WHOLE OR IN PART, WITHOUT THE
EXPRESS WRITTEN PERMISSION OF CONNECTOR CITY OR ITS
DESIGNATED AGENTS.
159 ORT LANE
MERLIN, OR 97532
Description
Material
Finish
Body
Socket
Insulation
Nickel
Teflon
Gold
Teflon
Washer
Gold
PH Bronze
Gasket
Rubber
SI Rubber
Brass
BE CU
B
CJ
7/30/09
B
Revised Footprint Dimension
30-Jul-09
CJ
RECOMMENDED FOOTPRINT
0.20
0.06
0.10
0.10
0.065
(1.65)
0.500
(12.70)
0.187
(4.75)
0.687
(17.45)
0.250
(6.35)
0.010
(1.00)
0.010
(1.00)
0.030
(0.75)
0.040 (1.02)
0.680 (1.73)
0.072 (1.84)
0.250
(6.35)
SIDE VIEW
BACK VIEW
1/4-36UNS-2A
THREADS
RP-SMA MALE EDGE MOUNT
FOR 0.062" THICK BOARD
CONREVSMA013.062


Similar Part No. - CONREVSMA013.062

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONREVSMA013.031 ETC2-CONREVSMA013.031 Datasheet
222Kb / 1P
   RP-SMA MALE EDGE MOUNT FOR 0.031 THICK BOARD
More results

Similar Description - CONREVSMA013.062

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
CONREVSMA003.062-G LINX-CONREVSMA003.062-G Datasheet
355Kb / 3P
   RP-SMA FEMALE EDGE MOUNT FOR 0.062" THICK BOARD
21/JAN/19
logo
List of Unclassifed Man...
CONREVSMA013.031 ETC2-CONREVSMA013.031 Datasheet
222Kb / 1P
   RP-SMA MALE EDGE MOUNT FOR 0.031 THICK BOARD
CONREVSMA006.062 ETC2-CONREVSMA006.062 Datasheet
208Kb / 1P
   RP-SMA FEMALE EDGE MULTI-MOUNT FOR 0.062 THICK BOARD
logo
Linx Technologies
CONREVSMA006.062-G LINX-CONREVSMA006.062-G Datasheet
403Kb / 3P
   RP-SMA FEMALE EDGE MULTI-MOUNT FOR 0.062 THICK BOARD
21/JAN/19
logo
List of Unclassifed Man...
CONREVSMA003.062-L ETC2-CONREVSMA003.062-L Datasheet
163Kb / 1P
   RP-SMA FEMALE EDGE MOUNT FOR 0.062 THICK BOARD, EXTENDED
CONSMA013.062 ETC2-CONSMA013.062 Datasheet
225Kb / 1P
   SMA MALE EDGE MOUNT FOR 0.062 THICK BOARD
CONREVSMA009 ETC2-CONREVSMA009 Datasheet
183Kb / 1P
   RP-SMA FEMALE RIGHT ANGLE EDGE MULTI-MOUNT FOR 0.062 THICK BOARD
CONREVSMA003.031 ETC2-CONREVSMA003.031 Datasheet
164Kb / 1P
   RP-SMA FEMALE EDGE MOUNT FOR 0.031" THICK BOARD
CONSMA003.062 ETC2-CONSMA003.062 Datasheet
148Kb / 1P
   SMA FEMALE EDGE MOUNT FOR 0.062 THICK BOARD
logo
Linx Technologies
CONSMA003.062-G LINX-CONSMA003.062-G Datasheet
363Kb / 3P
   SMA FEMALE EDGE MOUNT FOR 0.062" THICK BOARD
21/JAN/19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com