Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

U74LVX4052 Datasheet(PDF) 1 Page - Unisonic Technologies

Part No. U74LVX4052
Description  DUAL 4-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVX4052 Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVX4052_15 Datasheet HTML 1Page - Unisonic Technologies U74LVX4052_15 Datasheet HTML 2Page - Unisonic Technologies U74LVX4052_15 Datasheet HTML 3Page - Unisonic Technologies U74LVX4052_15 Datasheet HTML 4Page - Unisonic Technologies U74LVX4052_15 Datasheet HTML 5Page - Unisonic Technologies U74LVX4052_15 Datasheet HTML 6Page - Unisonic Technologies U74LVX4052_15 Datasheet HTML 7Page - Unisonic Technologies U74LVX4052_15 Datasheet HTML 8Page - Unisonic Technologies U74LVX4052_15 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVX4052
CMOS IC
www.unisonic.com.tw
1 of 10
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-950.D
Dual 4-Channel Analog
Multiplexer/Demultiplexer
DESCRIPTION
The U74LVX4052 is a high speed, low-voltage drive analog
multiplexer/demultiplexer using silicon gate CMOS technology. In 3V
and 5V systems these can achieve high-speed operation with the
low power dissipation that is a feature of CMOS.
The U74LVX4052 offer analog/digital signal selection as well as
mixed signals wish a 4-Channel×2 configuration.
The switchses for each channel are turned on by the control pin
digital signals.
Although the control signal logical amplitude (VCC-GND) is
small,the device can perform large-amplitude (VCC-VEE) signal
switching.
For example, if VCC=3V, GND=0V and VEE=-3V, signals between
-3V and +3V can be switched from the logical circuit using a signal
3V power supply.
All input pins are equipped with a newly developed input
protection circuit that avoids the need for a diode on the plus side
(forword side from the input to the VCC).As a result, for example, 5V
signals can be permitted on the inputs even when the power supply
voltage to the circuits is off. As a result of this input power protection,
the U74LVX4052 can be used in a variety of applications, including
in the system which has two power supplies, and in battery bachup
circuits.
FEATURES
* Low ON resistance: RON=22Ω(Typ.)(VCC-VEE=3V)
*
RON=15Ω(Typ.)(VCC-VEE=6V)
* High Speed: tpd=3ns (Typ.)(VCC=3V)
* Low power Dissipation: ICC=4μA (Max.)(TA=25°C)
* Input level: VIL=0.8V(Max.)(VCC=3V)
VIH=2.0V(Min.)(VCC=3V)
* Power down protection is provided on all control inputs
* Pin and function compatible with U74HC4052
ORDERING INFORMATION
Ordering Number
Package
Packing
U74LVX4052G-P16-R
TSSOP-16
Tape Reel
U74HC4051G-Q16-3030-R
QFN-16(3×3)
Tape Reel


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn