Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U18L-G03-K Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U18L-G03-K
Description  BIPOLAR LATCH TYPE HALL EFFECT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U18L-G03-K Datasheet(HTML) 4 Page - Unisonic Technologies

  U18L-G03-K Datasheet HTML 1Page - Unisonic Technologies U18L-G03-K Datasheet HTML 2Page - Unisonic Technologies U18L-G03-K Datasheet HTML 3Page - Unisonic Technologies U18L-G03-K Datasheet HTML 4Page - Unisonic Technologies U18L-G03-K Datasheet HTML 5Page - Unisonic Technologies U18L-G03-K Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U18
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R118-007,A
PACKAGE INFORMATION
SIP-3
4.1 mm
0.95 mm
2.01 mm
3.0 mm
Fig. 1 SENSOR LOCATIONS
13
S
N
Marked face
1. Vcc
2. GND
3. Output
2
SIP-3
Bh
Bop
0
Brp
H
L
Vout
Magnetic flux density
Fig. 2 APPLYING DIRECTION OF MAGNETIC FLUX


Similar Part No. - U18L-G03-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U18L-G03-K UTC-U18L-G03-K Datasheet
62Kb / 6P
   BIPOLAR LATCH TYPE HALL-EFFECT FOR HIGH-TEMPERARURE OPERATION
More results

Similar Description - U18L-G03-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SK1816A UTC-SK1816A Datasheet
171Kb / 5P
   BIPOLAR LATCH TYPE HALL EFFECT
SK1816M UTC-SK1816M Datasheet
200Kb / 6P
   BIPOLAR LATCH TYPE HALL EFFECT
SK1816 UTC-SK1816_15 Datasheet
278Kb / 8P
   BIPOLAR LATCH TYPE HALL EFFECT
logo
Rohm
BU52040HFV ROHM-BU52040HFV Datasheet
199Kb / 5P
   Bipolar latch type Hall effect IC
logo
Seiko Instruments Inc
S-5742NBL0B-Y3N2U SII-S-5742NBL0B-Y3N2U Datasheet
1Mb / 21P
   BIPOLAR HALL EFFECT LATCH
logo
Allegro MicroSystems
A1250LLHLT-T ALLEGRO-A1250LLHLT-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250 ALLEGRO-A1250 Datasheet
365Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250LUA-T ALLEGRO-A1250LUA-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250 ALLEGRO-A1250_16 Datasheet
950Kb / 12P
   Hall-Effect Latch / Bipolar Switch
logo
Infineon Technologies A...
TLE4946K INFINEON-TLE4946K Datasheet
703Kb / 19P
   High Precision Bipolar Hall-Effect Latch
Rev 1.0, September 2007
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com