Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHX3068-QDG Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHX3068-QDG
Description  15-30GHz Frequency Multiplier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHX3068-QDG Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHX3068-QDG Datasheet HTML 1Page - United Monolithic Semiconductors CHX3068-QDG Datasheet HTML 2Page - United Monolithic Semiconductors CHX3068-QDG Datasheet HTML 3Page - United Monolithic Semiconductors CHX3068-QDG Datasheet HTML 4Page - United Monolithic Semiconductors CHX3068-QDG Datasheet HTML 5Page - United Monolithic Semiconductors CHX3068-QDG Datasheet HTML 6Page - United Monolithic Semiconductors CHX3068-QDG Datasheet HTML 7Page - United Monolithic Semiconductors CHX3068-QDG Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CHX3068-QDG
RoHS COMPLIANT
Ref: DSCHX3068-QDG1061 - 02 Mar 11
1/8
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - BP46 - 91401 Orsay Cedex France
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
15-30GHz Frequency Multiplier
GaAs Monolithic Microwave IC in SMD leadless package
Description
The CHX3068-QDG is a Ka-band frequency
multiplier monolithic integrated circuit. Typical
applications are for telecommunication such as
DVB-RCS.
The circuit is manufactured with a pHEMT
process, 0.25µm gate length, via holes through
the substrate, air bridges and electron beam
gate lithography.
It is supplied in lead-free SMD package
.
Main Features
■ 14 to 15 GHz input frequency
■ Input and output integrated buffers
■ 20dBm output power
■ Low input power: 0 to 5dBm
■ DC bias 270mA @ 4V
■ 24L-QFN4X4 SMD package
■ MSL 1
Main Characteristics
Tamb. = 25°C, Vd = 4.V typical consumption
270mA
Symbol
Parameter
Min
Typ
Max
Unit
Fin
Input frequency range
14
15
GHz
Fout
Output frequency range
28
30
GHz
Pin
Input power
0
5
dBm
Pout
Output power
20
dBm
ESD Protections: Electrostatic discharge sensitive device observe handling precautions!
UMS
A3667A
YYWWG
UMS
A3667A
YYWWG
UMS
A3688A
YYWWG
UMS
A3667A
YYWWG
UMS
A3667A
YYWWG
UMS
A3688A
YYWWG
UMS
X3068
YYWW
Pout_H2
Pout_H1
Pout_H3
Pout (dBm)
Fin (GHz)


Similar Part No. - CHX3068-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHX3068-QDG UMS-CHX3068-QDG Datasheet
349Kb / 8P
   15-30GHz Frequency Multiplier
More results

Similar Description - CHX3068-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHX3068-QDG UMS-CHX3068-QDG Datasheet
349Kb / 8P
   15-30GHz Frequency Multiplier
CHX2093A UMS-CHX2093A_07 Datasheet
323Kb / 6P
   10-30GHz Frequency Multiplier
MUX-PO9824 UMS-MUX-PO9824 Datasheet
212Kb / 6P
   7.5-30GHz Frequency Multiplier
CHX2093A UMS-CHX2093A Datasheet
76Kb / 5P
   10-30GHz Frequency Multiplier
CHX2095A99F UMS-CHX2095A99F Datasheet
351Kb / 8P
   7.5-30GHz Frequency Multiplier
CHX2095 UMS-CHX2095 Datasheet
146Kb / 6P
   7.5-30GHz Frequency Multiplier
CHX2095 UMS-CHX2095_15 Datasheet
146Kb / 6P
   7.5-30GHz Frequency Multiplier
logo
Eudyna Devices Inc
FMM5125X EUDYNA-FMM5125X Datasheet
230Kb / 9P
   15/60GHz Frequency Multiplier MMIC
logo
Mini-Circuits
RMK-3-722++ MINI-RMK-3-722+ Datasheet
151Kb / 1P
   Frequency Multiplier
RMK-5-83 MINI-RMK-5-83 Datasheet
315Kb / 3P
   Frequency Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com