Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHX3068-QDG Datasheet(PDF) 7 Page - United Monolithic Semiconductors

Part # CHX3068-QDG
Description  15-30GHz Frequency Multiplier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHX3068-QDG Datasheet(HTML) 7 Page - United Monolithic Semiconductors

  CHX3068-QDG Datasheet HTML 1Page - United Monolithic Semiconductors CHX3068-QDG Datasheet HTML 2Page - United Monolithic Semiconductors CHX3068-QDG Datasheet HTML 3Page - United Monolithic Semiconductors CHX3068-QDG Datasheet HTML 4Page - United Monolithic Semiconductors CHX3068-QDG Datasheet HTML 5Page - United Monolithic Semiconductors CHX3068-QDG Datasheet HTML 6Page - United Monolithic Semiconductors CHX3068-QDG Datasheet HTML 7Page - United Monolithic Semiconductors CHX3068-QDG Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
15-30GHz Frequency Multiplier
CHX3068-QDG
Ref. DSCHX3068-QDG1061 - 02 Mar 11
7/8
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Chip schematic and biasing
.
Biasing :
-Vd0=Vd1,2=Vd3=Vd4=4V
-Adjust Vg to achieve Id4=115mA
typically Vg=-1.8V)
Id0+Id1,2+Id3+Id4
270mA


Similar Part No. - CHX3068-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHX3068-QDG UMS-CHX3068-QDG Datasheet
349Kb / 8P
   15-30GHz Frequency Multiplier
More results

Similar Description - CHX3068-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHX3068-QDG UMS-CHX3068-QDG Datasheet
349Kb / 8P
   15-30GHz Frequency Multiplier
CHX2093A UMS-CHX2093A_07 Datasheet
323Kb / 6P
   10-30GHz Frequency Multiplier
MUX-PO9824 UMS-MUX-PO9824 Datasheet
212Kb / 6P
   7.5-30GHz Frequency Multiplier
CHX2093A UMS-CHX2093A Datasheet
76Kb / 5P
   10-30GHz Frequency Multiplier
CHX2095A99F UMS-CHX2095A99F Datasheet
351Kb / 8P
   7.5-30GHz Frequency Multiplier
CHX2095 UMS-CHX2095 Datasheet
146Kb / 6P
   7.5-30GHz Frequency Multiplier
CHX2095 UMS-CHX2095_15 Datasheet
146Kb / 6P
   7.5-30GHz Frequency Multiplier
logo
Eudyna Devices Inc
FMM5125X EUDYNA-FMM5125X Datasheet
230Kb / 9P
   15/60GHz Frequency Multiplier MMIC
logo
Mini-Circuits
RMK-3-722++ MINI-RMK-3-722+ Datasheet
151Kb / 1P
   Frequency Multiplier
RMK-5-83 MINI-RMK-5-83 Datasheet
315Kb / 3P
   Frequency Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com